Electronic Components Datasheet Search
  English  ▼

X  

ETA1020 Datasheet(PDF) 1 Page - ETA SOLUTIONS CO. LIMITED

Part # ETA1020
Description  3-pin Low Voltage Startup, 1MHz 500mA Synchronous Step-Up DC-DC
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETA [ETA SOLUTIONS CO. LIMITED]
Direct Link  http://www.etasolution.com
Logo ETA - ETA SOLUTIONS CO. LIMITED

ETA1020 Datasheet(HTML) 1 Page - ETA SOLUTIONS CO. LIMITED

  ETA1020 Datasheet HTML 1Page - ETA SOLUTIONS CO. LIMITED  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
ETA1020
www.ETAsolution.com
Outperform with Efficiency
Proprietary Information DO NOT Distribute
1
3-pin Low Voltage Startup, 1MHz 500mA Synchronous Step-Up DC-DC
FEATURES
Low Vin Start-up Voltage down to 850mV Ideal for
Single Alkaline Cell operations
Capable of delivering 500mA output current at
Vin=3.0V, V out=3.3V
1MHz Switching Frequency allows small inductor and
output cap
Input boost-strapping allows using small or no input
cap
Low Noise PWM control
Internally Compensated Current Mode Control
Internal Synchronous Rectifier
Logic Control Shutdown (IQ<1uA)
Available in SOT89-3
APPLICATIONS
DESCRIPTION
The ETA1020 is a step-up converter that provides a boosted
output voltage from a low voltage source. Because of its
proprietary design, it starts up at a very low input voltage
down to 850mV, making it an ideal choice for single cell
alkaline/NiMH battery operations.
A switching frequency of 1MHz minimizes solution footprint
by allowing the use of tiny, low profile inductors and
ceramic capacitors. The current mode PWM design is
internally compensated, reducing external parts count.
ETA1020 is housed in a tiny SOT23-5 package.
Medical Instruments
Bluetooth Headsets
Flash-Based MP3 Players
Wireless Mice
One to Three Cell Battery Operated Devices
TYPICAL APPLICATION
G
SW
OUT
ETA1020
VOUT
0.47uF
4.7uH
4.7uF
SOT89 3-PIN 3.3V/5.0V Boost converter
VIN


Similar Part No. - ETA1020

ManufacturerPart #DatasheetDescription
logo
ETA SOLUTIONS CO. LIMIT...
ETA1013 ETA-ETA1013 Datasheet
212Kb / 1P
12W Output Power, Programmable Frequency up to 1MHz Step-Up Converter
ETA1013E8A-T ETA-ETA1013E8A-T Datasheet
212Kb / 1P
12W Output Power, Programmable Frequency up to 1MHz Step-Up Converter
ETA1017 ETA-ETA1017 Datasheet
118Kb / 1P
10關A IQ, 0.85V Startup, 1MHz, 300mA IOUT Synchronous Step-Up DC-DC
ETA1019 ETA-ETA1019 Datasheet
188Kb / 1P
Low Voltage Startup, 1MHz 500mA Synchronous Step-Up DC-DC
ETA1035 ETA-ETA1035 Datasheet
203Kb / 1P
3W, 0.85V Startup Voltage, Synchronous Step-Up Converter with Real-Shutdown and Short-Circuit Protection
More results

Similar Description - ETA1020

ManufacturerPart #DatasheetDescription
logo
Power Analog Micoelectr...
PAM2400 PAM-PAM2400 Datasheet
203Kb / 14P
3-Pin Synchronous Step-Up DC/DC Converter
logo
Linear Technology
LTC3526 LINER-LTC3526 Datasheet
257Kb / 16P
500mA 1MHz Synchronous Step-Up DC/DC Converters in 2mm X 2mm DFN
LTC3526EDC LINER-LTC3526EDC Datasheet
286Kb / 16P
500mA 1MHz Synchronous Step-Up DC/DC Converters in 2mm X 2mm DFN
LTC3526 LINER-LTC3526_15 Datasheet
336Kb / 16P
500mA 1MHz Synchronous Step-Up DC/DC Converters
LTC3526B LINER-LTC3526B_15 Datasheet
336Kb / 16P
500mA 1MHz Synchronous Step-Up DC/DC Converters
LTC3528B LINER-LTC3528B_15 Datasheet
337Kb / 18P
1A, 1MHz Synchronous Step-Up DC/DC Converters
logo
SHANGHAI BELLING CO., L...
BL8542C BELLING-BL8542C Datasheet
329Kb / 6P
Low Voltage Startup, 1MHz 500mA Synchronous Step-Up DC-DC
logo
ETA SOLUTIONS CO. LIMIT...
ETA1017 ETA-ETA1017 Datasheet
118Kb / 1P
10關A IQ, 0.85V Startup, 1MHz, 300mA IOUT Synchronous Step-Up DC-DC
ETA1019 ETA-ETA1019 Datasheet
188Kb / 1P
Low Voltage Startup, 1MHz 500mA Synchronous Step-Up DC-DC
logo
AiT Semiconductor Inc.
A7534 AITSEMI-A7534 Datasheet
649Kb / 9P
DC-DC CONVERTER BOOST (STEP-UP) 0.9V STARTUP, 1MHz, 300mA IOUT, LOW IQ, SYNCHRONOUS
REV1.2
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com