Electronic Components Datasheet Search
  English  ▼

X  

ETA1035 Datasheet(PDF) 1 Page - ETA SOLUTIONS CO. LIMITED

Part # ETA1035
Description  3W, 0.85V Startup Voltage, Synchronous Step-Up Converter with Real-Shutdown and Short-Circuit Protection
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETA [ETA SOLUTIONS CO. LIMITED]
Direct Link  http://www.etasolution.com
Logo ETA - ETA SOLUTIONS CO. LIMITED

ETA1035 Datasheet(HTML) 1 Page - ETA SOLUTIONS CO. LIMITED

  ETA1035 Datasheet HTML 1Page - ETA SOLUTIONS CO. LIMITED  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
ETA1035
www.ETAsolution.com
Outperform with Efficiency
Proprietary Information DO NOT Distribute
1
3W, 0.85V Startup Voltage, Synchronous Step-Up Converter with
Real-Shutdown and Short-Circuit Protection
DESCRIPTION
The ETA1035 is a high efficiency synchronous step-up
converter that can provide up to 3W of power to a boosted
output from a low voltage source. Unlike most step-up
converter, not only it starts up at a very low input voltage
as low as 0.85V, it also incorporates circuits that
disconnect the input from output, during shutdown,
short-circuit, output current overloading, or other events
when output is higher than the input. This eliminates the
need for an external MOSFET and its control circuitry to
disconnect the input from output, and provides robust
output overload protection.
The ETA1035 starts up from a voltage as low as 0.85V
making it ideal for applications with single-cell or two-cell
alkaline, NiCd, and NiMh batteries. A switching frequency of
2MHz minimizes solution footprint by allowing the use of
tiny and low profile inductors and ceramic capacitors. An
internal synchronous MOSFET provides highest efficiency
and with a current mode control that is internally
compensated, external parts count is reduced to minimal.
FEATURES
Output Disconnect
Short-circuit Protection
3W Output Power
Output to Input Reversed Current Protection
0.85V Low Start-up Voltage
VIN range from 0.6V to 4.5V
Up to 96% Efficiency
40μA No load IQ and light load PFM Mode
Internal Synchronous Rectifier
Current Mode control
Logic Control Shutdown and Thermal shutdown
DFN2x2-6 Package
APPLICATIONS
USB OTG for MIDs, Smartphones
Mobile back-up Battery Chargers
Alkaline, NiCd, and NiMh batteries applications
USB powered devices
ORDERING INFORMATION
PART #
PACKAGE PIN
TOP MARK
ETA1035D2G-T
DFN2x2-6
DPYW
Date Code
Product Number
TYPICAL APPLICATION
ETA1035
GND
FB
IN
OUT
VOUT
3.3V/0.8A
2.2μH
EN
4.7μF
6.3V
22μF
5
1
3
2
4
SW
VIN 1.8V
6
2.2nF *needed if Vout>4,5V
0%
20%
40%
60%
80%
100%
0.01
0.1
1
IOUT (A)
Efficiency Vs IOUT
VIN=3V
VIN=2.4V
VIN=1.8V
VIN=1.2V
VOUT=3.3V


Similar Part No. - ETA1035

ManufacturerPart #DatasheetDescription
logo
ETA SOLUTIONS CO. LIMIT...
ETA1036 ETA-ETA1036 Datasheet
204Kb / 1P
3W, 0.85V Startup Voltage, Synchronous Step-Up Converter with Real-Shutdown and Short-Circuit Protection in SOT23-5
ETA1036-21S2F-T ETA-ETA1036-21S2F-T Datasheet
204Kb / 1P
3W, 0.85V Startup Voltage, Synchronous Step-Up Converter with Real-Shutdown and Short-Circuit Protection in SOT23-5
ETA1036-33S2F-T ETA-ETA1036-33S2F-T Datasheet
204Kb / 1P
3W, 0.85V Startup Voltage, Synchronous Step-Up Converter with Real-Shutdown and Short-Circuit Protection in SOT23-5
ETA1036-50S2F-T ETA-ETA1036-50S2F-T Datasheet
204Kb / 1P
3W, 0.85V Startup Voltage, Synchronous Step-Up Converter with Real-Shutdown and Short-Circuit Protection in SOT23-5
More results

Similar Description - ETA1035

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
LM4510 NSC-LM4510 Datasheet
2Mb / 18P
Synchronous Step-Up DC/DC Converter with True Shutdown Isolation
logo
ACE Technology Co., LTD...
ACE708 ACE-ACE708 Datasheet
184Kb / 8P
300mA Iout, 0.85V startup, 1MHz, Synchronous Boost Converter
VER 1.2
logo
SHANGHAI BELLING CO., L...
BL8542B BELLING-BL8542B Datasheet
535Kb / 6P
0.85V startup, 1MHz, 300mA Iout, Synchronous Boost Converter
logo
ACE Technology Co., LTD...
ACE708 ACE-ACE708_12 Datasheet
881Kb / 8P
300mA Iout, 0.85V startup, 1.2MHz, Synchronous Boost Converter
VER 1.4
ACE708C ACE-ACE708C Datasheet
946Kb / 8P
0.85V startup, 1MHz, 300mA Iout, Low Iq, Synchronous Boost Converter
VER 1.2
ACE709G ACE-ACE709G Datasheet
687Kb / 11P
0.85V Startup Voltage, Synchronous Step-Up Converter
VER 1.1
ACE719E ACE-ACE719E Datasheet
733Kb / 10P
3W, 0.85V Startup Voltage, Synchronous Step-Up Converter with Real-Shutdown and Short-Circuit Protection
VER 1.2
logo
ETA SOLUTIONS CO. LIMIT...
ETA1017 ETA-ETA1017 Datasheet
118Kb / 1P
10關A IQ, 0.85V Startup, 1MHz, 300mA IOUT Synchronous Step-Up DC-DC
ETA1036 ETA-ETA1036 Datasheet
204Kb / 1P
3W, 0.85V Startup Voltage, Synchronous Step-Up Converter with Real-Shutdown and Short-Circuit Protection in SOT23-5
logo
Shenzhen Huazhimei Semi...
HM6310 HMSEMI-HM6310 Datasheet
499Kb / 6P
3W, 0.85V Startup Voltage, Synchronous Step-Up Converter
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com