Electronic Components Datasheet Search
  English  ▼

X  

ETA1087 Datasheet(PDF) 1 Page - ETA SOLUTIONS CO. LIMITED

Part # ETA1087
Description  5V/2.5A Output, 1MHz Synchronous Step-Up Converter with DCP emulator
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETA [ETA SOLUTIONS CO. LIMITED]
Direct Link  http://www.etasolution.com
Logo ETA - ETA SOLUTIONS CO. LIMITED

ETA1087 Datasheet(HTML) 1 Page - ETA SOLUTIONS CO. LIMITED

  ETA1087 Datasheet HTML 1Page - ETA SOLUTIONS CO. LIMITED  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
ETA1087
www.etasolution.com
1
Powering Minds of the Smart
5V/2.5A Output, 1MHz Synchronous Step-Up Converter with DCP emulator
DESCRIPTION
FEATURES
ETA1087 is an ETA Solutions’ high efficiency, high frequency
synchronous Step-Up converter, capable of delivering output
current up to 2.5A at a 5V output from input as low as 3.3V.
With a low Rdson Power MOS and a built-in synchronous
rectifier, its efficiency can be as high as 93% at a 5V/2.1A load.
This greatly minimizes power dissipation and reduces heat on
the IC, making it ideal for applications that require small board
space and have stringent temperature constraints, such as
power banks and mobile devices. ETA1087 also integrates an
USB emulator that provides correct electrical signature on the
D+/D- for charging compliant devices. ETA1087 also
incorporates ETA Solutions’ True-Shutoff○R technology that
protects against overload and short-circuit conditions. All of
these features are integrated in a tiny DFN3x3-12 package.
With 1MHz switching frequency, small external input and output
capacitors and inductor can be used.
Up to 97% Energy Converting Efficiency
Up to 2.5A output current at 5V output, 3.3V input
Dedicated Charging Port (DCP) emulator
True Shut off during shutdown and output short-
circuit protection
Thermal Shutdown
DFN3x3-12
APPLICATIONS
Power Bank
Mobile 3G/4G WLAN
Mobile Bluetooth music player and speaker
ORDERING INFORMATION
PART ID
PACKAGE
TOP MARK
ETA1087D3M
DFN3X3-12
ETA1087
YWW2L
TYPICAL APPLICATION
SW
IN
22uF
10uF
VIN
OUT
2.2uH
PGND
AGND
EN
22uF
D+/D-
ETA1087
`
VOUT
5V
VBUS
D-
D+
GND
USB Port
2.5A Output Synchronous Boost with USB DCP Emulator


Similar Part No. - ETA1087

ManufacturerPart #DatasheetDescription
logo
ETA SOLUTIONS CO. LIMIT...
ETA1088 ETA-ETA1088 Datasheet
190Kb / 1P
5V/2A Output, 1MHz Synchronous Step-Up Converter with DCP emulator
ETA1088D3M ETA-ETA1088D3M Datasheet
190Kb / 1P
5V/2A Output, 1MHz Synchronous Step-Up Converter with DCP emulator
ETA1089 ETA-ETA1089 Datasheet
189Kb / 1P
5V/2.5A Output, 1MHz Synchronous Step-Up Converter with DCP emulator
ETA1089D3M ETA-ETA1089D3M Datasheet
189Kb / 1P
5V/2.5A Output, 1MHz Synchronous Step-Up Converter with DCP emulator
More results

Similar Description - ETA1087

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LTC3122 LINER-LTC3122_15 Datasheet
505Kb / 26P
15V, 2.5A Synchronous Step-Up DC/DC Converter with Output Disconnect
logo
ACE Technology Co., LTD...
ACE712E ACE-ACE712E Datasheet
432Kb / 8P
5V - 2A Output, 1MHz Synchronous Step-Up Converter with DCP emulator
VER 1.1
logo
Seaward Electronics Inc...
SE3507 SEAWARD-SE3507 Datasheet
441Kb / 7P
1MHz, 2.5A Step-up Current Mode PWM Converter
logo
Monolithic Power System...
MP3414 MPS-MP3414 Datasheet
480Kb / 14P
1.8A,1MHz, Synchronous, Step-up Converter with Output Disconnect
MP3415 MPS-MP3415 Datasheet
673Kb / 17P
3.6A, 1MHz, Synchronous, Step-Up Converter with Output Disconnect
logo
Linear Technology
LTC3122 LINER-LTC3122 Datasheet
505Kb / 26P
15V, 2.5A Synchronous Step-Up DC/DC Converter with Output Disconnect
logo
Monolithic Power System...
EV3415-G-00A MPS-EV3415-G-00A Datasheet
477Kb / 7P
3.6A, 1MHz Synchronous Step-up Converter with Output Disconnect Evaluation Board
logo
Feeling Technology Corp...
FP6291 FEELING-FP6291 Datasheet
361Kb / 11P
1MHz, 2.5A Step-Up Current Mode PWM Converter
logo
ETA SOLUTIONS CO. LIMIT...
ETA1088 ETA-ETA1088 Datasheet
190Kb / 1P
5V/2A Output, 1MHz Synchronous Step-Up Converter with DCP emulator
ETA1089 ETA-ETA1089 Datasheet
189Kb / 1P
5V/2.5A Output, 1MHz Synchronous Step-Up Converter with DCP emulator
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com