Electronic Components Datasheet Search
  English  ▼

X  

ETA1092 Datasheet(PDF) 1 Page - ETA SOLUTIONS CO. LIMITED

Part # ETA1092
Description  1MHz High Output current High Efficiency Synchronous Step-Up Converter
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETA [ETA SOLUTIONS CO. LIMITED]
Direct Link  http://www.etasolution.com
Logo ETA - ETA SOLUTIONS CO. LIMITED

ETA1092 Datasheet(HTML) 1 Page - ETA SOLUTIONS CO. LIMITED

  ETA1092 Datasheet HTML 1Page - ETA SOLUTIONS CO. LIMITED  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
ETA1092
 
 
www.etasolution.com 
1 
Powering Minds of the Smart 
1MHz High Output current High Efficiency Synchronous Step-Up Converter
 
DESCRIPTION 
FEATURES
ETA1092 is an ETA Solutions’ high efficiency, high frequency
synchronous Step-Up converter, capable of delivering output
current up to 3A at a 5V output from a 3.6V input. With a low
Rdson Power MOS and a built-in synchronous rectifier, its
efficiency can be as high as 93% at a 5V/2.1A load. This greatly
minimizes power dissipation and reduces heat on the IC,
making it ideal for applications that require small board space
and have stringent temperature constraints, such as power
banks and mobile devices. ETA1092 also incorporates ETA
Solutions’ True-Shutoff○R technology that protects against
overload and short-circuit conditions. All of these features are
integrated in a tiny QFN3x3-16 package. With 1MHz switching
frequency, small external input and output capacitors and
inductor can be used.
 
Up to 97% Energy Converting Efficiency
Up to 3A output current at 5V output, 3.6V input
Externally adjustable output voltage
True Shut off during shutdown and output short-
circuit protection
Thermal Shutdown
QFN3x3-16
 
APPLICATIONS
3G/4G PCI-e module
Power Bank
Mobile 3G/4G Mi-Fi
 
ORDERING INFORMATION
PART
PACKAGE PIN
TOP MARK
ETA1092Q3Q
QFN3x3-16
ETA1092
YWW2L
  
TYPICAL APPLICATION
 
 
Typical Application Circuit 


Similar Part No. - ETA1092

ManufacturerPart #DatasheetDescription
logo
ETA SOLUTIONS CO. LIMIT...
ETA1090 ETA-ETA1090 Datasheet
188Kb / 1P
1MHz High Output current High Efficiency Synchronous Step-Up Converter
ETA1090D3M ETA-ETA1090D3M Datasheet
188Kb / 1P
1MHz High Output current High Efficiency Synchronous Step-Up Converter
ETA1093 ETA-ETA1093 Datasheet
191Kb / 1P
1MHz, Forced-PWM, High Output current Synchronous Step-Up Converter
ETA1093Q3Q ETA-ETA1093Q3Q Datasheet
191Kb / 1P
1MHz, Forced-PWM, High Output current Synchronous Step-Up Converter
More results

Similar Description - ETA1092

ManufacturerPart #DatasheetDescription
logo
Anpec Electronics Corop...
APW7207 ANPEC-APW7207_12 Datasheet
392Kb / 18P
1MHz, High-Efficiency, Step-Up Converter for White LEDs
logo
E-CMOS Corporation
EC4513 E-CMOS-EC4513 Datasheet
1,017Kb / 15P
High Efficiency 1MHz, Step up Regulator
logo
Monolithic Power System...
MP1470H MPS-MP1470H Datasheet
807Kb / 19P
High-Efficiency, 2A, 16V, 1MHz Synchronous, Step-Down Converter
MP3414 MPS-MP3414 Datasheet
480Kb / 14P
1.8A,1MHz, Synchronous, Step-up Converter with Output Disconnect
MP3415 MPS-MP3415 Datasheet
673Kb / 17P
3.6A, 1MHz, Synchronous, Step-Up Converter with Output Disconnect
logo
Anpec Electronics Corop...
APW7212 ANPEC-APW7212 Datasheet
353Kb / 17P
1MHz, High-Efficiency, Step-Up Converter with Load Disconnection
logo
Fitipower Integrated Te...
FP6361 FITIPOWER-FP6361 Datasheet
586Kb / 9P
1MHz, 2A, High-Efficiency PWM Synchronous Step-Down Converter
logo
ETA SOLUTIONS CO. LIMIT...
ETA1090 ETA-ETA1090 Datasheet
188Kb / 1P
1MHz High Output current High Efficiency Synchronous Step-Up Converter
ETA1093 ETA-ETA1093 Datasheet
191Kb / 1P
1MHz, Forced-PWM, High Output current Synchronous Step-Up Converter
logo
Unisonic Technologies
UD052012 UTC-UD052012 Datasheet
240Kb / 9P
HIGH EFFICIENCY 1MHz 2A SYNCHRONOUS STEP DOWN CONVERTER
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com