Electronic Components Datasheet Search
  English  ▼

X  

ETA1093 Datasheet(PDF) 1 Page - ETA SOLUTIONS CO. LIMITED

Part # ETA1093
Description  1MHz, Forced-PWM, High Output current Synchronous Step-Up Converter
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETA [ETA SOLUTIONS CO. LIMITED]
Direct Link  http://www.etasolution.com
Logo ETA - ETA SOLUTIONS CO. LIMITED

ETA1093 Datasheet(HTML) 1 Page - ETA SOLUTIONS CO. LIMITED

  ETA1093 Datasheet HTML 1Page - ETA SOLUTIONS CO. LIMITED  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
ETA1093
 
 
www.etasolution.com 
1 
Powering Minds of the Smart 
1MHz, Forced-PWM, High Output current Synchronous Step-Up Converter
 
DESCRIPTION 
FEATURES
ETA1093 is an ETA Solutions’ high efficiency, high frequency
synchronous Step-Up converter, capable of delivering output
current up to 3A at a 5V output from a 3.6V input. With a low
Rdson Power MOS and a built-in synchronous rectifier, its
efficiency can be as high as 93% at a 5V/2.1A load. This greatly
minimizes power dissipation and reduces heat on the IC,
making it ideal for applications that require small board space
and have stringent temperature constraints, such as power
banks and mobile devices. ETA1093 also incorporates ETA
Solutions’ True-Shutoff○R technology that protects against
overload and short-circuit conditions. All of these features are
integrated in a tiny QFN3x3-16 package. With 1MHz switching
frequency, small external input and output capacitors and
inductor can be used.
ETA1093 employs a FORCED-PWM control scheme, therefore,
the switching frequency is fixed at any load. It makes ETA1093
perfect for systems that sensitive to low frequency noise, like
audio system and communication system.
Up to 97% Energy Converting Efficiency
Up to 3A output current at 5V output, 3.6V input
Externally adjustable output voltage
True Shut off during shutdown and output short-
circuit protection
Thermal Shutdown
Forced PWM at light load
QFN3x3-16
 
APPLICATIONS
Power Bank
Mobile 3G/4G Mi-Fi
Mobile Bluetooth music player and speaker
 
ORDERING INFORMATION
PART
PACKAGE PIN
TOP MARK
ETA1093Q3Q
QFN3x3-16
ETA1093
YWW2L
  
TYPICAL APPLICATION
 
 
Typical Application Circuit 
ETA1093
7
8
12
11
13
15
14
5
6
SW
SW
SW
SW
VIN
EN
UVLO
SJ
GA
2.2uH
VIN
10uF
PGND
1, Enable
0, Disable
1, 3.1V on
0, 1.8V on
1, Freq. Jitter
0, No Freq. Jitter
3
10
OUT
OUT
4
17
GP
GP
22uFx2
PGND
FB 16
VOUT
R1
R2
2
ISET
Riset
1
D
to USB's D+/D-
for application of
USB power port


Similar Part No. - ETA1093

ManufacturerPart #DatasheetDescription
logo
ETA SOLUTIONS CO. LIMIT...
ETA1090 ETA-ETA1090 Datasheet
188Kb / 1P
1MHz High Output current High Efficiency Synchronous Step-Up Converter
ETA1090D3M ETA-ETA1090D3M Datasheet
188Kb / 1P
1MHz High Output current High Efficiency Synchronous Step-Up Converter
ETA1092 ETA-ETA1092 Datasheet
176Kb / 1P
1MHz High Output current High Efficiency Synchronous Step-Up Converter
ETA1092Q3Q ETA-ETA1092Q3Q Datasheet
176Kb / 1P
1MHz High Output current High Efficiency Synchronous Step-Up Converter
More results

Similar Description - ETA1093

ManufacturerPart #DatasheetDescription
logo
Seaward Electronics Inc...
SE3507 SEAWARD-SE3507 Datasheet
441Kb / 7P
1MHz, 2.5A Step-up Current Mode PWM Converter
SE3508 SEAWARD-SE3508 Datasheet
537Kb / 7P
1MHz, 5A Step-up Current Mode PWM Converter
logo
Monolithic Power System...
MP3415 MPS-MP3415 Datasheet
673Kb / 17P
3.6A, 1MHz, Synchronous, Step-Up Converter with Output Disconnect
logo
Feeling Technology Corp...
FP6291 FEELING-FP6291 Datasheet
361Kb / 11P
1MHz, 2.5A Step-Up Current Mode PWM Converter
FP6293 FEELING-FP6293 Datasheet
659Kb / 13P
1MHz, 3.5A Step-Up Current Mode PWM Converter
logo
ETA SOLUTIONS CO. LIMIT...
ETA1090 ETA-ETA1090 Datasheet
188Kb / 1P
1MHz High Output current High Efficiency Synchronous Step-Up Converter
ETA1092 ETA-ETA1092 Datasheet
176Kb / 1P
1MHz High Output current High Efficiency Synchronous Step-Up Converter
logo
SHOUDING Shouding Semic...
SD6271 SHOUDING-SD6271 Datasheet
426Kb / 9P
1MHz, 2A Step-Up Current Mode PWM Converter
SD6372 SHOUDING-SD6372 Datasheet
1Mb / 9P
1MHz, 2A Step-Up Current Mode PWM Converter
SX1301 SHOUDING-SX1301 Datasheet
2Mb / 8P
1MHz 2A Step-Up Current Mode PWM Converter
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com