Electronic Components Datasheet Search
  English  ▼

X  

ETA1165 Datasheet(PDF) 1 Page - ETA SOLUTIONS CO. LIMITED

Part # ETA1165
Description  40V Step-Up Regulator for White LED Driver with PWM Dimming
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETA [ETA SOLUTIONS CO. LIMITED]
Direct Link  http://www.etasolution.com
Logo ETA - ETA SOLUTIONS CO. LIMITED

ETA1165 Datasheet(HTML) 1 Page - ETA SOLUTIONS CO. LIMITED

  ETA1165 Datasheet HTML 1Page - ETA SOLUTIONS CO. LIMITED  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
ETA1165
www.ETAsolution.com
Outperform with Efficiency
Proprietary Information DO NOT Distribute
1
40V Step-Up Regulator for White LED Driver with PWM Dimming
DESCRIPTION
The ETA1165 is a high efficiency step-up converter with an
internally integrated 40V power MOSEFT. It runs with a
optimal 600KHz frequency that enables the use of small
external components while still providing the best
efficiency. It can drive up to 10 to 12 LEDs in series and also
in parallel combinations. The incorporated true
PWM-Diming feature through CTRL pin does not generate
audible noise on the output capacitor during diming
because it does not burst the LED current. For maximum
protection, the ETA1165 has an OVP protection feature that
prevents the output voltage exceeding the maximum rating
of the ETA1165 and the output cap during open-LED
conditions.
ETA1165 is available in a space-saving SOT23-6 package.
FEATURES
Up to 92% Efficiency
40V OVP protection
True PWM Brightness Control
200mV Feedback Voltage
SOT23-6 Package
APPLICATIONS
LED Backlighting for Tablets, MIDs and Smartphones
LED Driver
ORDERING INFORMATION
PART #
PACKAGE PIN
TOP MARK
ETA1165S2G-T
SOT23-6
DQYW
Date Code
Product Number
TYPICAL APPLICATION
Dimming Control
CTRL
G
FB
SW
ETA1165
VIN
2.7V to 6V
4.7μF
22μH
4
5
3
6
38V OVP
VOUT
1μF
IN
1
2
COMP
70%
72%
74%
76%
78%
80%
82%
84%
86%
88%
90%
1
10
100
IOUT (mA)
Efficiency Vs IOUT
ETA1165
TPS61160
VIN=3.6V
10 LEDs


Similar Part No. - ETA1165

ManufacturerPart #DatasheetDescription
logo
ETA SOLUTIONS CO. LIMIT...
ETA1168 ETA-ETA1168 Datasheet
219Kb / 1P
40V Step-Up Regulator for White LED Driver with PWM Dimming
ETA1168D2G-T ETA-ETA1168D2G-T Datasheet
219Kb / 1P
40V Step-Up Regulator for White LED Driver with PWM Dimming
More results

Similar Description - ETA1165

ManufacturerPart #DatasheetDescription
logo
Monolithic Power System...
MP3308 MPS-MP3308 Datasheet
314Kb / 13P
Step-up White LED Driver with Dual PWM Dimming Input Control
MP3310 MPS-MP3310 Datasheet
359Kb / 10P
50V, 1.3A, Step-up White LED Driver with True PWM Dimming
logo
SG Micro Corp
SGM3720 SGMICRO-SGM3720 Datasheet
319Kb / 12P
PWM Dimming, 38V Step-Up LED Driver
SGM3732 SGMICRO-SGM3732 Datasheet
373Kb / 13P
PWM Dimming, 38V Step-Up LED Driver
SGM3736 SGMICRO-SGM3736 Datasheet
326Kb / 12P
PWM Dimming, 38V Step-Up LED Driver
logo
Monolithic Power System...
MP3310N MPS-MP3310N Datasheet
349Kb / 10P
50V, 1.3A, Step-up White LED Driver with True PWM Dimming
logo
SG Micro Corp
SGM3720 SGMICRO-SGM3720_16 Datasheet
1Mb / 11P
PWM Dimming, 38V Step-Up LED Driver
SGM3736 SGMICRO-SGM3736_15 Datasheet
691Kb / 11P
PWM Dimming, 38V Step-Up LED Driver
logo
ETA SOLUTIONS CO. LIMIT...
ETA1168 ETA-ETA1168 Datasheet
219Kb / 1P
40V Step-Up Regulator for White LED Driver with PWM Dimming
logo
Shenzhen Huazhimei Semi...
HM5668 HMSEMI-HM5668 Datasheet
649Kb / 6P
40V Step-Up Regulator for White LED Driver with PWM Dimming
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com