Electronic Components Datasheet Search
  English  ▼

X  

ETA1459 Datasheet(PDF) 1 Page - ETA SOLUTIONS CO. LIMITED

Part # ETA1459
Description  18V, 2.5A, I2C Controlled Output Synchronous Step-Down Converter
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETA [ETA SOLUTIONS CO. LIMITED]
Direct Link  http://www.etasolution.com
Logo ETA - ETA SOLUTIONS CO. LIMITED

ETA1459 Datasheet(HTML) 1 Page - ETA SOLUTIONS CO. LIMITED

  ETA1459 Datasheet HTML 1Page - ETA SOLUTIONS CO. LIMITED  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
ETA1459
www.ETAsolution.com
Proprietary Information DO NOT Distribute
1
18V, 2.5A, I2C Controlled Output Synchronous Step-Down Converter
DESCRIPTION
The ETA1459 is a wide input range, high-efficiency,
DC-to-DC step-down switching regulator, capable of
delivering up to 2.5A of output current. Its output can be
dynamically controlled by I2C interface. Current mode PWM
control allows the use of small external components, such
as ceramic input and output caps, as well as small
inductors, while still providing low output ripples. On top of
the integrated internal synchronous rectifier that
eliminates external Schottky diode, ETA1459 also employs a
proprietary control scheme that switches the device into a
power save mode during light load, thereby extending the
range of high efficiency operation. Therefore, ETA1459 is a
much superior solution in comparison to other
competitions in terms of efficiency and cost.
Cycle-by-cycle current limit provides output short-circuit
protection and an input OVP function guards ETA1459
against possible input voltage surge. Overall, ETA1459 is a
highly efficient and robust solution for DC-DC step-down
applications that requires wide input ranges.
ETA1459 is housed in an ESOP8 Package.
FEATURES
I2C Dynamic Output Control
Wide Input Operating Range from 4.2V to 18V
High Efficiency:
Up to 90%at Light Load
Up to 95% at Heavy Load
Capable of Delivering 2.5A
Input OVP at 20V
No External Schottky Diode Needed
Thermal shutdown and UVLO
APPLICATIONS
Smart TVs, Smart Set Top Box
Tablet computer, MID
ORDERING INFORMATION
PART
PACKAGE PIN
TOP MARK
ETA1459
ESOP8
ETA1459
YWPPL
TYPICAL APPLICATION
EN
GND
BST
ETA1459
IN
VIN
SW
FB
SCL
10nF
VOUT 1.1V/2A
5kΩ
20kΩ
1
3
8
4
5
6
2
22μF
22μF
X2
6.8μH
SDA
7
DVCC


Similar Part No. - ETA1459

ManufacturerPart #DatasheetDescription
logo
ETA SOLUTIONS CO. LIMIT...
ETA1483 ETA-ETA1483 Datasheet
238Kb / 1P
2A, 18V High Efficiency Synchronous Step-Down Converter
ETA1483B ETA-ETA1483B Datasheet
238Kb / 1P
2.5A, 18V High Efficiency Synchronous Step-Down Converter
ETA1483BE8A-T ETA-ETA1483BE8A-T Datasheet
238Kb / 1P
2.5A, 18V High Efficiency Synchronous Step-Down Converter
ETA1483S8A-T ETA-ETA1483S8A-T Datasheet
238Kb / 1P
2A, 18V High Efficiency Synchronous Step-Down Converter
ETA1483S8A-U ETA-ETA1483S8A-U Datasheet
238Kb / 1P
2A, 18V High Efficiency Synchronous Step-Down Converter
More results

Similar Description - ETA1459

ManufacturerPart #DatasheetDescription
logo
Exar Corporation
XRP7665 EXAR-XRP7665 Datasheet
759Kb / 12P
3A 18V Synchronous Step-Down Converter
logo
SHANGHAI BELLING CO., L...
BL9313 BELLING-BL9313 Datasheet
524Kb / 11P
3A, 18V Synchronous Step-Down Converter
BL9371 BELLING-BL9371 Datasheet
561Kb / 11P
3A, 18V Synchronous Step-Down Converter
logo
Fitipower Integrated Te...
FR9872 FITIPOWER-FR9872 Datasheet
726Kb / 13P
18V, 2.5A, 1.4MHz Synchronous Step-Down DC/DC Converter
logo
ETA SOLUTIONS CO. LIMIT...
ETA1483B ETA-ETA1483B Datasheet
238Kb / 1P
2.5A, 18V High Efficiency Synchronous Step-Down Converter
ETA3555 ETA-ETA3555 Datasheet
169Kb / 1P
5A, 2.2MHz I2C Controlled Output Synchronous Step-Down Converter
logo
Shenzhen Huazhimei Semi...
HM1482E HMSEMI-HM1482E Datasheet
1Mb / 7P
18V 2.5A 500KHz Synchronous Step-Down Regulator
logo
ACE Technology Co., LTD...
ACE7259C ACE-ACE7259C Datasheet
346Kb / 4P
500KHz, 18V, 2.5A Synchronous Step-Down Converter
VER 1.2
logo
Richtek Technology Corp...
RT2856H RICHTEK-RT2856H Datasheet
241Kb / 19P
6A, 18V, Synchronous Step-Down Converter
June 2019
RT7298A RICHTEK-RT7298A Datasheet
323Kb / 21P
6A, 18V, Synchronous Step-Down Converter
June 2019
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com