Electronic Components Datasheet Search
  English  ▼

X  

ETA1483 Datasheet(PDF) 1 Page - ETA SOLUTIONS CO. LIMITED

Part # ETA1483
Description  2A, 18V High Efficiency Synchronous Step-Down Converter
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETA [ETA SOLUTIONS CO. LIMITED]
Direct Link  http://www.etasolution.com
Logo ETA - ETA SOLUTIONS CO. LIMITED

ETA1483 Datasheet(HTML) 1 Page - ETA SOLUTIONS CO. LIMITED

  ETA1483 Datasheet HTML 1Page - ETA SOLUTIONS CO. LIMITED  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
ETA1483
www.ETAsolution.com
Outperform with Efficiency
Proprietary Information DO NOT Distribute
1
2A, 18V High Efficiency Synchronous Step-Down Converter
DESCRIPTION
The ETA1483 is a wide input range, high-efficiency,
DC-to-DC step-down switching regulator, capable of
delivering up to 2A of output current. Current mode PWM
control allows the use of small external components, such
as ceramic input and output caps, as well as small
inductors, while still providing low output ripples. On top of
the integrated internal synchronous rectifier that
eliminates external Schottky diode, ETA1483 also employs a
proprietary control scheme that switches the device into a
power save mode during light load, thereby extending the
range of high efficiency operation. Therefore, ETA1483 is a
much superior solution in comparison to other
competitions in terms of efficiency and cost.
Cycle-by-cycle current limit provides output short-circuit
protection and an input OVP function guards ETA1483
against possible input voltage surge. Overall, ETA1483 is a
highly efficient and robust solution for DC-DC step-down
applications that requires wide input ranges.
ETA1483 is housed in a SOP8 Package
FEATURES
Wide Input Operating Range from 4.5V to 18V
High Efficiency:
Up to 90%at Light Load
Up to 95% at Heavy Load
Capable of Delivering 2A
Input OVP at 20V
No External Schottky Diode Needed
Current Mode control
0.923V Reference for Low Output voltages
Logic Control Shutdown
Thermal shutdown and UVLO
Available in SOP8
APPLICATIONS
LCD TVs
Notebook computers
FPGA power supplies
LED drivers
Car Charging Device
ORDERING INFORMATION
PART
PACKAGE PIN
TOP MARK
ETA1483S8A-T
ETA1483S8A-U
SOP8
ETA1483-Product Number
YWWPL Date Code
TYPICAL APPLICATION
EN
GND
BST
ETA1483
IN
VIN
COMP
SW
FB
SS
10nF
0.1μF
3.3nF
VOUT 3.3V/2A
5.6kΩ
26.1kΩ
10kΩ
1
100kΩ
3
5
6
4
7
8
2
22μF
22μF
X2
10μH
30
40
50
60
70
80
90
100
20
200
2000
IOUT (A)
Efficiency Vs IOUT
Vin=5V
Vin=12V
VOUT=3.3V


Similar Part No. - ETA1483

ManufacturerPart #DatasheetDescription
logo
ETA SOLUTIONS CO. LIMIT...
ETA1483B ETA-ETA1483B Datasheet
238Kb / 1P
2.5A, 18V High Efficiency Synchronous Step-Down Converter
ETA1483BE8A-T ETA-ETA1483BE8A-T Datasheet
238Kb / 1P
2.5A, 18V High Efficiency Synchronous Step-Down Converter
More results

Similar Description - ETA1483

ManufacturerPart #DatasheetDescription
logo
Richtek Technology Corp...
RT7247B RICHTEK-RT7247B Datasheet
272Kb / 15P
2A, 18V, 1.2MHz Synchronous Step-Down Converter
logo
E-CMOS Corporation
EC3292B E-CMOS-EC3292B Datasheet
413Kb / 14P
18V/2A High Efficiency Synchronous Rectified Step-Down DC/DC Converter
logo
SHANGHAI BELLING CO., L...
BL8032 BELLING-BL8032 Datasheet
1Mb / 8P
500KHz, 18V, 2A Synchronous Step-Down Converter
BL8032H BELLING-BL8032H Datasheet
986Kb / 8P
1MHz, 18V, 2A Synchronous Step-Down Converter
BL8035 BELLING-BL8035 Datasheet
1Mb / 8P
500KHz, 18V, 2A Synchronous Step-Down Converter
logo
ACE Technology Co., LTD...
ACE7212E ACE-ACE7212E Datasheet
489Kb / 10P
18V, 2A, High Efficiency Synchronous Step-Down Converter
VER 1.1
logo
ETA SOLUTIONS CO. LIMIT...
ETA1652 ETA-ETA1652 Datasheet
205Kb / 1P
18V, 2A High Efficiency Synchronous Step-Down Converter in SOT563
ETA8120 ETA-ETA8120 Datasheet
199Kb / 1P
18V, 2A, High Efficiency Synchronous Step-Down Converter in SOT23-6
logo
Shenzhen Huazhimei Semi...
HM1470H HMSEMI-HM1470H Datasheet
1Mb / 8P
1MHz, 18V, 2A Synchronous Step-Down Converter
logo
Major-Power Technology ...
MA5201 MPOWER-MA5201 Datasheet
277Kb / 2P
18V/2A High Efficiency Synchronous Step-Down DC/DC Converter
Rev.1.0
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com