Electronic Components Datasheet Search
  English  ▼

X  

ETA1483B Datasheet(PDF) 1 Page - ETA SOLUTIONS CO. LIMITED

Part # ETA1483B
Description  2.5A, 18V High Efficiency Synchronous Step-Down Converter
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETA [ETA SOLUTIONS CO. LIMITED]
Direct Link  http://www.etasolution.com
Logo ETA - ETA SOLUTIONS CO. LIMITED

ETA1483B Datasheet(HTML) 1 Page - ETA SOLUTIONS CO. LIMITED

  ETA1483B Datasheet HTML 1Page - ETA SOLUTIONS CO. LIMITED  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
ETA1483B
www.ETAsolution.com
Outperform with Efficiency
Proprietary Information DO NOT Distribute
1
2.5A, 18V High Efficiency Synchronous Step-Down Converter
DESCRIPTION
The ETA1483B is a wide input range, high-efficiency,
DC-to-DC step-down switching regulator, capable of
delivering up to 2.5A of output current. Current mode PWM
control allows the use of small external components, such
as ceramic input and output caps, as well as small
inductors, while still providing low output ripples. On top of
the integrated internal synchronous rectifier that
eliminates external Schottky diode, ETA1483B also employs
a proprietary control scheme that switches the device into
a power save mode during light load, thereby extending the
range of high efficiency operation. Therefore, ETA1483B is a
much superior solution in comparison to other
competitions in terms of efficiency and cost.
Cycle-by-cycle current limit provides output short-circuit
protection and an input OVP function guards ETA1483B
against possible input voltage surge. Overall, ETA1483B is a
highly efficient and robust solution for DC-DC step-down
applications that requires wide input ranges.
ETA1483B is housed in a ESOP8 Package.
FEATURES
Wide Input Operating Range from 4.5V to 18V
High Efficiency:
Up to 90%at Light Load
Up to 95% at Heavy Load
Capable of Delivering 2.5A
Input OVP at 20V
No External Schottky Diode Needed
Current Mode control
0.923V Reference for Low Output voltages
Logic Control Shutdown
Thermal shutdown and UVLO
Available in SOP8
APPLICATIONS
LCD TVs
Notebook computers
FPGA power supplies
LED drivers
Car Charging Device
ORDERING INFORMATION
PART
PACKAGE PIN TOP MARK
ETA1483BE8A-T ESOP8
ETA1483B- ProductNumber
YWWPL
Date Code
TYPICAL APPLICATION
EN
GND
BST
ETA1483B
IN
VIN
COMP
SW
FB
SS
10nF
0.1μF
3.3nF
VOUT 3.3V/2A
5.6kΩ
26.1kΩ
10kΩ
1
100kΩ
3
5
6
4
7
8
2
22μF
22μF
X2
10μH
30
40
50
60
70
80
90
100
20
200
2000
IOUT (A)
Efficiency Vs IOUT
Vin=5V
Vin=12V
VOUT=3.3V


Similar Part No. - ETA1483B

ManufacturerPart #DatasheetDescription
logo
ETA SOLUTIONS CO. LIMIT...
ETA1483 ETA-ETA1483 Datasheet
238Kb / 1P
2A, 18V High Efficiency Synchronous Step-Down Converter
ETA1483S8A-T ETA-ETA1483S8A-T Datasheet
238Kb / 1P
2A, 18V High Efficiency Synchronous Step-Down Converter
ETA1483S8A-U ETA-ETA1483S8A-U Datasheet
238Kb / 1P
2A, 18V High Efficiency Synchronous Step-Down Converter
More results

Similar Description - ETA1483B

ManufacturerPart #DatasheetDescription
logo
SHANGHAI BELLING CO., L...
BL9384 BELLING-BL9384 Datasheet
289Kb / 6P
3A, 18V High Efficiency Synchronous Step-Down Converter
logo
Monolithic Power System...
MP8760 MPS-MP8760 Datasheet
914Kb / 24P
High Efficiency, 6A, 18V, Synchronous, Step-Down Converter
MP8762 MPS-MP8762 Datasheet
1Mb / 39P
High Efficiency, 10A, 18V Synchronous Step-down Converter
logo
ACE Technology Co., LTD...
ACE729E ACE-ACE729E Datasheet
391Kb / 8P
3A, 18V High Efficiency Synchronous Step-Down Converter
VER 1.1
logo
Monolithic Power System...
MPQ8636GV MPS-MPQ8636GV Datasheet
718Kb / 24P
High Efficiency, 20A, 18V Synchronous, Step-Down Converter
MP8758 MPS-MP8758 Datasheet
867Kb / 21P
High Efficiency, 10A, 18V Synchronous, Step-Down Converter
MP8763 MPS-MP8763 Datasheet
1Mb / 24P
High Efficiency, 12A, 18V, Synchronous, Step-Down Converter
EV8712-L-00A MPS-EV8712-L-00A Datasheet
624Kb / 9P
High Efficiency,12A,18V, Synchronous Step-Down Converter
logo
ETA SOLUTIONS CO. LIMIT...
ETA1486 ETA-ETA1486 Datasheet
218Kb / 1P
4A, 18V High Efficiency Synchronous Step-Down Converter
logo
ACE Technology Co., LTD...
ACE7259C ACE-ACE7259C Datasheet
346Kb / 4P
500KHz, 18V, 2.5A Synchronous Step-Down Converter
VER 1.2
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com