Electronic Components Datasheet Search
  English  ▼

X  

ETA1485 Datasheet(PDF) 1 Page - ETA SOLUTIONS CO. LIMITED

Part # ETA1485
Description  3A, 18V High Efficiency Synchronous Step-Down Converter
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETA [ETA SOLUTIONS CO. LIMITED]
Direct Link  http://www.etasolution.com
Logo ETA - ETA SOLUTIONS CO. LIMITED

ETA1485 Datasheet(HTML) 1 Page - ETA SOLUTIONS CO. LIMITED

  ETA1485 Datasheet HTML 1Page - ETA SOLUTIONS CO. LIMITED  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
ETA1485
www.ETAsolution.com
Outperform with Efficiency
Proprietary Information DO NOT Distribute
1
3A, 18V High Efficiency Synchronous Step-Down Converter
DESCRIPTION
The ETA1485 is a wide input range, high-efficiency,
DC-to-DC step-down switching regulator, capable of
delivering up to 3A of output current. Current mode PWM
control allows the use of small external components, such
as ceramic input and output caps, as well as small
inductors, while still providing low output ripples. On top of
the integrated internal synchronous rectifier that
eliminates external Schottky diode, ETA1485 also employs a
proprietary control scheme that switches the device into a
power save mode during light load, thereby extending the
range of high efficiency operation. Therefore, ETA1485 is a
much superior solution in comparison to other
competitions in terms of efficiency and cost. Overall,
ETA1485 is a highly efficient and robust solution for DC-DC
step-down applications that requires wide input ranges.
ETA1485 is available ESOP8 Packages.
APPLICATIONS
LCD TVs
Notebook computers
FPGA power supplies
LED drivers
FEATURES
Wide Input Operating Range from 4.5V to 18V
High Efficiency:
Up to 90%at Light Load
Capable of Delivering 3A
No External Schottky Diode Needed
Current Mode control
0.923V Reference for Low Output voltages
Logic Control Shutdown
Thermal shutdown and UVLO
Available in ESOP8 Package
ORDERING INFORMATION
PART
PACKAGE PIN
TOP MARK
ETA1485E8A-T ESOP8
ETA1485
YLLFF
Date Code
Product Number
TYPICAL APPLICATION
EN
GND
BST
ETA1485
IN
VIN
COMP
SW
FB
SS
10nF
0.1μF
3.3nF
VOUT 3.3V/3A
5.6kΩ
26.1kΩ
10kΩ
1
100kΩ
3
5
6
4
7
8
2
22μF
22μF
X2
10μH
30%
40%
50%
60%
70%
80%
90%
100%
0.01
0.1
1
10
IOUT (A)
Efficiency Vs IOUT
VOUT=5V
VOUT=3.3V
VON=12V


Similar Part No. - ETA1485

ManufacturerPart #DatasheetDescription
logo
ETA SOLUTIONS CO. LIMIT...
ETA1483 ETA-ETA1483 Datasheet
238Kb / 1P
2A, 18V High Efficiency Synchronous Step-Down Converter
ETA1483B ETA-ETA1483B Datasheet
238Kb / 1P
2.5A, 18V High Efficiency Synchronous Step-Down Converter
ETA1483BE8A-T ETA-ETA1483BE8A-T Datasheet
238Kb / 1P
2.5A, 18V High Efficiency Synchronous Step-Down Converter
ETA1483S8A-T ETA-ETA1483S8A-T Datasheet
238Kb / 1P
2A, 18V High Efficiency Synchronous Step-Down Converter
ETA1483S8A-U ETA-ETA1483S8A-U Datasheet
238Kb / 1P
2A, 18V High Efficiency Synchronous Step-Down Converter
More results

Similar Description - ETA1485

ManufacturerPart #DatasheetDescription
logo
SHANGHAI BELLING CO., L...
BL9384 BELLING-BL9384 Datasheet
289Kb / 6P
3A, 18V High Efficiency Synchronous Step-Down Converter
logo
Richtek Technology Corp...
RT7257A RICHTEK-RT7257A Datasheet
274Kb / 14P
3A, 18V, 340kHz Synchronous Step-Down Converter
RT7257D RICHTEK-RT7257D Datasheet
224Kb / 14P
3A, 18V, 1.2MHz Synchronous Step-Down Converter
logo
Exar Corporation
XRP7665 EXAR-XRP7665 Datasheet
759Kb / 12P
3A 18V Synchronous Step-Down Converter
logo
ACE Technology Co., LTD...
ACE729E ACE-ACE729E Datasheet
391Kb / 8P
3A, 18V High Efficiency Synchronous Step-Down Converter
VER 1.1
ACE727Z ACE-ACE727Z Datasheet
578Kb / 9P
18V, 3A, High Efficiency Synchronous Step-Down Converter
VER 1.1
logo
SHANGHAI BELLING CO., L...
BL9313 BELLING-BL9313 Datasheet
524Kb / 11P
3A, 18V Synchronous Step-Down Converter
BL9371 BELLING-BL9371 Datasheet
561Kb / 11P
3A, 18V Synchronous Step-Down Converter
logo
ACE Technology Co., LTD...
ACE7213F ACE-ACE7213F Datasheet
450Kb / 10P
18V, 3A, High Efficiency Synchronous Step-Down Converter
VER 1.1
logo
ETA SOLUTIONS CO. LIMIT...
ETA1653 ETA-ETA1653 Datasheet
205Kb / 1P
18V, 3A, High Efficiency Synchronous Step-Down Converter in SOT563
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com