Electronic Components Datasheet Search
  English  ▼

X  

ETA1494 Datasheet(PDF) 1 Page - ETA SOLUTIONS CO. LIMITED

Part # ETA1494
Description  Wide Input, 2A, 500KHz Synchronous Step-Down Converter in SOT23-8
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETA [ETA SOLUTIONS CO. LIMITED]
Direct Link  http://www.etasolution.com
Logo ETA - ETA SOLUTIONS CO. LIMITED

ETA1494 Datasheet(HTML) 1 Page - ETA SOLUTIONS CO. LIMITED

  ETA1494 Datasheet HTML 1Page - ETA SOLUTIONS CO. LIMITED  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
ETA1494
www.ETAsolution.com
Outperform with Efficiency
Proprietary Information DO NOT Distribute
1
Wide Input, 2A, 500KHz Synchronous Step-Down Converter in SOT23-8
DESCRIPTION
The ETA1494 is a wide input range, synchronous,
high-efficiency, DC-to-DC step-down switching regulator,
capable of delivering up to 2A of output current. With a
fixed switching frequency of 500KHz, this current mode
PWM controlled converter allows the use of small external
components, such as ceramic input and output caps, as
well as small inductors.ETA1494 also employs a proprietary
control scheme that switches the device into a power save
mode during light load, thereby extending the range of high
efficiency operation. What is unique about ETA1494 is that it
is packaged in a tiny space saving SOT23-8 package
ORDERING INFORMATION
PART #
PACKAGE PIN
TOP MARK
ETA1494S2I-T
SOT23-8
TBDYW
Date Code
Product Number
FEATURES
Wide Input Operating Range from 4V to 18V
High Efficiency at 12V In 5V Out: Up to 91%:
High Efficiency PFM mode at light load
Capable of Delivering 2A
No External Schottky and Compensation Needed
Current Mode control
Logic Control Shutdown
Thermal shutdown and UVLO
Available in SOT23-8 Package
APPLICATIONS
Set Top Boxes
Flat Panel TVs and Monitors
Networking equipment
Notebooks and Tablets
TYPICAL APPLICATION
ETA1494
GND
FB
IN
SW
VOUT
3.3V/2A
VIN 12V
4.7μH
49.9K
16.2K
EN
25V
10μF
6.3V
22μF
2
6
3
8
4
BST
10nF
5
0%
10%
20%
30%
40%
50%
60%
70%
80%
90%
100%
0.01
0.1
1
IOUT (A)
Efficiency Vs IOUT
VIN=6V
VIN=12V
VIN=16V
VOUT=3.3V


Similar Part No. - ETA1494

ManufacturerPart #DatasheetDescription
logo
ETA SOLUTIONS CO. LIMIT...
ETA1459 ETA-ETA1459 Datasheet
157Kb / 1P
18V, 2.5A, I2C Controlled Output Synchronous Step-Down Converter
ETA1483 ETA-ETA1483 Datasheet
238Kb / 1P
2A, 18V High Efficiency Synchronous Step-Down Converter
ETA1483B ETA-ETA1483B Datasheet
238Kb / 1P
2.5A, 18V High Efficiency Synchronous Step-Down Converter
ETA1483BE8A-T ETA-ETA1483BE8A-T Datasheet
238Kb / 1P
2.5A, 18V High Efficiency Synchronous Step-Down Converter
ETA1483S8A-T ETA-ETA1483S8A-T Datasheet
238Kb / 1P
2A, 18V High Efficiency Synchronous Step-Down Converter
More results

Similar Description - ETA1494

ManufacturerPart #DatasheetDescription
logo
Active-Semi, Inc
ACT4060 ACTIVE-SEMI-ACT4060 Datasheet
355Kb / 9P
Wide Input 2A Step Down Converter
Rev8, 24-Jul-07
logo
Champion Microelectroni...
CM2500 CHAMP-CM2500 Datasheet
223Kb / 11P
WIDE INPUT 2A STEP DOWN CONVERTER
logo
Active-Semi, Inc
ACT4060A_0906 ACTIVE-SEMI-ACT4060A_0906 Datasheet
257Kb / 12P
Wide Input 2A Step Down Converter
Rev 1, 25-Jun-09
logo
Richtek Technology Corp...
RT7262A RICHTEK-RT7262A Datasheet
440Kb / 17P
2A, 21V 500kHz Synchronous Step-Down Converter
RT7262E RICHTEK-RT7262E Datasheet
380Kb / 17P
2A, 21V 500kHz Synchronous Step-Down Converter
RT8286 RICHTEK-RT8286 Datasheet
418Kb / 14P
2A, 21V 500kHz Synchronous Step-Down Converter
logo
SHANGHAI BELLING CO., L...
BL8032 BELLING-BL8032 Datasheet
1Mb / 8P
500KHz, 18V, 2A Synchronous Step-Down Converter
BL8035 BELLING-BL8035 Datasheet
1Mb / 8P
500KHz, 18V, 2A Synchronous Step-Down Converter
logo
ACE Technology Co., LTD...
ACE726C ACE-ACE726C Datasheet
561Kb / 11P
500KHz, 18V, 2A Synchronous Step-Down Converter
VER 1.1
ACE7225D ACE-ACE7225D Datasheet
137Kb / 3P
2A, 4.5V~18V Input, 500KHz Synchronous Step-Down Converter
VER 1.1
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com