Electronic Components Datasheet Search
  English  ▼

X  

ETA1611 Datasheet(PDF) 1 Page - ETA SOLUTIONS CO. LIMITED

Part # ETA1611
Description  2A, 24V Step-Up Regulator
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETA [ETA SOLUTIONS CO. LIMITED]
Direct Link  http://www.etasolution.com
Logo ETA - ETA SOLUTIONS CO. LIMITED

ETA1611 Datasheet(HTML) 1 Page - ETA SOLUTIONS CO. LIMITED

  ETA1611 Datasheet HTML 1Page - ETA SOLUTIONS CO. LIMITED  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
ETA1611
www.ETAsolution.com
Powering Minds of the Smarts
Proprietary Information DO NOT Distribute
1
2A, 24V Step-Up Regulator
DESCRIPTION
The ETA1611 is a high efficiency step-up converter with an
internally integrated 24V power MOSEFT. It runs with an
optimal 1MHz frequency that enables the use of small
external components while still providing the best
efficiency. It can drive up to 2A output current. The
incorporated true PWM-Diming feature through EN pin
enable one further digitally program the output voltage
lower. For maximum protection, the ETA1611 has an OVP
protection feature that prevents the output voltage
exceeding the maximum rating of the ETA1611 and the output
cap during open conditions.
ETA1611 is available in a space-saving SOT23-6 package.
FEATURES
Up to 95% Efficiency
25V OVP protection
True PWM Brightness Control
200mV Feedback Voltage
2.8A current limit
SOT23-6 Package
APPLICATIONS
Portable power bank
Powering 3G module
Large LCD display backlight driving up to 90 LEDs
Satellite STB
Bluetooth Speaker
Large TFT screen bias
Other application which needs high voltage and high
current generation
TYPICAL APPLICATION
OFF
ON
EN
GND
FB
SW
ETA1611
VIN
2V to 6V
4.7μF
10μH
2
4
1
3
VOUT = 0.2V*(1+R1/R2)
10μF
IN
5
R1
Or up to
90 LEDs
R2


Similar Part No. - ETA1611

ManufacturerPart #DatasheetDescription
logo
ETA SOLUTIONS CO. LIMIT...
ETA1617 ETA-ETA1617 Datasheet
160Kb / 1P
40V Boost Converter for LED driver / TFT Bias / USB Power
More results

Similar Description - ETA1611

ManufacturerPart #DatasheetDescription
logo
Richtek Technology Corp...
RT8278 RICHTEK-RT8278 Datasheet
236Kb / 16P
2A, 24V, 3MHz Step-Down Converter
logo
ACE Technology Co., LTD...
ACE711E ACE-ACE711E Datasheet
626Kb / 9P
2A, Step-Up DC - DC Regulator 20V
VER 1.2
logo
E-CMOS Corporation
EC9208 E-CMOS-EC9208 Datasheet
653Kb / 11P
High Efficiency 1MHz, 2A, Step up Regulator
logo
TECHCODE SEMICONDUCTOR,...
TD8208 TECHCODE-TD8208 Datasheet
1Mb / 13P
High Efficiency 1MHz, 2A Step Up Regulator
TD8228 TECHCODE-TD8228 Datasheet
822Kb / 13P
High Efficiency 1MHz, 2A Step Up Regulator
logo
SHOUDING Shouding Semic...
SX1308 SHOUDING-SX1308 Datasheet
1Mb / 6P
High Efficiency 1.2MHz 2A Step Up Regulator
logo
First Silicon Co., Ltd
FTD8228 FS-FTD8228 Datasheet
1Mb / 12P
High Efficiency 1MHz, 2A Step Up Regulator
logo
Shenzhen Huazhimei Semi...
HM1535 HMSEMI-HM1535 Datasheet
384Kb / 7P
High Efficiency 1.2MHz, 2A Step Up Regulator
HM5663B HMSEMI-HM5663B Datasheet
1Mb / 6P
2A, 22V Step-Up Regulator
logo
Silergy Corp.
SY7208 SILERGY-SY7208 Datasheet
166Kb / 4P
High Efficiency 1MHz, 2A Step Up Regulator
Rev. 0.6
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com