Electronic Components Datasheet Search
  English  ▼

X  

ETA1617 Datasheet(PDF) 1 Page - ETA SOLUTIONS CO. LIMITED

Part # ETA1617
Description  40V Boost Converter for LED driver / TFT Bias / USB Power
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETA [ETA SOLUTIONS CO. LIMITED]
Direct Link  http://www.etasolution.com
Logo ETA - ETA SOLUTIONS CO. LIMITED

ETA1617 Datasheet(HTML) 1 Page - ETA SOLUTIONS CO. LIMITED

  ETA1617 Datasheet HTML 1Page - ETA SOLUTIONS CO. LIMITED  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
ETA1617
www.ETAsolution.com
Powering Minds of the Smarts
Proprietary Information DO NOT Distribute
1
40V Boost Converter for LED driver / TFT Bias / USB Power
DESCRIPTION
The ETA1617 is a high efficiency step-up converter with an
internally integrated 40V power MOSEFT. It runs with an
optimal 0.8MHz frequency that enables use of small external
components while still providing best efficiencies. It has an
internal current limit as high as 1A, and it can drive up to 10
LEDs at 50mA output current. The incorporated 25-100KHz
true PWM-Dimming feature by EN pin can be used to digitally
program the LED current. For maximum protection, the
ETA1617 has an internal OVP protection at 38V to prevent the
chip from damages when the LED string is not connected to
the output.
ETA1617 is available in a space-saving SOT23-6 package.
FEATURES
Up to 91% Efficiency (6 LEDs)
Drive up to 10 LEDs with 50mA
Drive up to 40 LEDs in total
38V OVP protection
True PWM Brightness Control
200mV Feedback Voltage
1A current limit
SOT23-6 Package
APPLICATIONS
Cellphone and Smartphone
MID or Tablet PC
TFT-bias for LCD screen
Power for OLED
LED torch
Satellite Set Top Box
TYPICAL APPLICATION
OFF
ON
EN
GND
FB
SW
ETA1617
VIN
2.7V to 6V
4.7μF
15μH
2
4
1
3
VOUT
4.7μF
IN
6
EN Or PWM dimming
Max.
10LEDs
Application for LED Backlight Driving


Similar Part No. - ETA1617

ManufacturerPart #DatasheetDescription
logo
ETA SOLUTIONS CO. LIMIT...
ETA1611 ETA-ETA1611 Datasheet
152Kb / 1P
2A, 24V Step-Up Regulator
More results

Similar Description - ETA1617

ManufacturerPart #DatasheetDescription
logo
Zetex Semiconductors
ZXSC400 ZETEX-ZXSC400 Datasheet
195Kb / 16P
LED DRIVER BOOST CONVERTER
logo
Rohm
BD8152FVM ROHM-BD8152FVM Datasheet
355Kb / 6P
TFT-LCD Bias Boost Converter
BD8158FVM ROHM-BD8158FVM Datasheet
302Kb / 6P
TFT-LCD Bias Boost Converter
logo
Unisonic Technologies
L5030 UTC-L5030 Datasheet
146Kb / 7P
BOOST-UP VOLTAGE CONVERTER FOR LED DRIVER
logo
Diodes Incorporated
ZXSC400 DIODES-ZXSC400 Datasheet
203Kb / 16P
LED DRIVER BOOST CONVERTER
JANUARY 2003
logo
Unisonic Technologies
L5030 UTC-L5030_11 Datasheet
198Kb / 6P
BOOST-UP VOLTAGE CONVERTER FOR LED DRIVER
logo
Diodes Incorporated
AL8820 DIODES-AL8820 Datasheet
420Kb / 15P
40V, 2A BOOST/BUCK LED DRIVER
Rev 1
AL8821 DIODES-AL8821 Datasheet
392Kb / 14P
40V, 2A BOOST LED DRIVER
Rev 1
logo
Allegro MicroSystems
A8480 ALLEGRO-A8480 Datasheet
531Kb / 17P
Boost Regulator for Display Bias or LED Driver
logo
Shenzhen Huazhimei Semi...
HM5666B HMSEMI-HM5666B Datasheet
1Mb / 7P
40V Boost Converter for LED driver / TFT Bias / USB Power
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com