Electronic Components Datasheet Search
  English  ▼

X  

ETA1637 Datasheet(PDF) 1 Page - ETA SOLUTIONS CO. LIMITED

Part # ETA1637
Description  Synchronous LED Driver with 0.1%
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETA [ETA SOLUTIONS CO. LIMITED]
Direct Link  http://www.etasolution.com
Logo ETA - ETA SOLUTIONS CO. LIMITED

ETA1637 Datasheet(HTML) 1 Page - ETA SOLUTIONS CO. LIMITED

  ETA1637 Datasheet HTML 1Page - ETA SOLUTIONS CO. LIMITED  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
ETA1637
www.etasolution.com
1
Powering Minds of the Smart
Synchronous LED Driver with 0.1% Dimming Accuracy
DESCRIPTION
FEATURES
The ETA1637 is a driver specially designed for back-lighting.
It consists of a high accuracy current sink that allows low
duty dimming and a high efficiency step-up converter with
an integrated low side and high side power MOSEFT. It runs
with an optimal 0.6MHz frequency that enables use of small
external components while still providing best efficiencies.
It has an internal current limit as high as 1A, and it can drive
up to 8 LEDs and 50mA in total output current. True PWM-
Dimming can be achieved through the EN pin. One of the
most important features of ETA1637 is that it provides an
accurate current at dimming duty cycle down to 0.1%. This
is very important for backlights that need to dim to very
low light while still providing good consistency.
For maximum protection, the ETA1637 has an internal OVP
protection at 30V to prevent the chip from damages when
the LED string is not connected to the output.
ETA1637 is available in a space-saving SOT23-6 package.
Synchronous Boost, No Schottky Diode Needed
Internal Current Source Driving, no need of external
current setting resistor
±10% LED Current Accuracy at 1% Diming Ratio
Capable of 0.1% dimming ratio
Up to 85% Efficiency (6 LEDs)
Drive up to 8 LEDs
30V Output Over Voltage Protection
LED string Short Circuit Protection
True PWM Brightness Control
1A current limit
APPLICATIONS
Cellphone and Smartphone
MID or Tablet PC
Camera
Car DVR Recorder
TYPICAL APPLICATION
ORDERING INFORMATION
PART No.
PACKAGE
TOP MARK
Pcs/Reel
ETA1637S2G
SOT23-6
EAYW
3000


Similar Part No. - ETA1637

ManufacturerPart #DatasheetDescription
logo
ETA SOLUTIONS CO. LIMIT...
ETA1638 ETA-ETA1638 Datasheet
290Kb / 1P
Synchronous LED Driver with 0.1% Dimming Accuracy in DFN2x2
More results

Similar Description - ETA1637

ManufacturerPart #DatasheetDescription
logo
TOKO, Inc
TK65600B TOKO-TK65600B Datasheet
172Kb / 12P
INDUCTIVE WHITE LED DRIVER WITH SYNCHRONOUS RECTIFER
logo
Rohm
BD6071HFN ROHM-BD6071HFN_12 Datasheet
632Kb / 19P
White LED Driver with Synchronous Boost Converter
logo
Micrel Semiconductor
MIC2870 MICREL-MIC2870 Datasheet
2Mb / 25P
1.5A Synchronous Boost Flash LED Driver with I2C Interface
logo
Texas Instruments
LM3642 TI1-LM3642_15 Datasheet
974Kb / 30P
Synchronous Boost LED Flash Driver
LM3648 TI1-LM3648 Datasheet
1Mb / 38P
Synchronous Boost LED Flash Driver
logo
Monolithic Power System...
MP3331 MPS-MP3331 Datasheet
641Kb / 25P
2A, Synchronous Boost Flash LED Driver with I2C Interface
logo
Micro Analog systems
MAS6250 MAS-MAS6250 Datasheet
1Mb / 24P
Piezo and LED Driver with Synchronous
logo
Major-Power Technology ...
MA5603 MPOWER-MA5603 Datasheet
412Kb / 9P
Synchronous Buck for LED Driver
logo
ETA SOLUTIONS CO. LIMIT...
ETA1638 ETA-ETA1638 Datasheet
290Kb / 1P
Synchronous LED Driver with 0.1% Dimming Accuracy in DFN2x2
logo
Infineon Technologies A...
IRS25411S INFINEON-IRS25411S Datasheet
1Mb / 19P
Synchronous buck LED driver
Datasheet 2 0.0 2019-02-06
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com