Electronic Components Datasheet Search
  English  ▼

X  

ETA1652 Datasheet(PDF) 1 Page - ETA SOLUTIONS CO. LIMITED

Part # ETA1652
Description  18V, 2A High Efficiency Synchronous Step-Down Converter in SOT563
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETA [ETA SOLUTIONS CO. LIMITED]
Direct Link  http://www.etasolution.com
Logo ETA - ETA SOLUTIONS CO. LIMITED

ETA1652 Datasheet(HTML) 1 Page - ETA SOLUTIONS CO. LIMITED

  ETA1652 Datasheet HTML 1Page - ETA SOLUTIONS CO. LIMITED  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
ETA1652
www.etasolution.com
1
Powering Minds of the Smart
18V, 2A, High Efficiency Synchronous Step-Down Converter in SOT563
DESCRIPTION
FEATURES
ETA1652 is a wide input range, high-efficiency and high
frequency DC-to-DC step-down switching regulator, capable of
delivering up to 2A of output current. It adopts an Adaptive COT
control scheme that enables very fast transient response and
provides a very smooth transition when the output varies from
light load to heavy load. During light load, ETA1652 goes into a
PFM mode that saves switching loss achieving high efficiency.
The adaptive COT control also maintains a constant switching
frequency across line and load. An OVP function protects the IC
itself and its downstream system against input voltage surges.
With this OVP function, the IC can stand off input voltage as high
as 25V, making it an ideal solution for industrial applications
such as LCD TV, Set Top Box, Portable TV, etc.
ETA1652 is available in SOT563 package.
Wide Input Range: 4.5V-18V
Adaptive COT Control
Ultra-fast load transient response
High Efficiency PFM mode at light load
High Efficiency Synchronous operation
No load IQ 177uA
Low Rdson Internal power FETs
Capable of Delivering 2A
No External Compensation Needed
Thermal Shutdown and UVLO
Available in SOT563 Package
APPLICATIONS
LCD TV
Set Top Box
xDSL Modem
TYPICAL APPLICATION
ORDERING INFORMATION
PART No.
PACKAGE
TOP MARK
Pcs/Reel
ETA1652FSG
SOT563
DgYW
5000


Similar Part No. - ETA1652

ManufacturerPart #DatasheetDescription
logo
ETA SOLUTIONS CO. LIMIT...
ETA1653 ETA-ETA1653 Datasheet
205Kb / 1P
18V, 3A, High Efficiency Synchronous Step-Down Converter in SOT563
More results

Similar Description - ETA1652

ManufacturerPart #DatasheetDescription
logo
Richtek Technology Corp...
RT7247B RICHTEK-RT7247B Datasheet
272Kb / 15P
2A, 18V, 1.2MHz Synchronous Step-Down Converter
logo
E-CMOS Corporation
EC3292B E-CMOS-EC3292B Datasheet
413Kb / 14P
18V/2A High Efficiency Synchronous Rectified Step-Down DC/DC Converter
logo
SHANGHAI BELLING CO., L...
BL8032 BELLING-BL8032 Datasheet
1Mb / 8P
500KHz, 18V, 2A Synchronous Step-Down Converter
BL8032H BELLING-BL8032H Datasheet
986Kb / 8P
1MHz, 18V, 2A Synchronous Step-Down Converter
logo
ACE Technology Co., LTD...
ACE7212E ACE-ACE7212E Datasheet
489Kb / 10P
18V, 2A, High Efficiency Synchronous Step-Down Converter
VER 1.1
logo
ETA SOLUTIONS CO. LIMIT...
ETA1483 ETA-ETA1483 Datasheet
238Kb / 1P
2A, 18V High Efficiency Synchronous Step-Down Converter
ETA1653 ETA-ETA1653 Datasheet
205Kb / 1P
18V, 3A, High Efficiency Synchronous Step-Down Converter in SOT563
ETA8120 ETA-ETA8120 Datasheet
199Kb / 1P
18V, 2A, High Efficiency Synchronous Step-Down Converter in SOT23-6
logo
Shenzhen Huazhimei Semi...
HM1470H HMSEMI-HM1470H Datasheet
1Mb / 8P
1MHz, 18V, 2A Synchronous Step-Down Converter
logo
Major-Power Technology ...
MA5201 MPOWER-MA5201 Datasheet
277Kb / 2P
18V/2A High Efficiency Synchronous Step-Down DC/DC Converter
Rev.1.0
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com