Electronic Components Datasheet Search
  English  ▼

X  

ETA1653 Datasheet(PDF) 1 Page - ETA SOLUTIONS CO. LIMITED

Part # ETA1653
Description  18V, 3A, High Efficiency Synchronous Step-Down Converter in SOT563
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETA [ETA SOLUTIONS CO. LIMITED]
Direct Link  http://www.etasolution.com
Logo ETA - ETA SOLUTIONS CO. LIMITED

ETA1653 Datasheet(HTML) 1 Page - ETA SOLUTIONS CO. LIMITED

  ETA1653 Datasheet HTML 1Page - ETA SOLUTIONS CO. LIMITED  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
ETA1653
www.etasolution.com
1
Powering Minds of the Smart
18V, 3A, High Efficiency Synchronous Step-Down Converter in SOT563
DESCRIPTION
FEATURES
ETA1653 is a wide input range, high-efficiency and high
frequency DC-to-DC step-down switching regulator, capable of
delivering up to 3A of output current. It adopts an Adaptive COT
control scheme that enables very fast transient response and
provides a very smooth transition when the output varies from
light load to heavy load. During light load, ETA1653 goes into a
PFM mode that saves switching loss achieving high efficiency.
The adaptive COT control also maintains a constant switching
frequency across line and load. An OVP function protects the IC
itself and its downstream system against input voltage surges.
With this OVP function, the IC can stand off input voltage as high
as 25V, making it an ideal solution for industrial applications
such as LCD TV, Set Top Box, Portable TV, etc.
ETA1653 is available in SOT563 package.
Wide Input Range: 4.5V-18V
Adaptive COT Control
Ultra-fast load transient response
High Efficiency PFM mode at light load
High Efficiency Synchronous operation
No load IQ 177uA
Low Rdson Internal power FETs
Capable of Delivering 3A
No External Compensation Needed
Thermal Shutdown and UVLO
Available in SOT563 Package
APPLICATIONS
LCD TV
Set Top Box
xDSL Modem
TYPICAL APPLICATION
ORDERING INFORMATION
PART No.
PACKAGE
TOP MARK
Pcs/Reel
ETA1653FSG
SOT563
DTYW
5000


Similar Part No. - ETA1653

ManufacturerPart #DatasheetDescription
logo
ETA SOLUTIONS CO. LIMIT...
ETA1652 ETA-ETA1652 Datasheet
205Kb / 1P
18V, 2A High Efficiency Synchronous Step-Down Converter in SOT563
More results

Similar Description - ETA1653

ManufacturerPart #DatasheetDescription
logo
SHANGHAI BELLING CO., L...
BL9384 BELLING-BL9384 Datasheet
289Kb / 6P
3A, 18V High Efficiency Synchronous Step-Down Converter
logo
Exar Corporation
XRP7665 EXAR-XRP7665 Datasheet
759Kb / 12P
3A 18V Synchronous Step-Down Converter
logo
ACE Technology Co., LTD...
ACE729E ACE-ACE729E Datasheet
391Kb / 8P
3A, 18V High Efficiency Synchronous Step-Down Converter
VER 1.1
ACE727Z ACE-ACE727Z Datasheet
578Kb / 9P
18V, 3A, High Efficiency Synchronous Step-Down Converter
VER 1.1
logo
SHANGHAI BELLING CO., L...
BL9313 BELLING-BL9313 Datasheet
524Kb / 11P
3A, 18V Synchronous Step-Down Converter
BL9371 BELLING-BL9371 Datasheet
561Kb / 11P
3A, 18V Synchronous Step-Down Converter
logo
Monolithic Power System...
MP2319 MPS-MP2319 Datasheet
1Mb / 20P
3A, 18V, 650kHz, High-Efficiency, Synchronous, Step-Down Converter in 8-Pin TSOT23
logo
ACE Technology Co., LTD...
ACE7213F ACE-ACE7213F Datasheet
450Kb / 10P
18V, 3A, High Efficiency Synchronous Step-Down Converter
VER 1.1
logo
ETA SOLUTIONS CO. LIMIT...
ETA1485 ETA-ETA1485 Datasheet
238Kb / 1P
3A, 18V High Efficiency Synchronous Step-Down Converter
ETA1652 ETA-ETA1652 Datasheet
205Kb / 1P
18V, 2A High Efficiency Synchronous Step-Down Converter in SOT563
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com