Electronic Components Datasheet Search
  English  ▼

X  

ETA2359 Datasheet(PDF) 1 Page - ETA SOLUTIONS CO. LIMITED

Part # ETA2359
Description  1.4MHz, 1.2A, 24V High Efficiency Step-Down Converter in SOT23-6
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETA [ETA SOLUTIONS CO. LIMITED]
Direct Link  http://www.etasolution.com
Logo ETA - ETA SOLUTIONS CO. LIMITED

ETA2359 Datasheet(HTML) 1 Page - ETA SOLUTIONS CO. LIMITED

  ETA2359 Datasheet HTML 1Page - ETA SOLUTIONS CO. LIMITED  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
ETA2359
www.ETAsolution.com
Outperform with Efficiency
Proprietary Information DO NOT Distribute
1
1.4MHz, 1.2A, 24V High Efficiency Step-Down Converter in SOT23-6
DESCRIPTION
The ETA2359 is a wide input range, high-efficiency, high
frequency DC-to-DC step-down switching regulator,
capable of delivering up to 1.2A of output current. With a
fixed switching frequency of 1.4MHz, this current mode PWM
controlled converter allows the use of small external
components, such as ceramic input and output caps, as
well as small inductors, while still providing low output
ripples. Together with the tiny package ETA2359 is in,
without external compensation components, it is an ideal
solution for system designer with stringent board space
requirements. ETA2359 also employs a proprietary control
scheme that switches the device into a power save mode
during light load, thereby extending the range of high
efficiency operation.
ETA2359 is available SOT23-6 Packages.
APPLICATIONS
Set top boxes
Security Surveillance systems
LED drivers
FEATURES
Wide Input Operating Range from 4.5V to 24V
High Efficiency:
Up to 94%
Capable of Delivering 1.2A
1.4MHz Switching frequency
No External Compensation Needed
Current Mode control
Logic Control Shutdown
Thermal shutdown and UVLO
Available in SOT23-6 Package
ORDERING INFORMATION
PART
PACKAGE
PIN
TOP MARK
ETA2359S2G-T
SOT23-6
CAYW
Date Code
Product Number
TYPICAL APPLICATION
ETA2359
GND
FB
IN
SW
VOUT
3.3V/1.2A
VIN 12V
4.7μH
49.9K
16.2K
EN
25V
10μF
6.3V
22μF
5
4
6
3
2
BST
10nF
1
B230A
0%
10%
20%
30%
40%
50%
60%
70%
80%
90%
100%
0.01
0.1
1
IOUT (A)
Efficiency Vs IOUT
VIN=6V
VIN=12V
VIN=24V
VOUT=5V


Similar Part No. - ETA2359

ManufacturerPart #DatasheetDescription
logo
ETA SOLUTIONS CO. LIMIT...
ETA2360 ETA-ETA2360 Datasheet
133Kb / 1P
1.4MHz, 0.3A, 24V High Efficiency Step-Down Converter in SOT23-6
ETA2360S2G-T ETA-ETA2360S2G-T Datasheet
133Kb / 1P
1.4MHz, 0.3A, 24V High Efficiency Step-Down Converter in SOT23-6
More results

Similar Description - ETA2359

ManufacturerPart #DatasheetDescription
logo
Monolithic Power System...
EV2359DJ-00B MPS-EV2359DJ-00B Datasheet
163Kb / 4P
1.2A, 24V, 1.4MHz Step-Down Converter Evaluation Board in TSOT23-6
MP2359 MPS-MP2359 Datasheet
377Kb / 9P
1.2A, 24V, 1.4MHz Step-Down Converter in a TSOT23-6
logo
Active-Semi, Inc
ACT4082A ACTIVE-SEMI-ACT4082A Datasheet
425Kb / 11P
16V, 1.2A, 1.4MHz Step-Down DC/DC Converter in SOT23-6
Rev0, 16-May-08
logo
Richtek Technology Corp...
RT8259 RICHTEK-RT8259 Datasheet
209Kb / 13P
1.2A, 24V, 1.4MHz Step-Down Converter
logo
BaiDu Micro electrons C...
AE2359 BAIDUMICRO-AE2359 Datasheet
461Kb / 11P
1.2A, 24V, 1.4MHz Step-down Converter
logo
Monolithic Power System...
MP2370 MPS-MP2370 Datasheet
491Kb / 8P
1.2A, 24V, 1.4MHz Step-Down White LED Driver in a TSOT23-6
MP29368 MPS-MP29368 Datasheet
363Kb / 8P
1.2A, 24V, 1.4MHz Step-Down Converter in a TSOT23-6
logo
ACE Technology Co., LTD...
ACE725E ACE-ACE725E Datasheet
867Kb / 11P
24V , 1.2A High Efficiency Step-Down Converter
VER 1.1
logo
ETA SOLUTIONS CO. LIMIT...
ETA2360 ETA-ETA2360 Datasheet
133Kb / 1P
1.4MHz, 0.3A, 24V High Efficiency Step-Down Converter in SOT23-6
logo
Unisonic Technologies
UD24121 UTC-UD24121 Datasheet
228Kb / 5P
1.2A, 24V, 1.4MHz STEP-DOWN CONVERTER
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com