Electronic Components Datasheet Search
  English  ▼

X  

ETA2360 Datasheet(PDF) 1 Page - ETA SOLUTIONS CO. LIMITED

Part # ETA2360
Description  1.4MHz, 0.3A, 24V High Efficiency Step-Down Converter in SOT23-6
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETA [ETA SOLUTIONS CO. LIMITED]
Direct Link  http://www.etasolution.com
Logo ETA - ETA SOLUTIONS CO. LIMITED

ETA2360 Datasheet(HTML) 1 Page - ETA SOLUTIONS CO. LIMITED

  ETA2360 Datasheet HTML 1Page - ETA SOLUTIONS CO. LIMITED  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
ETA2360
www.ETAsolution.com
Powering the minds of smarts
Proprietary Information DO NOT Distribute
1
1.4MHz, 0.3A, 24V High Efficiency Step-Down Converter in SOT23-6
DESCRIPTION
The ETA2360 is a wide input range, high-efficiency, high
frequency DC-to-DC step-down switching regulator,
capable of delivering up to 0.3A of output current. With a
fixed switching frequency of 1.4MHz, this current mode PWM
controlled converter allows the use of small external
components, such as ceramic input and output caps, as
well as small inductors, while still providing low output
ripples. It also maintains its switching frequency above
1MHz even at very low output current to keep it away from
the PLC frequency, which is normally 500KHz. Together
with the tiny package ETA2360 is in, without external
compensation components, it is an ideal solution for
system designer with stringent board space requirements.
ETA2360 also employs a proprietary control scheme that
switches the device into a power save mode during light
load, thereby extending the range of high efficiency
operation.
ETA2360 is available SOT23-6 Packages.
APPLICATIONS
PLC module for smart power meter
Security camera
Smart power meter
FEATURES
Wide Input Operating Range from 4.5V to 24V
High Efficiency:
Up to 94%
Capable of Delivering 0.3A
1.4MHz Switching frequency
No External Compensation Needed
Current Mode control
Logic Control Shutdown
Thermal shutdown and UVLO
Available in SOT23-6 Package
ORDERING INFORMATION
PART
PACKAGE PIN
TOP MARK
ETA2360S2G-T
SOT23-6
CKYW
Date Code
Product Number
TYPICAL APPLICATION
ETA2360
GND
FB
IN
SW
VOUT
5V/0.3A
VIN 12V
47μH
84K
16.2K
EN
25V
10μF
6.3V
2.2μF
5
4
6
3
2
BST
10nF
1
MBR0540
0%
10%
20%
30%
40%
50%
60%
70%
80%
90%
100%
0
0.1
0.2
0.3
Iout (A)
Efficiency Vs Iout / Vout=5V
Vin=6V
Vin=12V
Vin=18V
Vin=24V


Similar Part No. - ETA2360

ManufacturerPart #DatasheetDescription
logo
ETA SOLUTIONS CO. LIMIT...
ETA2359 ETA-ETA2359 Datasheet
196Kb / 1P
1.4MHz, 1.2A, 24V High Efficiency Step-Down Converter in SOT23-6
ETA2359S2G-T ETA-ETA2359S2G-T Datasheet
196Kb / 1P
1.4MHz, 1.2A, 24V High Efficiency Step-Down Converter in SOT23-6
More results

Similar Description - ETA2360

ManufacturerPart #DatasheetDescription
logo
Monolithic Power System...
MP2359 MPS-MP2359 Datasheet
377Kb / 9P
1.2A, 24V, 1.4MHz Step-Down Converter in a TSOT23-6
MP2360 MPS-MP2360 Datasheet
343Kb / 8P
1.8A, 24V, 1.4MHz Step-Down Converter
logo
Richtek Technology Corp...
RT8260A RICHTEK-RT8260A Datasheet
197Kb / 12P
1.8A, 24V, 1.4MHz Step-Down Converter
logo
BaiDu Micro electrons C...
AE2359 BAIDUMICRO-AE2359 Datasheet
461Kb / 11P
1.2A, 24V, 1.4MHz Step-down Converter
logo
Monolithic Power System...
MP2357 MPS-MP2357 Datasheet
677Kb / 10P
0.5A, 24V, 1.4MHz Step-Down Converter in a TSOT23-6
MP28368 MPS-MP28368 Datasheet
336Kb / 8P
1.8A, 24V, 1.4MHz Step-Down Converter
MP29368 MPS-MP29368 Datasheet
363Kb / 8P
1.2A, 24V, 1.4MHz Step-Down Converter in a TSOT23-6
logo
ETA SOLUTIONS CO. LIMIT...
ETA2359 ETA-ETA2359 Datasheet
196Kb / 1P
1.4MHz, 1.2A, 24V High Efficiency Step-Down Converter in SOT23-6
logo
Unisonic Technologies
UD24121 UTC-UD24121 Datasheet
228Kb / 5P
1.2A, 24V, 1.4MHz STEP-DOWN CONVERTER
UD24202 UTC-UD24202 Datasheet
257Kb / 5P
2A, 24V, 1.4MHz STEP-DOWN CONVERTER
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com