Electronic Components Datasheet Search
  English  ▼

X  

ETA2822 Datasheet(PDF) 1 Page - ETA SOLUTIONS CO. LIMITED

Part # ETA2822
Description  36V Input, 3.1A output Step-Down Converter in ESOP-8
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETA [ETA SOLUTIONS CO. LIMITED]
Direct Link  http://www.etasolution.com
Logo ETA - ETA SOLUTIONS CO. LIMITED

ETA2822 Datasheet(HTML) 1 Page - ETA SOLUTIONS CO. LIMITED

  ETA2822 Datasheet HTML 1Page - ETA SOLUTIONS CO. LIMITED  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
ETA2822
www.etasolution.com
1
Powering Minds of the Smart
36V Input, 3.1A output Step-Down Converter in ESOP-8
DESCRIPTION
FEATURES
The ETA2822 is a total solution IC specifically for high voltage USB
charging applications. It includes a wide input range, high-
efficiency, and high frequency DC-to-DC step-down switching
regulator that is capable of delivering up to 3.1A of output current.
The DC-DC in ETA2822 is a current mode converter with a fixed-
frequency that is externally adjustable. There is also a cable
resistance compensation feature that allows users to adjust the
output voltage to compensate for the voltage drop due to cable
resistance.
An OVP function protects the IC itself and its downstream system
against input voltage surges. With this OVP function, the IC can
stand off input voltage as high as 42V, making it an ideal solution
for industrial applications such as smart power-meters as well
as automotive applications. In automotive systems, power comes
from the battery, with its voltage typically ranges between 9V and
24V. Including cold crank and double battery jump-starts, the
minimum input voltage may be as low as 4V and the maximum up
to 36V, This makes ETA2822 ideal for the automotive application.
ETA2822 is housed in an ESOP8 package.
Wide Input Operating Range from 4V to 36V
Standoff Input Voltage: 42V
High Efficiency at 12V In 5V Out: Up to 91%:
High Efficiency PFM mode at light load
Capable of Delivering 3.1A output current
Cable resistance compensation
Adjustable Switching frequency
Adjustable Output current limit
Current Mode control
Logic Control Shutdown
Thermal shutdown and UVLO
APPLICATIONS
Car Charge ports
Smart power-meter system
General purpose with high voltage input
ORDERING INFORMATION
PART
PACKAGE
TOP MARK
ETA2822E8A
ESOP-8
ETA2822
YWW2L
TYPICAL APPLICATION


Similar Part No. - ETA2822

ManufacturerPart #DatasheetDescription
logo
ETA SOLUTIONS CO. LIMIT...
ETA2821 ETA-ETA2821 Datasheet
199Kb / 1P
42V Input Standoff Voltage, 1.5A Step-Down Converter in SOT23-6
ETA2821S2G-T ETA-ETA2821S2G-T Datasheet
199Kb / 1P
42V Input Standoff Voltage, 1.5A Step-Down Converter in SOT23-6
More results

Similar Description - ETA2822

ManufacturerPart #DatasheetDescription
logo
Richtek Technology Corp...
RT8279 RICHTEK-RT8279 Datasheet
303Kb / 14P
5A, 36V, 500kHz Step-Down Converter
logo
Monolithic Power System...
MP2452 MPS-MP2452 Datasheet
478Kb / 16P
1A, 36V, 1MHz Step-Down Converter
MP2467 MPS-MP2467 Datasheet
476Kb / 17P
2.5A, 36V, 500kHz Step-Down Converter
MP4460 MPS-MP4460 Datasheet
451Kb / 18P
2.5A, 4MHz, 36V Step-Down Converter
MP4462 MPS-MP4462 Datasheet
482Kb / 20P
3.5A, 4MHz, 36V Step-Down Converter
logo
ACE Technology Co., LTD...
ACE735E ACE-ACE735E Datasheet
1Mb / 10P
36V Input Standoff Voltage, 1.5A Step-Down Converter
VER 1.1
logo
Monolithic Power System...
MP2454 MPS-MP2454 Datasheet
677Kb / 19P
36V, 0.6A Step-Down Converter
MP4410 MPS-MP4410 Datasheet
545Kb / 17P
36V, 100mA Synchronous Step-Down Converter
EV4420-J-00A MPS-EV4420-J-00A Datasheet
891Kb / 8P
2A, 36V, Synchronous Step Down Converter
logo
Shenzhen Huazhimei Semi...
HM1483 HMSEMI-HM1483 Datasheet
1Mb / 14P
30V, 3.1A Monolithic Step-Down Switching Regulator in TSOT23-8
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com