Electronic Components Datasheet Search
  English  ▼

X  

ETA2831 Datasheet(PDF) 1 Page - ETA SOLUTIONS CO. LIMITED

Part # ETA2831
Description  36V Input, 3.5A output USB Charging Total Solution IC in QFN3x3-16
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETA [ETA SOLUTIONS CO. LIMITED]
Direct Link  http://www.etasolution.com
Logo ETA - ETA SOLUTIONS CO. LIMITED

ETA2831 Datasheet(HTML) 1 Page - ETA SOLUTIONS CO. LIMITED

  ETA2831 Datasheet HTML 1Page - ETA SOLUTIONS CO. LIMITED  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
ETA2831
 
 
www.etasolution.com 
1 
Powering Minds of the Smart 
36V Input, 3.5A output USB Charging Total Solution IC in QFN3x3-16 
 
DESCRIPTION 
FEATURES
The ETA2831 is a total solution IC specifically for high voltage USB
charging applications. It includes a wide input range, high-efficiency, and
high frequency DC-to-DC step-down switching regulator that is capable
of delivering up to 4A of output current and a low side USB current limiting
switch. The DC-DC in ETA2831 is a current mode converter with a fixed-
frequency that is externally adjustable. There is also a cable resistance
compensation feature that allows users to adjust the output voltage to
compensate for the voltage drop due to cable resistance.
An OVP function protects the IC itself and its downstream system against
input voltage surges. With this OVP function, the IC can stand off input
voltage as high as 42V, making it an ideal solution for industrial
applications such as smart meters as well as automotive applications. In
automotive systems, power comes from the battery, with its voltage
typically ranges between 9V and 24V. Including cold crank and double
battery jump-starts, the minimum input voltage may be as low as 4V and
the maximum up to 36V, This makes ETA2831 ideal for the automotive
application.
There is also a low side current limiting USB switch in ETA2831. The
current limit is internally set at 1A. Since the total output current limit of
the DCDC can be externally adjusted with a resistor, this 1A USB switch
provides flexible configurations for two-port USB charging system. 
Wide Input Operating Range from 4V to 36V
Standoff Input Voltage: 42V
High Efficiency at 12V In 5V Out: Up to 91%:
High Efficiency PFM mode at light load
Capable of Delivering 3.5A output current
Peak Output Current up to 4A
Cable resistance compensation
Adjustable Switching frequency
Adjustable Output current limit
Frequency dithering Option for low EMI available
Current Mode control
Logic Control Shutdown
Thermal shutdown and UVLO
APPLICATIONS
Car Charge ports
Multi-cell Li-ion Battery Charger
 
ORDERING INFORMATION
PART
PACKAGE
TOP MARK
ETA2831Q3Q
QFN3X3-16
ETA2831
  
TYPICAL APPLICATION
 
 
    
 
For Car Charger                                             For General Purpose 


Similar Part No. - ETA2831

ManufacturerPart #DatasheetDescription
logo
ETA SOLUTIONS CO. LIMIT...
ETA2821 ETA-ETA2821 Datasheet
199Kb / 1P
42V Input Standoff Voltage, 1.5A Step-Down Converter in SOT23-6
ETA2821S2G-T ETA-ETA2821S2G-T Datasheet
199Kb / 1P
42V Input Standoff Voltage, 1.5A Step-Down Converter in SOT23-6
ETA2822 ETA-ETA2822 Datasheet
204Kb / 1P
36V Input, 3.1A output Step-Down Converter in ESOP-8
ETA2822E8A ETA-ETA2822E8A Datasheet
204Kb / 1P
36V Input, 3.1A output Step-Down Converter in ESOP-8
ETA2840 ETA-ETA2840 Datasheet
133Kb / 1P
42V Input Standoff Voltage, 1A Step-Down LED Driver in SOT23-6
More results

Similar Description - ETA2831

ManufacturerPart #DatasheetDescription
logo
Freescale Semiconductor...
34825 FREESCALE-34825 Datasheet
1Mb / 39P
Micro-USB Interface IC Supporting Universal Charging Solution and Wired Accessories
logo
Monolithic Power System...
MP4462 MPS-MP4462 Datasheet
482Kb / 20P
3.5A, 4MHz, 36V Step-Down Converter
logo
Tripp Lite. All Rights ...
U280-016-RM TRIPPLITE-U280-016-RM Datasheet
524Kb / 3P
16-Port USB Charging Station with Syncing Function - 5V 40A / 200W USB Charger Output
logo
Injoinic Technology Co....
IP2112 INJOINIC-IP2112 Datasheet
1Mb / 12P
Single/dual USB port charging protocol IC
logo
ETA SOLUTIONS CO. LIMIT...
ETA2822 ETA-ETA2822 Datasheet
204Kb / 1P
36V Input, 3.1A output Step-Down Converter in ESOP-8
logo
Shenzhen Huazhimei Semi...
HM261XX HMSEMI-HM261XX Datasheet
1Mb / 8P
Single/dual USB port charging protocol IC
logo
Schneider Electric
PH8U2 SCHNEIDER-PH8U2 Datasheet
61Kb / 2P
APC Home Office SurgeArrest 8 Outlets with 2 USB charging ports (5V, 2.4A in total), 120V
Apr 8, 2020
PH12U2 SCHNEIDER-PH12U2 Datasheet
61Kb / 2P
APC Home Office SurgeArrest 12 Outlets with 2 USB charging ports (5V, 2.4A in total), 120V
Apr 8, 2020
logo
Ultralife Corporation.
CH0006 ULTRALIFE-CH0006 Datasheet
184Kb / 2P
Vehicle charging solution
02 MAY 17 Rev: F
logo
Maxim Integrated Produc...
MAX2045 MAXIM-MAX2045_V01 Datasheet
902Kb / 22P
36V Boost Controller with A 3.5A
2019
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com