Electronic Components Datasheet Search
  English  ▼

X  

ETA2840 Datasheet(PDF) 1 Page - ETA SOLUTIONS CO. LIMITED

Part # ETA2840
Description  42V Input Standoff Voltage, 1A Step-Down LED Driver in SOT23-6
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETA [ETA SOLUTIONS CO. LIMITED]
Direct Link  http://www.etasolution.com
Logo ETA - ETA SOLUTIONS CO. LIMITED

ETA2840 Datasheet(HTML) 1 Page - ETA SOLUTIONS CO. LIMITED

  ETA2840 Datasheet HTML 1Page - ETA SOLUTIONS CO. LIMITED  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
ETA2840
 
 
www.etasolution.com 
1 
Powering Minds of the Smart 
42V Input Standoff Voltage, 1A Step-Down LED Driver in SOT23-6 
 
DESCRIPTION 
FEATURES
The ETA2840 is a wide input range, high-efficiency, and
high frequency DC-to-DC step-down LED driver, capable of
delivering up to 1.5A of output current. ETA2840 provide
0.15V feedback voltage, which minimize the power loss on
the sense resistor in a LED driver system. With a fixed
switching frequency of 600KHz, This current mode PWM
controlled LED Driver allows the use of small external
components, such as ceramic input and output caps, as
well as small inductors. ETA2840 also employs a
proprietary control scheme that switches the device into a
power save mode during light load, thereby extending the
range of high efficiency operation. An OVP function
protects the IC itself and its downstream system against
input voltage surges. With the hysteresis, EN can be
controlled by the ambient light-sensitive resistor.
ETA2840 is available in a space-saving SOT23-6 package.
Wide Input Operating Range from 4.5V to 36V
Standoff Input Voltage: 42V
High Efficiency PFM mode at light load
Capable of Delivering 1.5A
No External Compensation Needed
Current Mode control
Logic Control Shutdown
En can be controlled by ambient light
Thermal shutdown and UVLO
Available in SOT23-6 Package
 
APPLICATIONS
IR LED driver for surveillance camera
LED lighting
Constant current source
 
ORDERING INFORMATION
PART
PACKAGE PIN
TOP MARK
ETA2840S2G
SOT23-6
EQYW
  
TYPICAL APPLICATION
 
 
 
 
 
 
 
 
 
 
 
 
 
 
Typical Circuit of ETA2840 


Similar Part No. - ETA2840

ManufacturerPart #DatasheetDescription
logo
ETA SOLUTIONS CO. LIMIT...
ETA2841 ETA-ETA2841 Datasheet
198Kb / 1P
42V Input Standoff Voltage, 0.6A Step-Down Converter in SOT23-6
ETA2841S2G-T ETA-ETA2841S2G-T Datasheet
198Kb / 1P
42V Input Standoff Voltage, 0.6A Step-Down Converter in SOT23-6
ETA2842 ETA-ETA2842 Datasheet
293Kb / 1P
42V Input Standoff Voltage, 1A Step-Down Converter in SOT23-6
ETA2842S2G-T ETA-ETA2842S2G-T Datasheet
293Kb / 1P
42V Input Standoff Voltage, 1A Step-Down Converter in SOT23-6
ETA2843 ETA-ETA2843 Datasheet
135Kb / 1P
42V Input Standoff Voltage, 0.4A Step-Down Converter in SOT23-6
More results

Similar Description - ETA2840

ManufacturerPart #DatasheetDescription
logo
Leshan Radio Company
LR9641 LRC-LR9641 Datasheet
861Kb / 8P
42V Input Standoff Voltage, 0.7A Step-Down Converter
logo
ACE Technology Co., LTD...
ACE728E ACE-ACE728E Datasheet
522Kb / 8P
42V Input Standoff Voltage, Step-Down LED Driver
VER 1.1
logo
SHANGHAI BELLING CO., L...
BL9641 BELLING-BL9641 Datasheet
1Mb / 7P
42V Input Standoff Voltage, 0.7A Step-Down Converter
BL9641B BELLING-BL9641B Datasheet
473Kb / 7P
42V Input Standoff Voltage, 0.4A Step-Down Converter
logo
ACE Technology Co., LTD...
ACE736E ACE-ACE736E Datasheet
644Kb / 9P
42V Input Standoff Voltage, 0.4A Step-Down Converter
VER 1.1
logo
ETA SOLUTIONS CO. LIMIT...
ETA2821 ETA-ETA2821 Datasheet
199Kb / 1P
42V Input Standoff Voltage, 1.5A Step-Down Converter in SOT23-6
ETA2841 ETA-ETA2841 Datasheet
198Kb / 1P
42V Input Standoff Voltage, 0.6A Step-Down Converter in SOT23-6
ETA2842 ETA-ETA2842 Datasheet
293Kb / 1P
42V Input Standoff Voltage, 1A Step-Down Converter in SOT23-6
ETA2843 ETA-ETA2843 Datasheet
135Kb / 1P
42V Input Standoff Voltage, 0.4A Step-Down Converter in SOT23-6
ETA2845 ETA-ETA2845 Datasheet
138Kb / 1P
42V Input Standoff Voltage, 0.4A Synchronous Step-Down Converter
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com