Electronic Components Datasheet Search
  English  ▼

X  

ETA2841 Datasheet(PDF) 1 Page - ETA SOLUTIONS CO. LIMITED

Part # ETA2841
Description  42V Input Standoff Voltage, 0.6A Step-Down Converter in SOT23-6
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETA [ETA SOLUTIONS CO. LIMITED]
Direct Link  http://www.etasolution.com
Logo ETA - ETA SOLUTIONS CO. LIMITED

ETA2841 Datasheet(HTML) 1 Page - ETA SOLUTIONS CO. LIMITED

  ETA2841 Datasheet HTML 1Page - ETA SOLUTIONS CO. LIMITED  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
ETA2841
www.ETAsolution.com
Outperform with Efficiency
Proprietary Information DO NOT Distribute
1
42V Input Standoff Voltage, 0.6A Step-Down Converter in SOT23-6
DESCRIPTION
The ETA2841 is a wide input range, high-efficiency, and high
frequency DC-to-DC step-down switching regulator,
capable of delivering up to 0.6A of output current. With a
fixed switching frequency of 650KHz, this current mode
PWM controlled converter allows the use of small external
components, such as ceramic input and output caps, as
well as small inductors.ETA2841 also employs a proprietary
control scheme that switches the device into a power save
mode during light load, thereby extending the range of high
efficiency operation. An OVP function protects the IC itself
and its downstream system against input voltage surges.
With this OVP function, the IC can stand off input voltage as
high as 42V, making it an ideal solution for industrial
applications such as smart meters as well as automotive
applications.
In automotive systems, power comes from the battery, with
its voltage typically between 9V and 24V. Including cold
crank and double battery jump-starts, the minimum input
voltage may be as low as 4V and the maximum up to 36V,
with even higher transient voltages. With these high input
voltages, linear regulators cannot be used for high supply
currents without overheating the regulator. Instead, high
efficiency switching regulators such as ETA2841 must be
used to minimize thermal dissipation.
ETA2841 is available SOT23-6 Packages.
FEATURES
Wide Input Operating Range from 4V to 38V
Standoff Input Voltage: 42V
High Efficiency at 12V In 5V Out: Up to 91%:
High Efficiency PFM mode at light load
Capable of Delivering 0.6A
No External Compensation Needed
Current Mode control
Logic Control Shutdown
Thermal shutdown and UVLO
Available in SOT23-6 Package
APPLICATIONS
Smart Meters
Industrial Applications
Automotive Applications
ORDERING INFORMATION
PART #
PACKAGE PIN
TOP MARK
ETA2841S2G-T
SOT23-6
EGYW
Date Code
Product Number
TYPICAL APPLICATION
GND
FB
IN
SW
VOUT
3.3V/0.5A
10μH
49.9K
16.2K
EN
50V
10μF
6.3V
22μF
5
4
6
3
2
BST
10nF
1
D1
VIN Standoff up to 42V
0%
10%
20%
30%
40%
50%
60%
70%
80%
90%
100%
0.01
0.1
1
IOUT (A)
Efficiency Vs IOUT
VIN=6V
VIN=12V
VIN=24V
VIN=36V
VOUT=5V


Similar Part No. - ETA2841

ManufacturerPart #DatasheetDescription
logo
ETA SOLUTIONS CO. LIMIT...
ETA2840 ETA-ETA2840 Datasheet
133Kb / 1P
42V Input Standoff Voltage, 1A Step-Down LED Driver in SOT23-6
ETA2840S2G ETA-ETA2840S2G Datasheet
133Kb / 1P
42V Input Standoff Voltage, 1A Step-Down LED Driver in SOT23-6
ETA2842 ETA-ETA2842 Datasheet
293Kb / 1P
42V Input Standoff Voltage, 1A Step-Down Converter in SOT23-6
ETA2842S2G-T ETA-ETA2842S2G-T Datasheet
293Kb / 1P
42V Input Standoff Voltage, 1A Step-Down Converter in SOT23-6
ETA2843 ETA-ETA2843 Datasheet
135Kb / 1P
42V Input Standoff Voltage, 0.4A Step-Down Converter in SOT23-6
More results

Similar Description - ETA2841

ManufacturerPart #DatasheetDescription
logo
Leshan Radio Company
LR9641 LRC-LR9641 Datasheet
861Kb / 8P
42V Input Standoff Voltage, 0.7A Step-Down Converter
logo
SHANGHAI BELLING CO., L...
BL9641 BELLING-BL9641 Datasheet
1Mb / 7P
42V Input Standoff Voltage, 0.7A Step-Down Converter
BL9641B BELLING-BL9641B Datasheet
473Kb / 7P
42V Input Standoff Voltage, 0.4A Step-Down Converter
logo
ACE Technology Co., LTD...
ACE736E ACE-ACE736E Datasheet
644Kb / 9P
42V Input Standoff Voltage, 0.4A Step-Down Converter
VER 1.1
logo
ETA SOLUTIONS CO. LIMIT...
ETA2821 ETA-ETA2821 Datasheet
199Kb / 1P
42V Input Standoff Voltage, 1.5A Step-Down Converter in SOT23-6
ETA2840 ETA-ETA2840 Datasheet
133Kb / 1P
42V Input Standoff Voltage, 1A Step-Down LED Driver in SOT23-6
ETA2842 ETA-ETA2842 Datasheet
293Kb / 1P
42V Input Standoff Voltage, 1A Step-Down Converter in SOT23-6
ETA2843 ETA-ETA2843 Datasheet
135Kb / 1P
42V Input Standoff Voltage, 0.4A Step-Down Converter in SOT23-6
ETA2845 ETA-ETA2845 Datasheet
138Kb / 1P
42V Input Standoff Voltage, 0.4A Synchronous Step-Down Converter
logo
Shenzhen Huazhimei Semi...
HM8116 HMSEMI-HM8116 Datasheet
918Kb / 9P
Standoff 42V 0.6A 800kHz Sync Step-Down Regulator
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com