Electronic Components Datasheet Search
  English  ▼

X  

ETA2845 Datasheet(PDF) 1 Page - ETA SOLUTIONS CO. LIMITED

Part # ETA2845
Description  42V Input Standoff Voltage, 0.4A Synchronous Step-Down Converter
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETA [ETA SOLUTIONS CO. LIMITED]
Direct Link  http://www.etasolution.com
Logo ETA - ETA SOLUTIONS CO. LIMITED

ETA2845 Datasheet(HTML) 1 Page - ETA SOLUTIONS CO. LIMITED

  ETA2845 Datasheet HTML 1Page - ETA SOLUTIONS CO. LIMITED  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
ETA2845
www.ETAsolution.com
Powering Minds of Smarts
Proprietary Information DO NOT Distribute
1
42V Input Standoff Voltage, 0.4A Synchronous Step-Down Converter
DESCRIPTION
The ETA2845 is a wide input range, high-efficiency,
synchronous step-down switching regulator, capable of
delivering up to 0.4A of output current. With a fixed switching
frequency of 700KHz, this current mode PWM controlled
converter allows the use of small external components, such
as ceramic input and output caps, as well as small
inductors.ETA2845 also employs a proprietary control
scheme that switches the device into a power save mode
during light load, thereby extending the range of high
efficiency operation. An OVP function protects the IC itself
and its downstream system against input voltage surges. With
this OVP function, the IC can stand off input voltage as high as
42V, making it an ideal solution for industrial applications
such as smart meters as well as automotive applications.
In automotive systems, power comes from the battery, with
its voltage typically between 9V and 24V. Including cold crank
and double battery jump-starts, the minimum input voltage
may be as low as 5V and the maximum up to 36V, with even
higher transient voltages. With these high input voltages,
linear regulators cannot be used for high supply currents
without overheating the regulator. Instead, high efficiency
switching regulators such as ETA2845 must be used to
minimize thermal dissipation.
ETA2845 is available SOT23-6 Packages.
FEATURES
Wide Input Operating Range from 5V to 38V
Standoff Input Voltage: 42V
High Efficiency at 12V In 3.3V Out: Up to 86%:
High Efficiency PFM mode at light load
Capable of Delivering 0.4A
No External Compensation Needed
Current Mode control
Logic Control Shutdown
Thermal shutdown and UVLO
Available in SOT23-6 Package
APPLICATIONS
Smart Meters
Industrial Applications
Automotive Applications
ORDERING INFORMATION
PART #
PACKAGE PIN TOP MARK
ETA2845S2G
SOT23-6
LAYW
Date Code
Product Number
TYPICAL APPLICATION
40%
50%
60%
70%
80%
90%
100%
0.01
0.1
Iout (A)
Efficiency Vs. Iout
VIN=6V
VIN=12V
VIN=24V
VIN=36V
Vout=3.3
V


Similar Part No. - ETA2845

ManufacturerPart #DatasheetDescription
logo
ETA SOLUTIONS CO. LIMIT...
ETA2840 ETA-ETA2840 Datasheet
133Kb / 1P
42V Input Standoff Voltage, 1A Step-Down LED Driver in SOT23-6
ETA2840S2G ETA-ETA2840S2G Datasheet
133Kb / 1P
42V Input Standoff Voltage, 1A Step-Down LED Driver in SOT23-6
ETA2841 ETA-ETA2841 Datasheet
198Kb / 1P
42V Input Standoff Voltage, 0.6A Step-Down Converter in SOT23-6
ETA2841S2G-T ETA-ETA2841S2G-T Datasheet
198Kb / 1P
42V Input Standoff Voltage, 0.6A Step-Down Converter in SOT23-6
ETA2842 ETA-ETA2842 Datasheet
293Kb / 1P
42V Input Standoff Voltage, 1A Step-Down Converter in SOT23-6
More results

Similar Description - ETA2845

ManufacturerPart #DatasheetDescription
logo
Leshan Radio Company
LR9641 LRC-LR9641 Datasheet
861Kb / 8P
42V Input Standoff Voltage, 0.7A Step-Down Converter
logo
ACE Technology Co., LTD...
ACE728E ACE-ACE728E Datasheet
522Kb / 8P
42V Input Standoff Voltage, Step-Down LED Driver
VER 1.1
logo
SHANGHAI BELLING CO., L...
BL9641 BELLING-BL9641 Datasheet
1Mb / 7P
42V Input Standoff Voltage, 0.7A Step-Down Converter
logo
ACE Technology Co., LTD...
ACE735E ACE-ACE735E Datasheet
1Mb / 10P
36V Input Standoff Voltage, 1.5A Step-Down Converter
VER 1.1
logo
SHANGHAI BELLING CO., L...
BL9641B BELLING-BL9641B Datasheet
473Kb / 7P
42V Input Standoff Voltage, 0.4A Step-Down Converter
logo
ACE Technology Co., LTD...
ACE736E ACE-ACE736E Datasheet
644Kb / 9P
42V Input Standoff Voltage, 0.4A Step-Down Converter
VER 1.1
logo
ETA SOLUTIONS CO. LIMIT...
ETA2821 ETA-ETA2821 Datasheet
199Kb / 1P
42V Input Standoff Voltage, 1.5A Step-Down Converter in SOT23-6
ETA2841 ETA-ETA2841 Datasheet
198Kb / 1P
42V Input Standoff Voltage, 0.6A Step-Down Converter in SOT23-6
ETA2842 ETA-ETA2842 Datasheet
293Kb / 1P
42V Input Standoff Voltage, 1A Step-Down Converter in SOT23-6
ETA2843 ETA-ETA2843 Datasheet
135Kb / 1P
42V Input Standoff Voltage, 0.4A Step-Down Converter in SOT23-6
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com