Electronic Components Datasheet Search
  English  ▼

X  

ETA3409 Datasheet(PDF) 1 Page - ETA SOLUTIONS CO. LIMITED

Part # ETA3409
Description  3MHz 1.5A/2A High 흯 Step-Down Converter in SOT23-5 Package
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETA [ETA SOLUTIONS CO. LIMITED]
Direct Link  http://www.etasolution.com
Logo ETA - ETA SOLUTIONS CO. LIMITED

ETA3409 Datasheet(HTML) 1 Page - ETA SOLUTIONS CO. LIMITED

  ETA3409 Datasheet HTML 1Page - ETA SOLUTIONS CO. LIMITED  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
ETA3409
www.ETAsolution.com
Powering Minds of the Smarts
Proprietary Information DO NOT Distribute
1
3MHz 1.5A/2A High ŋ Step-Down Converter in SOT23-5 Package
DESCRIPTION
The ETA3409 is a high-efficiency, DC-to-DC step-down
switching regulator, capable of delivering up to 1.5A/2A of
output current. The devices operate from an input voltage
range of 2.6V to 5.5V and provide output voltages from 0.6V
to VIN, making the ETA3409 ideal for low voltage power
conversions. Running ata fixed frequency of 3MHz allows the
use of small inductance value and low DCR inductors,
thereby achieving higher efficiencies. Other external
components, such as ceramic input and output caps, can
also be small due to higher switching frequency, while
maintaining exceptional low noise output voltages. Built-in
EMI reduction circuitry makes this converter ideal power
supply for RF applications. Internal soft-start control
circuitry reduces inrush current. Short-circuitand thermal-
overload protection improves design reliability.
ETA3409 is housed in a tiny SOT23-5L package
FEATURES
ŋ up to 96%
Up to 2A Max output current for ETA3409
3MHz Frequency
Internal Compensation
Clock Dithering
Tiny SOT23-5 Package
APPLICATIONS
USB ports/Hubs
Portable Devices
Cellphones
Tablet PC
Set Top Boxes
ORDERING INFORMATION
PART
PACKAGE PIN
TOP MARK
ETA3409S2F-T SOT23-5
CYYW
Date Code
Product Number
TYPICAL APPLICATION
GND
FB
IN
SW
VOUT
1.8V/2A
VIN 2.6V to 5.5V
1μH
120K
60K
EN
10μF
10μF
4
1
3
5
2
0
10
20
30
40
50
60
70
80
90
100
10
100
1000
IOUT (mA)
Efficiency Vs IOUT
Vin=4V
Vin=4.2V
Vin=5V
VOUT=3.3V


Similar Part No. - ETA3409

ManufacturerPart #DatasheetDescription
logo
ETA SOLUTIONS CO. LIMIT...
ETA3406 ETA-ETA3406 Datasheet
269Kb / 1P
1.5MHz 1.2A Step-Down Converter in SOT23-5 Package
ETA3406S2F-T ETA-ETA3406S2F-T Datasheet
269Kb / 1P
1.5MHz 1.2A Step-Down Converter in SOT23-5 Package
ETA3408 ETA-ETA3408 Datasheet
194Kb / 1P
1A, 1.5MHz Step-Down Converter in SOT23-5 Package
ETA3408S2F-T ETA-ETA3408S2F-T Datasheet
194Kb / 1P
1A, 1.5MHz Step-Down Converter in SOT23-5 Package
More results

Similar Description - ETA3409

ManufacturerPart #DatasheetDescription
logo
Advanced Analogic Techn...
AAT2113A ANALOGICTECH-AAT2113A Datasheet
2Mb / 19P
3MHz, Fast Transient 1.5A Step-Down Converter in 2mm x 2mm Package
logo
Richtek Technology Corp...
RT8278 RICHTEK-RT8278 Datasheet
236Kb / 16P
2A, 24V, 3MHz Step-Down Converter
logo
Power Analog Micoelectr...
PAM2321 PAM-PAM2321 Datasheet
525Kb / 11P
3MHz,Fast Transient 2A Step-Down Converter
logo
Texas Instruments
TLV62565 TI1-TLV62565 Datasheet
1Mb / 22P
1.5-A High Efficiency Step-Down Converter in SOT23-5 Package
logo
ACE Technology Co., LTD...
ACE722E ACE-ACE722E Datasheet
1Mb / 16P
3MHz 2A Step-Down Converter
VER 1.1
logo
ETA SOLUTIONS CO. LIMIT...
ETA3410 ETA-ETA3410 Datasheet
357Kb / 1P
3MHz 2A High 흯 Step-Down Converter in DFN2x2-8L Package
ETA3406 ETA-ETA3406 Datasheet
269Kb / 1P
1.5MHz 1.2A Step-Down Converter in SOT23-5 Package
ETA3408 ETA-ETA3408 Datasheet
194Kb / 1P
1A, 1.5MHz Step-Down Converter in SOT23-5 Package
ETA3486 ETA-ETA3486 Datasheet
194Kb / 1P
1A, 1.5MHz Step-Down Converter in SOT23-5 Package
ETA8120 ETA-ETA8120 Datasheet
199Kb / 1P
18V, 2A, High Efficiency Synchronous Step-Down Converter in SOT23-6
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com