Electronic Components Datasheet Search
  English  ▼

X  

ETA3411 Datasheet(PDF) 1 Page - ETA SOLUTIONS CO. LIMITED

Part # ETA3411
Description  3MHz, Output Adjustable, 2A Synchronous Buck Converter for RF Power Amplifiers
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETA [ETA SOLUTIONS CO. LIMITED]
Direct Link  http://www.etasolution.com
Logo ETA - ETA SOLUTIONS CO. LIMITED

ETA3411 Datasheet(HTML) 1 Page - ETA SOLUTIONS CO. LIMITED

  ETA3411 Datasheet HTML 1Page - ETA SOLUTIONS CO. LIMITED  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
ETA3411
www.etasolution.com
1
Powering Minds of the Smart
3MHz, Output Adjustable, 2A Synchronous Buck Converter for RF Power Amplifiers
DESCRIPTION
FEATURES
The ETA3411 is a high-efficiency, DC-to-DC step-down
switching regulator optimized for powering RF power
amplifiers, It has a high switching frequency of 3MHz and
is capable of delivering up to 2A of output current. The
device operates from an input voltage range of 2.4V to
5.5V and provides and adjustable output voltages from
0.6V to VIN by tracking an external reference voltage.
Therefore, the ETA3411 is ideal for powering RF PAs
because power levels of PAs can be controlled by an
external envelope signal and the system efficiency is
optimized
ETA3411 is housed in a tiny DFN2x2-8L package
External Reference signal
Standby Current 33uA (Vout=1.2V, Iout=0A)
Up to 96% Efficiency
Up to 2A Max Output Current
3MHz Frequency
Light Load operation
Internal Compensation
Tiny DFN2x2-8L Package
APPLICATIONS
RF PA
NB-IOT
Cellphone
TYPICAL APPLICATION
ORDERING INFORMATION
PART No.
PACKAGE
TOP MARK
Pcs/Reel
ETA3411D2I
DFN2x2-8L
C9YW
3000


Similar Part No. - ETA3411

ManufacturerPart #DatasheetDescription
logo
ETA SOLUTIONS CO. LIMIT...
ETA3410 ETA-ETA3410 Datasheet
357Kb / 1P
3MHz 2A High 흯 Step-Down Converter in DFN2x2-8L Package
ETA3410D2I ETA-ETA3410D2I Datasheet
357Kb / 1P
3MHz 2A High 흯 Step-Down Converter in DFN2x2-8L Package
More results

Similar Description - ETA3411

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
NCP6334B ONSEMI-NCP6334B Datasheet
253Kb / 14P
3MHz, 2A Synchronous Buck Converter
May, 2012 ??Rev. 2
logo
SHANGHAI BELLING CO., L...
BL8076 BELLING-BL8076 Datasheet
686Kb / 7P
2A 3MHz 6V Synchronous Buck Converter
logo
ON Semiconductor
NCP6334B-V3 ONSEMI-NCP6334B-V3 Datasheet
256Kb / 14P
3MHz, 2A Synchronous Buck Converter
November, 2012 ??Rev. 3
NCP6354 ONSEMI-NCP6354_12 Datasheet
243Kb / 15P
3MHz, 2A Fixed-Frequency Synchronous Buck Converter
November, 2012 ??Rev. 2
NCV6334B ONSEMI-NCV6334B_12 Datasheet
251Kb / 14P
3MHz, 2A Synchronous Buck Converter
November, 2012 ??Rev. 3
NCV6354BMTAATBG ONSEMI-NCV6354BMTAATBG Datasheet
244Kb / 15P
3MHz, 2A Fixed-Frequency Synchronous Buck Converter
November, 2012 ??Rev. 4
NCP6324 ONSEMI-NCP6324 Datasheet
269Kb / 14P
3MHz, 2A Synchronous Buck Converter
October, 2015 ??Rev. 3
NCP6354 ONSEMI-NCP6354 Datasheet
243Kb / 15P
3MHz, 2A Fixed-Frequency Synchronous Buck Converter
November, 2012 ??Rev. 2
NCV6334B ONSEMI-NCV6334B Datasheet
251Kb / 14P
3MHz, 2A Synchronous Buck Converter
November, 2012 ??Rev. 3
logo
SHANGHAI BELLING CO., L...
BL8076 BELLING-BL8076_16 Datasheet
948Kb / 7P
2A 3MHz 6V Synchronous Buck Converter
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com