Electronic Components Datasheet Search
  English  ▼

X  

ETA3428A Datasheet(PDF) 1 Page - ETA SOLUTIONS CO. LIMITED

Part # ETA3428A
Description  3A 3MHz Synchronous Step-Down DC-DC in DFN3X3-10
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETA [ETA SOLUTIONS CO. LIMITED]
Direct Link  http://www.etasolution.com
Logo ETA - ETA SOLUTIONS CO. LIMITED

ETA3428A Datasheet(HTML) 1 Page - ETA SOLUTIONS CO. LIMITED

  ETA3428A Datasheet HTML 1Page - ETA SOLUTIONS CO. LIMITED  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
ETA3428A
www.ETAsolution.com
Outperform with Efficiency
Proprietary Information DO NOT Distribute
1
3A 3MHz Synchronous Step-Down DC-DC in DFN3X3-10
FEATURES
High Efficiency: Up to 95%
Capable of Delivering 3A
Up to 3MHz Switching Frequency
No External Schottky Diode Needed
Low dropout 100% Duty operation
Low Noise PWM control
Programmable Frequency and Compensation
Network
Internal Soft-Start
Logic Control Shutdown (IQ<1uA)
Thermal shutdown and UVLO
Available in DFN-10
APPLICATIONS
Portable Devices
Cellular Base Stations
Networking and Telecommunications
3G wireless Cards
USB supplied Devices in Notebooks
DESCRIPTION
The ETA3428A is a high-efficiency, DC-to-DC step-down
switching regulators, capable of delivering up to 3A of
output current. The device operates from an input voltage
range of 2.6V to 5.5V and provides an output voltage from
0.8V to VIN, making the ETA3428A ideal for low voltage
power conversions. External programmable frequency and
compensation network of the ETA3428A enable system
designers to make trade off according to different
requirements such as board space, output transient
response and efficiency. Internal soft-start control
circuitry reduces inrush current. Short-circuit and
thermal-overload protection improves design reliability.
ETA3428A is housed in a DFN-10 Package
ORDERING INFORMATION
PART
PACKAGE PIN TOP MARK
ETA3428AD3K-T
ETA3428AD3K-U
DFN3x3-10
ETA8521- Product Number
YWWPL
Date Code
Distributed Power Systems
TYPICAL APPLICATION
SHDN/RT
GND
FB
PVDD
SW
VOUT
VIN
5V
47uF
2.2uH
47uF
220pF
VDD
PGND
COMP
510K
180K
240K
47K


Similar Part No. - ETA3428A

ManufacturerPart #DatasheetDescription
logo
ETA SOLUTIONS CO. LIMIT...
ETA3428 ETA-ETA3428 Datasheet
232Kb / 1P
3A 1.8MHz Synchronous Step-Down DC-DC in DFN3X3-10
ETA3428B ETA-ETA3428B Datasheet
306Kb / 1P
3A 3MHz Synchronous Step-Down DC-DC in DFN3X3-10
ETA3428BD3K-T ETA-ETA3428BD3K-T Datasheet
306Kb / 1P
3A 3MHz Synchronous Step-Down DC-DC in DFN3X3-10
ETA3428BD3K-U ETA-ETA3428BD3K-U Datasheet
306Kb / 1P
3A 3MHz Synchronous Step-Down DC-DC in DFN3X3-10
ETA3428D3K-T ETA-ETA3428D3K-T Datasheet
232Kb / 1P
3A 1.8MHz Synchronous Step-Down DC-DC in DFN3X3-10
More results

Similar Description - ETA3428A

ManufacturerPart #DatasheetDescription
logo
Analog Devices
ADP2102 AD-ADP2102 Datasheet
230Kb / 7P
600mA 3MHz Synchronous Step-Down DC-DC Converter
logo
Intersil Corporation
ZL2103 INTERSIL-ZL2103 Datasheet
929Kb / 28P
3A Digital-DC Synchronous Step-Down DC/DC Converter
May 3, 2011
logo
Global Mixed-mode Techn...
G5671 GMT-G5671 Datasheet
79Kb / 1P
3A Synchronous Step-Down DC/DC
G5798 GMT-G5798 Datasheet
76Kb / 1P
500kHz 2A/3A Synchronous Step-down DC/DC
G5796 GMT-G5796 Datasheet
88Kb / 1P
500kHz 2A/3A Synchronous Step-down DC/DC
logo
E-CMOS Corporation
EC3293 E-CMOS-EC3293 Datasheet
821Kb / 11P
3A, 18V, Synchronous Step-down DC/DC Converter
logo
Renesas Technology Corp
ZL2103 RENESAS-ZL2103 Datasheet
1Mb / 28P
3A Digital-DC Synchronous Step-Down DC/DC Converter
logo
ETA SOLUTIONS CO. LIMIT...
ETA3428 ETA-ETA3428 Datasheet
232Kb / 1P
3A 1.8MHz Synchronous Step-Down DC-DC in DFN3X3-10
ETA3428B ETA-ETA3428B Datasheet
306Kb / 1P
3A 3MHz Synchronous Step-Down DC-DC in DFN3X3-10
logo
Maxim Integrated Produc...
MAX16961 MAXIM-MAX16961_V01 Datasheet
595Kb / 13P
3A, 2.2MHz, Synchronous Step-Down DC-DC Converter
2015
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com