Electronic Components Datasheet Search
  English  ▼

X  

ETA3451 Datasheet(PDF) 2 Page - ETA SOLUTIONS CO. LIMITED

Part # ETA3451
Description  6V/3.5A, Fast Response, Adaptive COT Step-Down Converter in Tiny DFN2x2
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETA [ETA SOLUTIONS CO. LIMITED]
Direct Link  http://www.etasolution.com
Logo ETA - ETA SOLUTIONS CO. LIMITED

ETA3451 Datasheet(HTML) 2 Page - ETA SOLUTIONS CO. LIMITED

  ETA3451 Datasheet HTML 1Page - ETA SOLUTIONS CO. LIMITED ETA3451 Datasheet HTML 2Page - ETA SOLUTIONS CO. LIMITED  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
ETA3451
www.etasolution.com
2
Powering Minds of the Smart
PCB LAYOUT
The ETA3451 employs a sophisticated control scheme to achieve the fast response and other superior performances. So the PCB layout is
recommended to strictly follow the proposed way shown below. The Cin (22uF) and Cout (22uF or 10uF x 2) are always to be placed
closest to ETA3451. The Cin1 (10nF) is also require to be connected to AGND (not PGND) to filter out the switching noise. Please don’t short
Pin2 (PGND) and Pin3 (AGND) directly, but through a PCB trace, as what’s shown below.
Please contact ETA engineers for confirmation if one needs to change the PCB layout.
PACKAGE OUTLINE
Package: DFN2x2-8L
VIN
VOUT
GND
SW



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com