Electronic Components Datasheet Search
  English  ▼

X  

ETA3486 Datasheet(PDF) 1 Page - ETA SOLUTIONS CO. LIMITED

Part # ETA3486
Description  1A, 1.5MHz Step-Down Converter in SOT23-5 Package
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETA [ETA SOLUTIONS CO. LIMITED]
Direct Link  http://www.etasolution.com
Logo ETA - ETA SOLUTIONS CO. LIMITED

ETA3486 Datasheet(HTML) 1 Page - ETA SOLUTIONS CO. LIMITED

  ETA3486 Datasheet HTML 1Page - ETA SOLUTIONS CO. LIMITED  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
ETA3486
www.ETAsolution.com
Outperform with Efficiency
Proprietary Information DO NOT Distribute
1
1A, 1.5MHz Step-Down Converter in SOT23-5 Package
DESCRIPTION
The ETA3486 is a high-efficiency, DC-to-DC step-down
switching regulator, capable of delivering up to 1A of output
current. The devices operate from an input voltage range
of 2.6V to 5.5V and provide output voltages from 0.6V to
VIN, making the ETA3486 ideal for low voltage power
conversions. Running at a fixed frequency of 1.5MHz allows
the use of small inductance value and low DCR inductors,
thereby achieving higher efficiencies. Other external
components, such as ceramic input and output caps, can
also be small due to higher switching frequency, while
maintaining exceptional low noise output voltages. Built-in
EMI reduction circuitry makes this converter ideal power
supply for RF applications. Internal soft-start control
circuitry reduces inrush current. Short-circuit and
thermal-overload protection improves design reliability.
ETA3486 is housed in a tiny SOT23-5L package
FEATURES
Up to 96% Efficiency
Up to 1A Max Output Current
1.5MHz Frequency
Light Load operation
Internal Compensation
Tiny SOT23-5L Package
APPLICATIONS
MIDs, Tablet PC
Set Top Boxes
USB ports/Hubs
Hot Swaps
Cellphones
ORDERING INFORMATION
PART #
PACKAGE PIN
TOP MARK
ETA3486S2F-T
SOT23-5
ARYW
Date Code
Product Number
TYPICAL APPLICATION
GND
FB
IN
SW
VOUT
1.8V/1A
VIN 2.6V to 5.5V
2.2μH
100K
50K
1.8V/1A 1.5MHz Step-Down Converter
EN
10μF
10μF
4
1
3
5
2
22pF Optional
40%
45%
50%
55%
60%
65%
70%
75%
80%
85%
90%
95%
100%
0.001
0.01
0.1
1
IOUT (A)
Efficiency Vs IOUT
VIN=2.7V
VIN=3.6V
VIN=5V
VOUT=1.8V


Similar Part No. - ETA3486

ManufacturerPart #DatasheetDescription
logo
ETA SOLUTIONS CO. LIMIT...
ETA3406 ETA-ETA3406 Datasheet
269Kb / 1P
1.5MHz 1.2A Step-Down Converter in SOT23-5 Package
ETA3406S2F-T ETA-ETA3406S2F-T Datasheet
269Kb / 1P
1.5MHz 1.2A Step-Down Converter in SOT23-5 Package
ETA3408 ETA-ETA3408 Datasheet
194Kb / 1P
1A, 1.5MHz Step-Down Converter in SOT23-5 Package
ETA3408S2F-T ETA-ETA3408S2F-T Datasheet
194Kb / 1P
1A, 1.5MHz Step-Down Converter in SOT23-5 Package
ETA3409 ETA-ETA3409 Datasheet
365Kb / 1P
3MHz 1.5A/2A High 흯 Step-Down Converter in SOT23-5 Package
More results

Similar Description - ETA3486

ManufacturerPart #DatasheetDescription
logo
Kingbor Technology Co
KB3426 KINGBOR-KB3426 Datasheet
199Kb / 16P
1.5MHz, 800mA Synchronous Step-Down Regulator in SOT23-5
logo
Analog Microelectronics
AME5250 AME-AME5250 Datasheet
370Kb / 21P
1A, 1.5MHz Synchronous Step-Down Converter
AME5250A AME-AME5250A Datasheet
409Kb / 22P
1A, 1.5MHz Synchronous Step-Down Converter
AME5253 AME-AME5253 Datasheet
615Kb / 18P
1A, 1.5MHz Synchronous Step-Down Converter
AME5253A AME-AME5253A Datasheet
615Kb / 18P
1A, 1.5MHz Synchronous Step-Down Converter
logo
ACE Technology Co., LTD...
ACE721E ACE-ACE721E Datasheet
823Kb / 10P
1A, 1.5MHz Step-Down Converter
VER 1.3
logo
ETA SOLUTIONS CO. LIMIT...
ETA3406 ETA-ETA3406 Datasheet
269Kb / 1P
1.5MHz 1.2A Step-Down Converter in SOT23-5 Package
ETA3408 ETA-ETA3408 Datasheet
194Kb / 1P
1A, 1.5MHz Step-Down Converter in SOT23-5 Package
ETA3560 ETA-ETA3560 Datasheet
217Kb / 1P
1A, 1.5MHz Step-Down Converter in DFN2X2-6 Package
logo
Lowpower Semiconductor ...
LP3201 POWER-LP3201 Datasheet
425Kb / 10P
1.5MHz, 1A Step-Down Converter
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com