Electronic Components Datasheet Search
  English  ▼

X  

ETA3555 Datasheet(PDF) 1 Page - ETA SOLUTIONS CO. LIMITED

Part # ETA3555
Description  5A, 2.2MHz I2C Controlled Output Synchronous Step-Down Converter
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETA [ETA SOLUTIONS CO. LIMITED]
Direct Link  http://www.etasolution.com
Logo ETA - ETA SOLUTIONS CO. LIMITED

ETA3555 Datasheet(HTML) 1 Page - ETA SOLUTIONS CO. LIMITED

  ETA3555 Datasheet HTML 1Page - ETA SOLUTIONS CO. LIMITED  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
ETA3555
www.etasolution.com
1
Powering Minds of the Smart
5A, 2.2MHz I2C Controlled Output Synchronous Step-Down Converter
DESCRIPTION
FEATURES
The ETA3555 is a high-efficiency, DC-to-DC step-down
switching regulator, capable of delivering up to 5A of
pulse load. It integrates an I2C interface that dynamically
scales the output voltages on demand. The DCDC control
block belongs to a new breed of high frequency
synchronous Step-Down converter that combines the
advantages of voltage mode control and Constant-On-
Time control. Its adaptive Constant-On-Time control
dynamically changes switch on time to achieve a constant
switching frequency. It does not have the minimum on-
time constrain normally a fixed-frequency current mode
Step-down requires, allowing it to go down to very low
duty ratio without affecting loop stability. The voltage
mode nature also provides a more superior load
transient response and a seamless transition from PFM
to PWM modes. Cycle-by-cycle current limit provides
output short-circuit protection and an input OVP function
guards ETA3555 against possible input voltage surge.
ETA3555 is housed in a 2mm x 1.6mm CSP-20 Package.
I2C Dynamic Output Control
Synchronous High Efficiency up to 95%
Fast load transient response
Capable of Delivering 5A
Input OVP at 6V
No External Schottky Diode Needed
Thermal shutdown and UVLO
CSP-20 (4x5) package
APPLICATIONS
ARM based CPUs
Smart Phone
Tablet, MID
Smart Set-Top Box, OTT
ORDERING INFORMATION
PART
PACKAGE PIN
TOP MARK
ETA3555CSU
CSP-20 (4x5)
3555
YWWL ( Date Code)
TYPICAL APPLICATION
VOUT
VIN 2.5V to 5.5V
0.33uH
ETA3555
22uF x 2
10uF
AVIN/PVIN
EN
AGND/PGND
SW
FB
SDA
SCL
VSEL
I2C
20uF
Typical Application Circuit


Similar Part No. - ETA3555

ManufacturerPart #DatasheetDescription
logo
ETA SOLUTIONS CO. LIMIT...
ETA3560 ETA-ETA3560 Datasheet
217Kb / 1P
1A, 1.5MHz Step-Down Converter in DFN2X2-6 Package
ETA3560D2G ETA-ETA3560D2G Datasheet
217Kb / 1P
1A, 1.5MHz Step-Down Converter in DFN2X2-6 Package
More results

Similar Description - ETA3555

ManufacturerPart #DatasheetDescription
logo
Eutech Microelectronics...
EUP3425 EUTECH-EUP3425 Datasheet
250Kb / 2P
5A, 1MHz Synchronous Step-Down Converter
logo
Richtek Technology Corp...
RT8030 RICHTEK-RT8030 Datasheet
136Kb / 11P
1A, 2.2MHz, Synchronous Step-Down Regulator
logo
Anpec Electronics Corop...
APW7083 ANPEC-APW7083 Datasheet
428Kb / 22P
5A, 26V, 380kHz, Synchronous Step-Down Converter
logo
Monolithic Power System...
MP8725 MPS-MP8725 Datasheet
342Kb / 14P
21V, 5A, 500kHz Synchronous Step-down Converter
MP28265 MPS-MP28265 Datasheet
373Kb / 14P
21V, 5A, 1.1MHz Synchronous Step-down Converter
MP28275 MPS-MP28275 Datasheet
407Kb / 14P
7V, 5A, 1.1MHz Synchronous Step-down Converter
logo
Texas Instruments
LM73605 TI1-LM73605 Datasheet
114Kb / 9P
5A Synchronous Step-Down Voltage Converter
logo
ETA SOLUTIONS CO. LIMIT...
ETA1459 ETA-ETA1459 Datasheet
157Kb / 1P
18V, 2.5A, I2C Controlled Output Synchronous Step-Down Converter
logo
Maxim Integrated Produc...
MAX16962 MAXIM-MAX16962 Datasheet
637Kb / 13P
4A, 2.2MHz, Synchronous Step-Down DC-DC Converter
Rev 3; 7/15
MAX16961 MAXIM-MAX16961_V01 Datasheet
595Kb / 13P
3A, 2.2MHz, Synchronous Step-Down DC-DC Converter
2015
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com