Electronic Components Datasheet Search
  English  ▼

X  

ETA3560D2G Datasheet(PDF) 1 Page - ETA SOLUTIONS CO. LIMITED

Part # ETA3560D2G
Description  1A, 1.5MHz Step-Down Converter in DFN2X2-6 Package
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETA [ETA SOLUTIONS CO. LIMITED]
Direct Link  http://www.etasolution.com
Logo ETA - ETA SOLUTIONS CO. LIMITED

ETA3560D2G Datasheet(HTML) 1 Page - ETA SOLUTIONS CO. LIMITED

  ETA3560D2G Datasheet HTML 1Page - ETA SOLUTIONS CO. LIMITED  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
ETA3560
www.ETAsolution.com
Outperform with Efficiency
Proprietary Information DO NOT Distribute
1
1A, 1.5MHz Step-Down Converter in DFN2X2-6 Package
DESCRIPTION
The ETA3560 is a high-efficiency, DC-to-DC step-down
switching regulator, capable of delivering up to 1A of output
current. The devices operate from an input voltage range of
2.6V to 5.5V and provide output voltages from 0.6V to VIN,
making the ETA3560 ideal for low voltage power conversions.
Running at a fixed frequency of 1.5MHz allows the use of small
inductance value and low DCR inductors, thereby achieving
higher efficiencies. Other external components, such as
ceramic input and output caps, can also be small due to
higher switching frequency, while maintaining exceptional
low noise output voltages. Built-in EMI reduction circuitry
makes this converter ideal power supply for RF applications.
Internal soft-start control circuitry reduces inrush current.
Short-circuit and thermal-overload protection improves
design reliability.
ETA3560 is housed in a tiny DFN2X2-6L package
FEATURES
Up to 96% Efficiency
Up to 1A Max Output Current
1.5MHz Frequency
Light Load operation
Internal Compensation
Tiny DFN2X2-6L Package
APPLICATIONS
MIDs, Tablet PC
Set Top Boxes
USB ports/Hubs
Hot Swaps
Cellphones
ORDERING INFORMATION
PART #
PACKAGE PIN TOP MARK
ETA3560D2G
DFN2X2-6
DIYW
TYPICAL APPLICATION
GND
FB
IN
SW
VOUT
1.8V/1A
VIN 2.6V to 5.5V
2.2μH
100K
50K
1.8V/1A 1.5MHz Step-Down Converter
EN
10μF
10μF
4
1
3
5
2
22pF Optional
40%
45%
50%
55%
60%
65%
70%
75%
80%
85%
90%
95%
100%
0.001
0.01
0.1
1
IOUT (A)
Efficiency Vs IOUT
VIN=2.7V
VIN=3.6V
VIN=5V
VOUT=1.8V


Similar Part No. - ETA3560D2G

ManufacturerPart #DatasheetDescription
logo
ETA SOLUTIONS CO. LIMIT...
ETA3555 ETA-ETA3555 Datasheet
169Kb / 1P
5A, 2.2MHz I2C Controlled Output Synchronous Step-Down Converter
ETA3555CSU ETA-ETA3555CSU Datasheet
169Kb / 1P
5A, 2.2MHz I2C Controlled Output Synchronous Step-Down Converter
More results

Similar Description - ETA3560D2G

ManufacturerPart #DatasheetDescription
logo
Richtek Technology Corp...
RT8060 RICHTEK-RT8060 Datasheet
269Kb / 10P
1.5MHz, 1A High Efficiency Step-Down Converter
logo
BCD Semiconductor Manuf...
AUR9713 BCDSEMI-AUR9713 Datasheet
768Kb / 14P
1.5MHz, 1A, STEP DOWN DC-DC CONVERTER
logo
Analog Microelectronics
AME5250 AME-AME5250 Datasheet
370Kb / 21P
1A, 1.5MHz Synchronous Step-Down Converter
AME5250A AME-AME5250A Datasheet
409Kb / 22P
1A, 1.5MHz Synchronous Step-Down Converter
AME5253 AME-AME5253 Datasheet
615Kb / 18P
1A, 1.5MHz Synchronous Step-Down Converter
AME5253A AME-AME5253A Datasheet
615Kb / 18P
1A, 1.5MHz Synchronous Step-Down Converter
logo
ACE Technology Co., LTD...
ACE721E ACE-ACE721E Datasheet
823Kb / 10P
1A, 1.5MHz Step-Down Converter
VER 1.3
logo
ETA SOLUTIONS CO. LIMIT...
ETA3408 ETA-ETA3408 Datasheet
194Kb / 1P
1A, 1.5MHz Step-Down Converter in SOT23-5 Package
ETA3486 ETA-ETA3486 Datasheet
194Kb / 1P
1A, 1.5MHz Step-Down Converter in SOT23-5 Package
logo
Lowpower Semiconductor ...
LP3201 POWER-LP3201 Datasheet
425Kb / 10P
1.5MHz, 1A Step-Down Converter
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com