Electronic Components Datasheet Search
  English  ▼

X  

ETA4000 Datasheet(PDF) 1 Page - ETA SOLUTIONS CO. LIMITED

Part # ETA4000
Description  12V/400mA Inductorless High
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETA [ETA SOLUTIONS CO. LIMITED]
Direct Link  http://www.etasolution.com
Logo ETA - ETA SOLUTIONS CO. LIMITED

ETA4000 Datasheet(HTML) 1 Page - ETA SOLUTIONS CO. LIMITED

  ETA4000 Datasheet HTML 1Page - ETA SOLUTIONS CO. LIMITED  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
ETA4000
www.ETAsolution.com
Powering minds of the
smarts
1
12V/400mA Inductorless High-Efficiency Regulator
DESCRIPTION
The ETA4000 uses Charge Transfer technology to achieve twice the efficiency more than conventional linear regulators when performing
step-down operation. Different from conventional DC-DC, it is necessary to switch the external inductance, which brings in the problem of
radio frequency interference. The ETA4000 uses a capacitor to perform charge transfer to improve efficiency and avoid interference
problems. At the same time, when the load is less than 50mA, the efficiency is generally higher than DC-DC's one. The ETA4000 also maintains
a very small output ripple with 150uA of DC power consumption. It integrates over-voltage protection, over-temperature protection, over-
current protection and other functions. Its typical application is the 12V input voltage and low output voltage, it's the best choice for the
system where the efficiency and radio frequency interference are much considered.
FEATURES
Wide input range of 4.4V-16V
Maximum output voltage up to 5V
Maximum output current up to 400mA
Highest withstand voltage of 20V
1.1V Feedback voltage
Two times more efficient than conventional linear
regulators
No inductor required
SOP8 package
APPLICATIONS
Wireless RF transmission module
Power Line Carrier Module
Smart home
ORDERING INFORMATION
PART
PACKAGE
TOP MARK
ETA4000S8A
SOP8
ETA4000
YWW2L
TYPICAL APPLICATION


Similar Part No. - ETA4000

ManufacturerPart #DatasheetDescription
logo
ETA SOLUTIONS CO. LIMIT...
ETA4054 ETA-ETA4054 Datasheet
241Kb / 6P
16V/1A Fully Integrated Linear Charger for 1 Cell Li-ion Battery
ETA4054S2F ETA-ETA4054S2F Datasheet
241Kb / 6P
16V/1A Fully Integrated Linear Charger for 1 Cell Li-ion Battery
ETA4056 ETA-ETA4056 Datasheet
1Mb / 12P
1.2A/16V Fully Integrated Linear Charger for 1 Cell Li-ion Battery
ETA4056D2I ETA-ETA4056D2I Datasheet
1Mb / 12P
1.2A/16V Fully Integrated Linear Charger for 1 Cell Li-ion Battery
ETA4056D6I ETA-ETA4056D6I Datasheet
1Mb / 12P
1.2A/16V Fully Integrated Linear Charger for 1 Cell Li-ion Battery
More results

Similar Description - ETA4000

ManufacturerPart #DatasheetDescription
logo
Supertex, Inc
SR036DB1 SUTEX-SR036DB1 Datasheet
142Kb / 2P
Inductorless Switching Power Supply
logo
ON Semiconductor
NCP7662 ONSEMI-NCP7662 Datasheet
152Kb / 12P
INDUCTORLESS VOLTAGE CONVERTER
June, 2000 ??Rev. 0
logo
Global Mixed-mode Techn...
G9161 GMT-G9161 Datasheet
411Kb / 15P
400mA High PSRR, LDO Regulators
logo
GETAI ELECTRONICS DEVIC...
HV37-08 GETEDZ-HV37-08 Datasheet
80Kb / 1P
8kV 400mA HIGH VOLTAGE DIODE
HV600S20 GETEDZ-HV600S20 Datasheet
68Kb / 1P
400mA 20kV HIGH VOLTAGE DIODES
logo
Supertex, Inc
HV850MG-G SUTEX-HV850MG-G Datasheet
665Kb / 8P
High Voltage, Low Noise, Inductorless EL Lamp Driver
logo
M.S. Kennedy Corporatio...
MSK111 MSK-MSK111_15 Datasheet
162Kb / 6P
High Output Current: 400mA
logo
Linear Technology
LTC1503-1.8 LINER-LTC1503-1.8_15 Datasheet
202Kb / 12P
High Efficiency Inductorless Step-Down DC/DC Converters
LTC1503-2 LINER-LTC1503-2_15 Datasheet
202Kb / 12P
High Efficiency Inductorless Step-Down DC/DC Converters
logo
GETAI ELECTRONICS DEVIC...
HV500F15 GETEDZ-HV500F15_16 Datasheet
68Kb / 1P
400mA 15kV HIGH VOLTAGE DIODES
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com