Electronic Components Datasheet Search
  English  ▼

X  

ETA5050 Datasheet(PDF) 1 Page - ETA SOLUTIONS CO. LIMITED

Part # ETA5050
Description  500mA Low Noise, Fast Transient Response LDO with Adjustable Output Voltage
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETA [ETA SOLUTIONS CO. LIMITED]
Direct Link  http://www.etasolution.com
Logo ETA - ETA SOLUTIONS CO. LIMITED

ETA5050 Datasheet(HTML) 1 Page - ETA SOLUTIONS CO. LIMITED

  ETA5050 Datasheet HTML 1Page - ETA SOLUTIONS CO. LIMITED  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
ETA5050
www.ETAsolution.com
Powering Minds of the Smarts
Proprietary Information DO NOT Distribute
1
500mA Low Noise, Fast Transient Response LDO with Adjustable Output Voltage
DESCRIPTION
FEATURES
ETA5050 is a 500mA low noise and fast transient response
liner regulator with adjustable output voltage and ultra low
dropout voltage. Its output voltage is programmed by a
resistor divider, and can be as low as 0.8V, which satisfies
the most advanced ICs which may require supply voltage to
be 0.9V – 1.2V.
ETA5050 is consists of a precise voltage reference, an error
amplifier, a compensation network and a low ON-resistance
power P-MOSFET. Italso integrates manyprotection circuitry,
like current limit and over-temperature protection module.
ETA5050 is in a tiny SOT23-5 package.
500mA output current
Adjustable output voltage
Minimum output voltage as low as 0.8V
Ultra low dropout voltage 370mV @ 500mA
Low quiescent current 40uA
<1uA shutdown current
Short-circuit protection
Over-temperature protection
APPLICATIONS
Any battery powered electronic devices
Other AC powered device which needs an
adjustable output voltage thru LDOs
TYPICAL APPLICATION
ORDERING INFORMATION
PART
PACKAGE PIN
TOP MARK
Top Mark Explanation
ETA5050S2F
SOT23-5
FAYW
FA = Product Code, YW = Date Code
250K


Similar Part No. - ETA5050

ManufacturerPart #DatasheetDescription
logo
ETA SOLUTIONS CO. LIMIT...
ETA5051 ETA-ETA5051 Datasheet
262Kb / 1P
80dB PSRR, Low Noise, RF, 300mA LDO in SOT23-5
ETA5051V18S2F ETA-ETA5051V18S2F Datasheet
262Kb / 1P
80dB PSRR, Low Noise, RF, 300mA LDO in SOT23-5
ETA5051V25S2F ETA-ETA5051V25S2F Datasheet
262Kb / 1P
80dB PSRR, Low Noise, RF, 300mA LDO in SOT23-5
ETA5051V285S2F ETA-ETA5051V285S2F Datasheet
262Kb / 1P
80dB PSRR, Low Noise, RF, 300mA LDO in SOT23-5
ETA5051V28S2F ETA-ETA5051V28S2F Datasheet
262Kb / 1P
80dB PSRR, Low Noise, RF, 300mA LDO in SOT23-5
More results

Similar Description - ETA5050

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS7A45XX TI-TPS7A45XX Datasheet
423Kb / 19P
LOW-NOISE, FAST-TRANSIENT-RESPONSE 1.5-A LDO VOLTAGE REGULATORS
logo
ACE Technology Co., LTD...
ACE509 ACE-ACE509 Datasheet
353Kb / 11P
Low noise, fast response 500mA LDO regulator
VER 1.2
logo
SHANGHAI BELLING CO., L...
BL8558 BELLING-BL8558 Datasheet
280Kb / 10P
Low noise, fast response 500mA LDO regulator
logo
ACE Technology Co., LTD...
ACE509 ACE-ACE509_12 Datasheet
666Kb / 12P
Low noise, fast response 500mA LDO regulator
VER 1.4
logo
Leshan Radio Company
LR8558 LRC-LR8558 Datasheet
647Kb / 11P
Low noise, fast response 500mA LDO regulato
logo
ACE Technology Co., LTD...
ACE500E ACE-ACE500E Datasheet
436Kb / 7P
Fast Transient Response LDO with Adjustable Output Voltage
VER 1.2
logo
Leshan Radio Company
LR8558 LRC-LR8558_15 Datasheet
647Kb / 11P
Low noise, fast response 500mA LDO regulato
logo
RICOH electronics devic...
RP111H071B RICOH-RP111H071B_17 Datasheet
824Kb / 44P
Good Transient Response Low Voltage 500mA LDO
April 1, 2012
RP111X RICOH-RP111X Datasheet
802Kb / 44P
Good Transient Response Low Voltage 500mA LDO
April 1, 2012
logo
Shenzhen Huazhimei Semi...
HM6215 HMSEMI-HM6215 Datasheet
590Kb / 4P
500mA Low Noise, High PSRR, Fast Transient Response LDO with Adjustable
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com