Electronic Components Datasheet Search
  English  ▼

X  

ETA5051 Datasheet(PDF) 1 Page - ETA SOLUTIONS CO. LIMITED

Part # ETA5051
Description  80dB PSRR, Low Noise, RF, 300mA LDO in SOT23-5
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETA [ETA SOLUTIONS CO. LIMITED]
Direct Link  http://www.etasolution.com
Logo ETA - ETA SOLUTIONS CO. LIMITED

ETA5051 Datasheet(HTML) 1 Page - ETA SOLUTIONS CO. LIMITED

  ETA5051 Datasheet HTML 1Page - ETA SOLUTIONS CO. LIMITED  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
ETA5051
www.etasolution.com
1
Powering Minds of the Smart
80dB PSRR, Low Noise, RF, 300mA LDO in SOT23-5
DESCRIPTION
FEATURES
ETA5051 is a
low-dropout (LDO) low-power linear voltage
regulator features high power-supply rejection ratio
(PSRR), ultralow-noise, fast start-up, and excellent line
and load transient responses. Its PSRR can be as high as
80dB and its noise level can be as low as 30μVRMS of
output voltage noise at 2.8V output with a 0.1μF bypass
capacitor. Therefore, ETA5051 is an ideal power supply for
noise-sensitive applications such as RF transmissions,
cellphones, CMOS sensors and audios etc.
ETA5051’s output voltage is factory set and is housed in
SOT23-5 package.
High PSRR, 80 dB at 10Hz,70dB at 10Kz
Low Noise, 30μVRMS
Stable With a Wide Range of C5eramic Capacitor
larger than 1μF
Excellent Load and Line Transient Response
Very Low Dropout Voltage
300mA output current
APPLICATIONS
RF power
Sensors
Audio
TYPICAL APPLICATION
ORDERING INFORMATION
PART No.
TOP MARK Top Mark Explanation
PART No.
TOP MARK Top Mark Explanation
ETA5051V18S2F
b8YW
b8= Product Code, YW = Date Code
ETA5051V285S2F
c8YW
c8= Product Code, YW = Date Code
ETA5051V25S2F
c5YW
c5= Product Code, YW = Date Code
ETA5051V30S2F
d0YW
d0= Product Code, YW = Date Code
ETA5051V28S2F
c8YW
c8= Product Code, YW = Date Code
ETA5051V33S2F
d3YW
d3= Product Code, YW = Date Code
PACKAGE
SOT23-5
Pcs/REEL
3000


Similar Part No. - ETA5051

ManufacturerPart #DatasheetDescription
logo
ETA SOLUTIONS CO. LIMIT...
ETA5050 ETA-ETA5050 Datasheet
137Kb / 1P
500mA Low Noise, Fast Transient Response LDO with Adjustable Output Voltage
ETA5052 ETA-ETA5052 Datasheet
262Kb / 1P
80dB PSRR, Low Noise, RF, 300mA LDO in SOT23-6
ETA5052S2G ETA-ETA5052S2G Datasheet
262Kb / 1P
80dB PSRR, Low Noise, RF, 300mA LDO in SOT23-6
ETA5053 ETA-ETA5053 Datasheet
464Kb / 1P
70dB PSRR, Low Noise, Fast Response 300mA LDO in DFN1x1 and SOT23-5
ETA5053V12NF1E ETA-ETA5053V12NF1E Datasheet
464Kb / 1P
70dB PSRR, Low Noise, Fast Response 300mA LDO in DFN1x1 and SOT23-5
More results

Similar Description - ETA5051

ManufacturerPart #DatasheetDescription
logo
Global Mixed-mode Techn...
G914X GMT-G914X_07 Datasheet
289Kb / 11P
300mA High PSRR, Low-Noise LDO Regulators
logo
Eutech Microelectronics...
EUP7917 EUTECH-EUP7917 Datasheet
277Kb / 12P
300mA, High PSRR Low-Noise LDO
logo
Taiwan Semiconductor Co...
TS9008ACX TSC-TS9008ACX Datasheet
290Kb / 9P
300mA High PSRR Low Noise CMOS LDO
TS9008DCX5 TSC-TS9008DCX5 Datasheet
290Kb / 9P
300mA High PSRR Low Noise CMOS LDO
TS9008PCX5 TSC-TS9008PCX5 Datasheet
290Kb / 9P
300mA High PSRR Low Noise CMOS LDO
logo
Advanced Power Electron...
APE8833 A-POWER-APE8833 Datasheet
346Kb / 7P
300mA HIGH PSRR, LOW NOISE, LDO REGULATORS
logo
Cystech Electonics Corp...
LM1101N5 CYSTEKEC-LM1101N5 Datasheet
744Kb / 10P
300mA High PSRR Low Noise LDO
logo
Taiwan Semiconductor Co...
TS9008 TSC-TS9008_14 Datasheet
328Kb / 9P
300mA High PSRR Low Noise CMOS LDO
logo
ETA SOLUTIONS CO. LIMIT...
ETA5052 ETA-ETA5052 Datasheet
262Kb / 1P
80dB PSRR, Low Noise, RF, 300mA LDO in SOT23-6
ETA5053 ETA-ETA5053 Datasheet
464Kb / 1P
70dB PSRR, Low Noise, Fast Response 300mA LDO in DFN1x1 and SOT23-5
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com