Electronic Components Datasheet Search
  English  ▼

X  

RM2211D Datasheet(PDF) 7 Page - List of Unclassifed Manufacturers

Part # RM2211D
Description  FSK Demodulator/Tone Decoder
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC1 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC1 - List of Unclassifed Manufacturers

RM2211D Datasheet(HTML) 7 Page - List of Unclassifed Manufacturers

Back Button RM2211D Datasheet HTML 3Page - List of Unclassifed Manufacturers RM2211D Datasheet HTML 4Page - List of Unclassifed Manufacturers RM2211D Datasheet HTML 5Page - List of Unclassifed Manufacturers RM2211D Datasheet HTML 6Page - List of Unclassifed Manufacturers RM2211D Datasheet HTML 7Page - List of Unclassifed Manufacturers RM2211D Datasheet HTML 8Page - List of Unclassifed Manufacturers RM2211D Datasheet HTML 9Page - List of Unclassifed Manufacturers RM2211D Datasheet HTML 10Page - List of Unclassifed Manufacturers RM2211D Datasheet HTML 11Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 16 page
background image
RC2211
PRODUCT SPECIFICATION
7
FSK Decoding with Carrier Detector
The lock detector section of the RC2211 can be used as a
carrier detector option for FSK decoding. The recommended
circuit connection for this application is shown in Figure 3.
The open-collector lock detector output, pin 6, is shorted to
the data output (pin 7). Thus, the data output will be disabled
at ÒlowÓ state, until there is a carrier within the detection
band of the PLL, and the pin 6 output goes ÒhighÓ to enable
the data output.
Figure 3. External Connections for
FSK Demodulation with Carrier Detector Capability
The minimum value of the lock detector Þlter capacitance
CD is inversely proportional to the capture range,
±DfC.
This is the range of incoming frequencies over which the
loop can acquire lock and is always less than the tracking
range. It is further limited by C1. For most applications,
DFC< DF/2. For RD = 470 kW, the approximate minimum
value of CD can be determined by:
CD(
mF) ³ 16/capture range in Hz
With values of CD that are too small, chatter can be observed
on the lock detector output as an incoming signal frequency
approaches the capture bandwidth. Excessively large values
of CD will slow the response time of the lock detector
output.
Tone Detection
Figure 4 shows the generalized circuit connection for tone
detection. The logic outputs, Q and Q at pins 5 and 6 are
normally at ÒhighÓ and ÒlowÓ logic states, respectively.
When a tone is present within the detection band of the PLL,
the logic state at these outputs becomes reversed to the
duration of the input tone. Each logic output can sink 5 mA
of load current.
1
2
3
4
5
6
7
14
13
12
11
10
9
8
RC2211
65-2211-06
C0
VCO
Fine Tune
R0
RX
5K
R1
C1
0.1
µF
RF
100K
510K
CF
Data
Output
5.1K
+VS
CO
470K
0.1
µF
0.1
µF
+VS
FSK
Inputs
Note: Data output is "low" when no carrier is present.
Figure 4. Circuit Connection for Tone Detection
Both logic outputs at pins 5 and 6 are open-collector type
stages, and require external pull-up resistors RL1 and RL2 as
shown in Figure 4.
With reference to Figures 1 and 4, the function of the
external circuit components can be explained as follows:
R0 and C0 set VCO center frequency, R1 sets the detection
bandwidth, C1 sets the lowpass-loop Þlter time constant and
the loop dampening factor, and RL1 and RL2 are the respec-
tive pull-up resistors for the Q and Q logic outputs.
Design Instructions
The circuit of Figure 4 can be optimized for any tone-detec-
tion application by the choice of Þve key circuit components:
R0, R1, C0, C1 and CD. For a given input tone frequency, FS,
these parameters are calculated as follows:
1.
Choose R0 to be in the range of 15 k
W to 100 kW.
This choice is arbitrary.
2.
Calculate C0 to set center frequency, f0 equal to
FS: C0 = 1/R0FS.
3.
Calculate R1 to set bandwidth
±DF (see Design Equa-
tion No. 5): R1 = R0(F0/
DF). Note: The total detection
bandwidth covers the frequency range of F0
± DF.
4.
Calculate value of C1 for a given loop damping factor:
C1 =C0/16
z2
Normally
z = 1/2 is optimum for most tone detector
applications, giving C1 = 0.25 C0.
Increasing C1 improves the out-of-band signal rejection,
but increases the PLL capture time.
5.
Calculate value of Þlter capacitor CD. To avoid chatter
at the logic output, with RD = 470
W, CD must be:
CD(
mF) ³ (16/capture range in Hz)
Increasing CD slows the logic output response time.
1
2
3
4
5
6
7
14
13
12
11
10
9
8
RC2211
65-2211-07
C0
VCO
Fine Tune
R0
RX
5K
R1
C1
0.1
µF
Logic
Output
+VS
CO
470K
0.1
µF
0.1
µF
+VS
FSK
Inputs
Q
RL1
RL2
+VS
Q
Logic
Outputs



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com