Electronic Components Datasheet Search
  English  ▼

X  

GPCE2048B Datasheet(PDF) 13 Page - Generalplus Technology Inc.

Part # GPCE2048B
Description  16-bit Sound Controller
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  GENERALPLUS [Generalplus Technology Inc.]
Direct Link  http://www.generalplus.com
Logo GENERALPLUS - Generalplus Technology Inc.

GPCE2048B Datasheet(HTML) 13 Page - Generalplus Technology Inc.

Back Button GPCE2048B Datasheet HTML 9Page - Generalplus Technology Inc. GPCE2048B Datasheet HTML 10Page - Generalplus Technology Inc. GPCE2048B Datasheet HTML 11Page - Generalplus Technology Inc. GPCE2048B Datasheet HTML 12Page - Generalplus Technology Inc. GPCE2048B Datasheet HTML 13Page - Generalplus Technology Inc. GPCE2048B Datasheet HTML 14Page - Generalplus Technology Inc. GPCE2048B Datasheet HTML 15Page - Generalplus Technology Inc. GPCE2048B Datasheet HTML 16Page - Generalplus Technology Inc. GPCE2048B Datasheet HTML 17Page - Generalplus Technology Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 24 page
background image
GPCE20XXB
© Generalplus Technology Inc.
Proprietary & Confidential
13
Apr. 13, 2015
Version: 1.2
6.12 Soft Reset Protection
Software reset.
Writes $5555 into P_System_Reset will reset
the whole system like hardware reset (pull low RESETB pin),
except a flag will set on in P_System_LVD_Ctrl(R/W).
6.13 ADC (Analog to Digital Converter) / DAC
The GPCE20XXB has eight channels 12-bit ADC (Analog to
Digital Converter).
The function of an ADC is to convert analog
signal to digital signal, e.g. a voltage level into a digital word.
The four channels of ADC can be four channels of line-in from
IOB [3:0] or one channel microphone (MIC) input through
amplifier PGA controller, and AGC controller.
The MIC amplifier
circuit is capable of reducing common mode noise by transmitting
signals through differential MIC Inputs (MICN, MICP).
Moreover,
an external resistor can be applied to adjust microphone gain and
time of AGC operating.
The AD needs to select source of line-in
before conversion.
The ADC take pad (VDD_ADC) as voltage
reference.
6.14 SPI
A
Serial
Peripheral
Interface
(SPI)
controller
is
built
in
GPCE20XXB to facilitate communicating with other devices and
components.
There are four control signals on SPI - SPICS
(IOA12), SPICK (IOA13), SDO (IOA14), and SDI (IOA15).
6.15 Audio Algorithm
The following speech types can be used in GPCE20XXB: PCM,
SACM_S200,
SACM_S480,
SACM_S530,
SACM_A1600,
SACM_A1601, SACM_A1800, SACM_A3400pro, SACM_A3600,
SACM_DVR520,
SACM_DVR1600,
SACM_DVR1800,
SACM_DVR3200, and SACM_DVR4800.
For melody synthesis,
the GPCE20XXB supports SACM_MS01 (FM) and SACM_MS02
(wave-table) synthesizers.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com