Electronic Components Datasheet Search
  English  ▼

X  

MMBT2907 Datasheet(PDF) 1 Page - Guangdong Kexin Industrial Co.,Ltd

Part # MMBT2907
Description  PNP General Purpose Amplifier
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  KEXIN [Guangdong Kexin Industrial Co.,Ltd]
Direct Link  http://www.kexin.com.cn/index.asp
Logo KEXIN - Guangdong Kexin Industrial Co.,Ltd

MMBT2907 Datasheet(HTML) 1 Page - Guangdong Kexin Industrial Co.,Ltd

  MMBT2907 Datasheet HTML 1Page - Guangdong Kexin Industrial Co.,Ltd MMBT2907 Datasheet HTML 2Page - Guangdong Kexin Industrial Co.,Ltd  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
SMD Type
Transistors
www.kexin.com.cn
1
0.4
+0.1
-0.1
2.9
+0.1
-0.1
0.95
+0.1
-0.1
1.9
+0.1
-0.1
1.Base
2.Emitter
3.collector
1
2
3
Unit: mm
SOT-23
0.1
+0.05
-0.01
PNP General Purpose Amplifier
MMBT2907
■ Features
● Collector Current to Continuous :IC=-600mA
● Power Dissipation :PD=250mW
■ Absolute Maximum Ratings Ta = 25℃
Parameter
Symbol
Rating
Unit
Collector-Base Voltage
VCBO
-60
V
Collector-Emitter Voltage
VCEO
-40
V
Emitter-Base Voltage
VEBO
-5
V
Collector Current - Continuous
IC
-600
mA
Total Device Dissipation
PD
250
mW
Thermal Resistance, Junction to Ambient
RθJA
500
℃/ W
Operating and Storage Junction Temperature Range
TJ, Tstg
-55 to +150
℃


Similar Part No. - MMBT2907

ManufacturerPart #DatasheetDescription
logo
Samsung semiconductor
MMBT2907 SAMSUNG-MMBT2907 Datasheet
69Kb / 2P
PNP (GENERAL PURPOSE TRANSISTOR)
logo
Fairchild Semiconductor
MMBT2907 FAIRCHILD-MMBT2907 Datasheet
42Kb / 2P
PNP General Purpose Amplifier
logo
Diotec Semiconductor
MMBT2907 DIOTEC-MMBT2907 Datasheet
59Kb / 2P
Surface mount Si-Epitaxial PlanarTransistors
logo
Comchip Technology
MMBT2907 COMCHIP-MMBT2907 Datasheet
139Kb / 5P
General Purpose Transistor (PNP)
logo
Weitron Technology
MMBT2907 WEITRON-MMBT2907 Datasheet
159Kb / 6P
PNP General Purpose Transistors
More results

Similar Description - MMBT2907

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
2N4125 FAIRCHILD-2N4125 Datasheet
23Kb / 2P
PNP General Purpose Amplifier
2N4403 FAIRCHILD-2N4403 Datasheet
42Kb / 7P
PNP General Purpose Amplifier
BC212L FAIRCHILD-BC212L Datasheet
313Kb / 7P
PNP General Purpose Amplifier
BSR16 FAIRCHILD-BSR16 Datasheet
47Kb / 4P
PNP General Purpose Amplifier
BSR18A FAIRCHILD-BSR18A Datasheet
74Kb / 6P
PNP General Purpose Amplifier
FSB6726 FAIRCHILD-FSB6726 Datasheet
23Kb / 3P
PNP General Purpose Amplifier
2N3906 FAIRCHILD-2N3906_01 Datasheet
98Kb / 6P
PNP General Purpose Amplifier
2N4402 FAIRCHILD-2N4402_01 Datasheet
68Kb / 7P
PNP General Purpose Amplifier
BCW30 FAIRCHILD-BCW30_02 Datasheet
46Kb / 3P
PNP General Purpose Amplifier
MPS6534 FAIRCHILD-MPS6534_01 Datasheet
294Kb / 7P
PNP General Purpose Amplifier
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com