Electronic Components Datasheet Search
  English  ▼

X  

MMBTH10 Datasheet(PDF) 1 Page - Guangdong Kexin Industrial Co.,Ltd

Part # MMBTH10
Description  NPN Transistors
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  KEXIN [Guangdong Kexin Industrial Co.,Ltd]
Direct Link  http://www.kexin.com.cn/index.asp
Logo KEXIN - Guangdong Kexin Industrial Co.,Ltd

MMBTH10 Datasheet(HTML) 1 Page - Guangdong Kexin Industrial Co.,Ltd

  MMBTH10 Datasheet HTML 1Page - Guangdong Kexin Industrial Co.,Ltd MMBTH10 Datasheet HTML 2Page - Guangdong Kexin Industrial Co.,Ltd MMBTH10 Datasheet HTML 3Page - Guangdong Kexin Industrial Co.,Ltd  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
SMD Type
www.kexin.com.cn
1
Transistors
NPN Transistors
MMBTH10 (KMBTH10)
■
Features
●
Collector Current Capability IC=0.05A
●
Collector Emitter Voltage VCEO=25V
0.4 +0.1
-0.1
2.9 +0.1
-0.1
0.95 +0.1
-0.1
1.9 +0.1
-0.1
1.Base
2.Emitter
3.Collector
1
2
3
Unit: mm
SOT-23
0.1 +0.05
-0.01
■
Absolute Maximum Ratings Ta = 25℃
Parameter
Symbol
Rating
Unit
Collector - Base Voltage
VCBO
30
Collector - Emitter Voltage
VCEO
25
Emitter - Base Voltage
VEBO
3
Collector Current - Continuous
IC
0.05
A
Collector Power Dissipation
PC
225
mW
Thermal Resistance Junction to Ambient
RθJA
556
℃
/W
Junction Temperature
TJ
150
Storage Temperature Range
Tstg
-55 to +150
V
℃
■
Classification of hfe
Marking
3EM
■
Electrical Characteristics Ta = 25℃
Parameter
Symbol
Test Conditions
Min
Typ
Max
Unit
Collector- base breakdown voltage
VCBO
Ic= 100 μA, IE= 0
30
Collector- emitter breakdown voltage
VCEO
Ic= 1 mA, IB= 0
25
Emitter - base breakdown voltage
VEBO
IE= 10μA, IC= 0
3
Collector-base cut-off current
ICBO
VCB=25 V , IE= 0
100
Emitter cut-off current
IEBO
VEB= 2V , IC=0
100
Collector-emitter saturation voltage
VCE(sat)
IC=4 mA, IB=0.4mA
0.5
Base - emitter saturation voltage
VBE(sat)
IC=4 mA, IB=0.4mA
1.2
Base - emitter saturation voltage
VBE
VCE=10V,IC= 4 mA
0.95
DC current gain
hFE
VCE= 10V, IC= 4mA
60
Collector output capacitance
Cob
VCB= 10V, IE= 0,f=1MHz
0.7
pF
Transition frequency
fT
VCE= 10V, IC= 4mA,f=100MHz
650
MHz
V
V
nA


Similar Part No. - MMBTH10

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
MMBTH10 FAIRCHILD-MMBTH10 Datasheet
71Kb / 6P
NPN RF Transistor
logo
Diodes Incorporated
MMBTH10 DIODES-MMBTH10 Datasheet
55Kb / 2P
NPN SURFACE MOUNT VHF/UHF TRANSISTOR
DS31031 Rev. 4 - 2
logo
Weitron Technology
MMBTH10 WEITRON-MMBTH10 Datasheet
224Kb / 5P
NPN Silicon VHF/UHF Transistor
logo
Unisonic Technologies
MMBTH10 UTC-MMBTH10 Datasheet
196Kb / 5P
RF TRANSISTOR
logo
Fairchild Semiconductor
MMBTH10 FAIRCHILD-MMBTH10 Datasheet
502Kb / 14P
NPN RF Transistor
More results

Similar Description - MMBTH10

ManufacturerPart #DatasheetDescription
logo
Guangdong Kexin Industr...
KST9013 KEXIN-KST9013 Datasheet
103Kb / 2P
NPN Transistors
2SC945-HF KEXIN-2SC945-HF_15 Datasheet
870Kb / 2P
NPN Transistors
2SC2295-HF KEXIN-2SC2295-HF_15 Datasheet
1Mb / 3P
NPN Transistors
2SC2713-HF KEXIN-2SC2713-HF_15 Datasheet
1Mb / 3P
NPN Transistors
2SC2882-HF KEXIN-2SC2882-HF_15 Datasheet
1Mb / 2P
NPN Transistors
2SC2982-HF KEXIN-2SC2982-HF_15 Datasheet
1Mb / 2P
NPN Transistors
2SC3134-HF KEXIN-2SC3134-HF_15 Datasheet
794Kb / 3P
NPN Transistors
2SC3265-HF KEXIN-2SC3265-HF_15 Datasheet
1Mb / 2P
NPN Transistors
2SC3438-HF KEXIN-2SC3438-HF_15 Datasheet
1Mb / 3P
NPN Transistors
BC817A KEXIN-BC817A_15 Datasheet
518Kb / 1P
NPN Transistors
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com