Electronic Components Datasheet Search
  English  ▼

X  

TPCP8404 Datasheet(PDF) 8 Page - Guangdong Kexin Industrial Co.,Ltd

Part # TPCP8404
Description  Silicon P,N Channel MOSFET
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  KEXIN [Guangdong Kexin Industrial Co.,Ltd]
Direct Link  http://www.kexin.com.cn/index.asp
Logo KEXIN - Guangdong Kexin Industrial Co.,Ltd

TPCP8404 Datasheet(HTML) 8 Page - Guangdong Kexin Industrial Co.,Ltd

Back Button TPCP8404 Datasheet HTML 2Page - Guangdong Kexin Industrial Co.,Ltd TPCP8404 Datasheet HTML 3Page - Guangdong Kexin Industrial Co.,Ltd TPCP8404 Datasheet HTML 4Page - Guangdong Kexin Industrial Co.,Ltd TPCP8404 Datasheet HTML 5Page - Guangdong Kexin Industrial Co.,Ltd TPCP8404 Datasheet HTML 6Page - Guangdong Kexin Industrial Co.,Ltd TPCP8404 Datasheet HTML 7Page - Guangdong Kexin Industrial Co.,Ltd TPCP8404 Datasheet HTML 8Page - Guangdong Kexin Industrial Co.,Ltd TPCP8404 Datasheet HTML 9Page - Guangdong Kexin Industrial Co.,Ltd TPCP8404 Datasheet HTML 10Page - Guangdong Kexin Industrial Co.,Ltd  
Zoom Inzoom in Zoom Outzoom out
 8 / 10 page
background image
Transistors
www.kexin.com.cn
8
MOSFET
SMD Type
1
0.1
1
100
10
1000
10
100
VGS = 4.5 V
10
0.1
1000
10
0.1
100
1
1
10
25
100
Ta
= 55°C
100
ID = 4A
2
1
0
08
10
24
6
2.0
1.5
0.5
1
Ta
= 55°C
25
100
0
04
5
12
3
10
6
2
4
8
ID – VDS
VGS = 3V
3.8
6
5
3.4
10
3.6
3.2
8
10
8
4
2
0
6
0
4
5
1
2
3
4
ID – VDS
5
4
2
1
0
VGS = 2.8 V
3.4
4.5
3
3.8
6
3.6
10
3
0
0.8
1.0
0.2
0.4
0.6
8
5
4
3.2
Drain current
ID (A)
RDS (ON) – ID
Gate source voltage
VGS
(V)
ID – VGS
Common source
VDS = 10 V
Pulse test
Gate-source voltage
VGS
(V)
VDS – VGS
Drain source voltage
VDS
(V)
Common source
Ta
= 25°C
Pulse test
Drain source voltage
VDS
(V)
Drain current
ID (A)
|Yfs| – ID
Common source
Ta
= 25°C
Pulse test
Common source
Ta
= 25
Pulse test
Common source
VDS = 10 V
Pulse test
Common source
Ta
= 25°C
Pulse test
Typical Characterisitics (N-ch)
Silicon P,N Channel MOSFET
TPCP8404



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com