Electronic Components Datasheet Search
  English  ▼

X  

VIPER12A Datasheet(PDF) 5 Page - Guangdong Kexin Industrial Co.,Ltd

Part # VIPER12A
Description  Low Power Off Line SMPS Primary Switcher
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  KEXIN [Guangdong Kexin Industrial Co.,Ltd]
Direct Link  http://www.kexin.com.cn/index.asp
Logo KEXIN - Guangdong Kexin Industrial Co.,Ltd

VIPER12A Datasheet(HTML) 5 Page - Guangdong Kexin Industrial Co.,Ltd

  VIPER12A Datasheet HTML 1Page - Guangdong Kexin Industrial Co.,Ltd VIPER12A Datasheet HTML 2Page - Guangdong Kexin Industrial Co.,Ltd VIPER12A Datasheet HTML 3Page - Guangdong Kexin Industrial Co.,Ltd VIPER12A Datasheet HTML 4Page - Guangdong Kexin Industrial Co.,Ltd VIPER12A Datasheet HTML 5Page - Guangdong Kexin Industrial Co.,Ltd VIPER12A Datasheet HTML 6Page - Guangdong Kexin Industrial Co.,Ltd  
Zoom Inzoom in Zoom Outzoom out
 5 / 6 page
background image
5
www.kexin.com.cn
SMD Type
Integrate Circuit
VIPER12A
Figure 6 : Switching Frequency vs Temperature
Figure 7 : Current Limitation vs Temperature
-20
0
20
40
60
80
100
120
Temperature (°C)
0.97
0.98
0.99
1
1.01
Vdd = 10V ... 35V
-20
0
20
40
60
80
100
120
Temperature (°C)
0.94
0.95
0.96
0.97
0.98
0.99
1
1.01
1.02
1.03
1.04
Vin = 100V
Vdd = 20V



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com