Electronic Components Datasheet Search
  English  ▼

X  

ETA6121 Datasheet(PDF) 1 Page - ETA SOLUTIONS CO. LIMITED

Part # ETA6121
Description  Over-Voltage Protection Load Switch
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETA [ETA SOLUTIONS CO. LIMITED]
Direct Link  http://www.etasolution.com
Logo ETA - ETA SOLUTIONS CO. LIMITED

ETA6121 Datasheet(HTML) 1 Page - ETA SOLUTIONS CO. LIMITED

  ETA6121 Datasheet HTML 1Page - ETA SOLUTIONS CO. LIMITED  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
ETA6121
www.etasolution.com
1
Powering Minds of the Smart
Over-Voltage Protection Load Switch
DESCRIPTION
FEATURES
ETA6121 is an Over-Voltage-Protection (OVP) IC with an ultra-
low 30 mΩ RDSON high current high voltage MOSEFT. It can
sustain voltage as high as 32V DC, protecting downstream
devices from high voltage surges.
When input voltage of ETA6121 exceed the OVP threshold, it
responses quickly and shuts off the MOSFET. The OVP threshold
is externally adjustable with resistors. There is also an
internally set current limit up to 5.5A for the switch. When
overload condition occurs, it goes into a hiccup mode to
protect the IC from over-heating. It also has an over-
temperature protection feature that turns off the MOSFET.
ETA6121 is available in CSP3X4 package.
Over voltage protection up to 32V
30mohm switch resistance
Externally adjustable OVP voltage
Fast Transient response
Internally set current limit
APPLICATIONS
Tablet, MID
Smart Phone
Car camera
Power bank
TYPICAL APPLICATION
ORDERING INFORMATION
PART No.
PACKAGE
TOP MARK
Pcs/Reel
ETA6121CSM
CSP3x4
6121
YWWL
YWW: data code
L: lot no
3000


Similar Part No. - ETA6121

ManufacturerPart #DatasheetDescription
logo
ETA SOLUTIONS CO. LIMIT...
ETA6122 ETA-ETA6122 Datasheet
276Kb / 1P
6-Pin CSP 30V Over-Voltage-Protection IC
ETA6122CSG ETA-ETA6122CSG Datasheet
276Kb / 1P
6-Pin CSP 30V Over-Voltage-Protection IC
More results

Similar Description - ETA6121

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
FPF2280 ONSEMI-FPF2280 Datasheet
655Kb / 7P
Over-Voltage Protection Load Switch
August-2017 Rev. 2
FPF2281 ONSEMI-FPF2281 Datasheet
284Kb / 7P
Over-Voltage Protection Load Switch
November-2017,Rev. 2
FPF2290 ONSEMI-FPF2290 Datasheet
528Kb / 8P
Over-Voltage Protection Load Switch
September-2017, Rev. 2
logo
Will Semiconductor Ltd.
WS3210 WILLSEMI-WS3210 Datasheet
904Kb / 9P
Over-Voltage Protection Load Switch
WS3210C62 WILLSEMI-WS3210C62 Datasheet
764Kb / 8P
Over-Voltage Protection Load Switch
WS3210C68 WILLSEMI-WS3210C68 Datasheet
732Kb / 8P
Over-Voltage Protection Load Switch
WS3213 WILLSEMI-WS3213 Datasheet
413Kb / 9P
Over-Voltage Protection Load Switch
WS3220 WILLSEMI-WS3220 Datasheet
794Kb / 10P
Over-Voltage Protection Load Switch
logo
Shanghai awinic technol...
AW33201 AWINIC-AW33201 Datasheet
931Kb / 17P
Over-Voltage Protection Load Switch
AW33801 AWINIC-AW33801 Datasheet
951Kb / 20P
Over-Voltage Protection Load Switch
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com