Electronic Components Datasheet Search
  English  ▼

X  

ETA7011 Datasheet(PDF) 1 Page - ETA SOLUTIONS CO. LIMITED

Part # ETA7011
Description  Unidirectional and Bidirectional configurable 20V Over-Voltage Protector
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETA [ETA SOLUTIONS CO. LIMITED]
Direct Link  http://www.etasolution.com
Logo ETA - ETA SOLUTIONS CO. LIMITED

ETA7011 Datasheet(HTML) 1 Page - ETA SOLUTIONS CO. LIMITED

  ETA7011 Datasheet HTML 1Page - ETA SOLUTIONS CO. LIMITED  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
ETA7011
www.etasolution.com
1
Powering Minds of the Smart
Unidirectional and Bidirectional configurable 20V Over-Voltage Protector
DESCRIPTION
FEATURES
ETA7011 is an innovative over voltage protector which can be
used either in unidirectional or bidirectional mode, by only
change the external connecting. In bidirectional mode, the
switch integrated in ETA7011 can shut off with the reverse
blocking function, no body diode anymore.
ETA7011 consists of a charge pump, a configurable power
MOSFET, a voltage reference, a gate driver and some logics
and protection modules. ETA7011 can react to a input surge
very fast and shut off the switch in 0.5us and stand the
voltage spike as high as 20V.
ETA7011 is in SOT23-6 package.
Unidirectional and Bidirectional configurable
Input OVP with 0.1us reaction time
Input standoff voltage up to 20V
10mohm Rdson in Unidirectional mode
40mohm Rdson in Bidirectional mode
Protection voltage programmable by Vfb=1.26V
SCP and OTP
APPLICATIONS
All electronic devices with input DC power plug
ORDERING INFORMATION
PART
PACKAGE
TOP MARK
ETA7011S2G
SOT23-6
MZYW (YW: date code)
TYPICAL APPLICATION
Typical application circuit in unidirectional mode


Similar Part No. - ETA7011

ManufacturerPart #DatasheetDescription
logo
ETA SOLUTIONS CO. LIMIT...
ETA7014 ETA-ETA7014 Datasheet
273Kb / 1P
36V High Side Over-Voltage Protector
ETA7014 ETA-ETA7014 Datasheet
1Mb / 8P
36V High Side Over-Voltage Protector
Rev 2.1
ETA7014D2I ETA-ETA7014D2I Datasheet
1Mb / 8P
36V High Side Over-Voltage Protector
Rev 2.1
ETA7014S2G ETA-ETA7014S2G Datasheet
273Kb / 1P
36V High Side Over-Voltage Protector
ETA7014S2G ETA-ETA7014S2G Datasheet
1Mb / 8P
36V High Side Over-Voltage Protector
Rev 2.1
More results

Similar Description - ETA7011

ManufacturerPart #DatasheetDescription
logo
Lite-On Technology Corp...
SMA6.8 LITEON-SMA6.8 Datasheet
50Kb / 4P
UNIDIRECTIONAL AND BIDIRECTIONAL TRANSIENT VOLTAGE SUPPRESSORS
logo
Microsemi Corporation
M1.5KE6.8A MICROSEMI-M1.5KE6.8A Datasheet
386Kb / 4P
Unidirectional and Bidirectional Transient Voltage Suppressor
logo
DONGGUAN YOU FENG WEI E...
P4KE6.8 YFWDIODE-P4KE6.8 Datasheet
97Kb / 3P
Unidirectional And Bidirectional
logo
Sangdest Microelectroni...
TPK15KPXX SMC-TPK15KPXX Datasheet
131Kb / 4P
Unidirectional and Bidirectional
logo
HY ELECTRONIC CORP.
1-5KE10C HY-1-5KE10C_17 Datasheet
143Kb / 5P
UNIDIRECTIONAL AND BIDIRECTIONAL TRANSIENT VOLTAGE SUPPRESSORS
P4KE10 HY-P4KE10_17 Datasheet
143Kb / 5P
UNIDIRECTIONAL AND BIDIRECTIONAL TRANSIENT VOLTAGE SUPPRESSORS
P4KE10C HY-P4KE10C_17 Datasheet
143Kb / 5P
UNIDIRECTIONAL AND BIDIRECTIONAL TRANSIENT VOLTAGE SUPPRESSORS
logo
ETA SOLUTIONS CO. LIMIT...
ETA7018 ETA-ETA7018 Datasheet
363Kb / 1P
20V Over-Voltage-Protector with 12mohm On Resistance
logo
HY ELECTRONIC CORP.
P4KE HY-P4KE_V01 Datasheet
472Kb / 4P
Unidirectional and Bidirectional Transient Voltage Suppressors
P4KEG HY-P4KEG Datasheet
472Kb / 4P
Unidirectional and Bidirectional Transient Voltage Suppressors
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com