Electronic Components Datasheet Search
  English  ▼

X  

ETA7018 Datasheet(PDF) 1 Page - ETA SOLUTIONS CO. LIMITED

Part # ETA7018
Description  20V Over-Voltage-Protector with 12mohm On Resistance
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETA [ETA SOLUTIONS CO. LIMITED]
Direct Link  http://www.etasolution.com
Logo ETA - ETA SOLUTIONS CO. LIMITED

ETA7018 Datasheet(HTML) 1 Page - ETA SOLUTIONS CO. LIMITED

  ETA7018 Datasheet HTML 1Page - ETA SOLUTIONS CO. LIMITED  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
ETA7018
www.etasolution.com
1
Powering Minds of the Smart
20V Over-Voltage-Protector with 12mohm On Resistance
DESCRIPTION
FEATURES
ETA7018 is a 20V low side Over-Voltage-Protection (OVP) IC
with only 12mohm switch resistance. It employs a low side
protection topology which ensure a very low on resistance
together with a high protection voltage.
ETA7018 is consist of a voltage comparator, a switch driver and
a 12mohm power NMOS.
ETA7018 is available in both SOT23-6 package.
Over voltage protection up to 20V
12mohm switch resistance
Protection voltage adjustable
Switch on speed adjustable
APPLICATIONS
Tablet, MID
Smart Phone
Car camera
Power bank
TYPICAL APPLICATION
* R1 can be replaced by a Zener Diode
ORDERING INFORMATION
PART No.
PACKAGE
TOP MARK
Pcs/Reel
ETA7018S2G
SOT23-6
FeYW
3000
*


Similar Part No. - ETA7018

ManufacturerPart #DatasheetDescription
logo
ETA SOLUTIONS CO. LIMIT...
ETA7011 ETA-ETA7011 Datasheet
273Kb / 1P
Unidirectional and Bidirectional configurable 20V Over-Voltage Protector
ETA7011S2G ETA-ETA7011S2G Datasheet
273Kb / 1P
Unidirectional and Bidirectional configurable 20V Over-Voltage Protector
ETA7014 ETA-ETA7014 Datasheet
273Kb / 1P
36V High Side Over-Voltage Protector
ETA7014 ETA-ETA7014 Datasheet
1Mb / 8P
36V High Side Over-Voltage Protector
Rev 2.1
ETA7014D2I ETA-ETA7014D2I Datasheet
1Mb / 8P
36V High Side Over-Voltage Protector
Rev 2.1
More results

Similar Description - ETA7018

ManufacturerPart #DatasheetDescription
logo
International Rectifier
IRFZ48V IRF-IRFZ48V Datasheet
111Kb / 8P
Power MOSFET(Vdss=60V, Rds(on)=12mohm, Id=72A)
logo
Anpec Electronics Corop...
APX1690 ANPEC-APX1690 Datasheet
79Kb / 8P
9-Set Over Voltage Protector
logo
ETA SOLUTIONS CO. LIMIT...
ETA7008 ETA-ETA7008 Datasheet
366Kb / 1P
36V Over-Voltage-Protector with 34mohm On Resistance
ETA7011 ETA-ETA7011 Datasheet
273Kb / 1P
Unidirectional and Bidirectional configurable 20V Over-Voltage Protector
ETA7014 ETA-ETA7014 Datasheet
273Kb / 1P
36V High Side Over-Voltage Protector
ETA7016 ETA-ETA7016 Datasheet
281Kb / 1P
36V Surge Voltage High Side Over-Voltage Protector with 500V 7V TVS in DFN3x3
ETA7028 ETA-ETA7028 Datasheet
321Kb / 1P
36V Over-Voltage-Protector with 30mohm On Resistance
ETA7116 ETA-ETA7116 Datasheet
280Kb / 1P
36V Surge Voltage High Side Over Voltage Protector with 300V 13.2V TVS in DFN3x3
ETA70084 ETA-ETA70084 Datasheet
362Kb / 1P
50V Over Voltage Protector with 43 mohm On Resistance
ETA70086 ETA-ETA70086 Datasheet
365Kb / 1P
75V Over Voltage Protector with 80 mohm On Resistance
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com