Electronic Components Datasheet Search
  English  ▼

X  

ETA7116 Datasheet(PDF) 1 Page - ETA SOLUTIONS CO. LIMITED

Part # ETA7116
Description  36V Surge Voltage High Side Over Voltage Protector with 300V 13.2V TVS in DFN3x3
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETA [ETA SOLUTIONS CO. LIMITED]
Direct Link  http://www.etasolution.com
Logo ETA - ETA SOLUTIONS CO. LIMITED

ETA7116 Datasheet(HTML) 1 Page - ETA SOLUTIONS CO. LIMITED

  ETA7116 Datasheet HTML 1Page - ETA SOLUTIONS CO. LIMITED  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
ETA7116
www.etasolution.com
1
Powering Minds of the Smart
36V Surge Voltage High Side Over-Voltage Protector with 300V 13.2V TVS in
DFN3x3
DESCRIPTION
FEATURES
ETA7116 is a 36V surge voltage over voltage protector (OVP)
integrated with a 300V 13.2V TVS diode, which has a very low
33mohm on resistance. It can be used as an OVP device or a
high voltage switch at power input port.
ETA7116 consists of a charge pump, a configurable power
MOSFET, a voltage reference, a gate driver, some logics,
protection modules and a 300V 13.2V TVS diode. ETA7116 can
react to an input surge very fast and shut off the switch in less
than 0.1us and stand the voltage spike as high as 36V.
ETA7116 is in DFN3x3-12 package.
Operation Voltage up to 13.2V
36V surge voltage
33mohm on resistance
Input OVP with 0.1us reaction time
300V TVS
Protection voltage programmable by Vfb=1.26V
SCP and OTP
Enable pin available for switch on and off
APPLICATIONS
All electronic devices with input DC power plug
Cellphone
E-Cigarette
Car Camera
TYPICAL APPLICATION
ORDERING INFORMATION
PART
PACKAGE
TOP MARK
Pcs/Reel
ETA7116D3M
DFN3x3-12
ETA7116
YWW2L
5000


Similar Part No. - ETA7116

ManufacturerPart #DatasheetDescription
logo
ETA SOLUTIONS CO. LIMIT...
ETA7008 ETA-ETA7008 Datasheet
366Kb / 1P
36V Over-Voltage-Protector with 34mohm On Resistance
ETA70084 ETA-ETA70084 Datasheet
362Kb / 1P
50V Over Voltage Protector with 43 mohm On Resistance
ETA70084D2G ETA-ETA70084D2G Datasheet
362Kb / 1P
50V Over Voltage Protector with 43 mohm On Resistance
ETA70086 ETA-ETA70086 Datasheet
365Kb / 1P
75V Over Voltage Protector with 80 mohm On Resistance
ETA70086D2G ETA-ETA70086D2G Datasheet
365Kb / 1P
75V Over Voltage Protector with 80 mohm On Resistance
More results

Similar Description - ETA7116

ManufacturerPart #DatasheetDescription
logo
Anpec Electronics Corop...
APX1690 ANPEC-APX1690 Datasheet
79Kb / 8P
9-Set Over Voltage Protector
logo
Maxim Integrated Produc...
MAX14562 MAXIM-MAX14562 Datasheet
1Mb / 10P
36V-Capable Overvoltage Protector with Regulated Output Voltage
Rev 1; 8/11
logo
Fairchild Semiconductor
FR014H5JZ FAIRCHILD-FR014H5JZ Datasheet
809Kb / 12P
High-Side Reverse Bias / Reverse Polarity Protector With Integrated Over Voltage Transient Suppression
logo
ETA SOLUTIONS CO. LIMIT...
ETA7008 ETA-ETA7008 Datasheet
366Kb / 1P
36V Over-Voltage-Protector with 34mohm On Resistance
ETA7014 ETA-ETA7014 Datasheet
273Kb / 1P
36V High Side Over-Voltage Protector
ETA7016 ETA-ETA7016 Datasheet
281Kb / 1P
36V Surge Voltage High Side Over-Voltage Protector with 500V 7V TVS in DFN3x3
ETA7018 ETA-ETA7018 Datasheet
363Kb / 1P
20V Over-Voltage-Protector with 12mohm On Resistance
ETA7028 ETA-ETA7028 Datasheet
321Kb / 1P
36V Over-Voltage-Protector with 30mohm On Resistance
logo
Lowpower Semiconductor ...
LP5304 POWER-LP5304 Datasheet
511Kb / 6P
36V/5A Over Voltage Protection IC
logo
ABLE Power Products
SPD ABLEPOWERPRODUCTS-SPD Datasheet
234Kb / 1P
Over Voltage & Under Voltage Cut-Off With Surge Protection Device
2/16/2023
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com