Electronic Components Datasheet Search
  English  ▼

X  

HT7130 Datasheet(PDF) 4 Page - SHENZHEN FUMAN ELECTRONICS CO., LTD.

Part # HT7130
Description  30mA Linear Regulator
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FUMAN [SHENZHEN FUMAN ELECTRONICS CO., LTD.]
Direct Link  http://www.superchip.cn
Logo FUMAN - SHENZHEN FUMAN ELECTRONICS CO., LTD.

HT7130 Datasheet(HTML) 4 Page - SHENZHEN FUMAN ELECTRONICS CO., LTD.

  HT7130 Datasheet HTML 1Page - SHENZHEN FUMAN ELECTRONICS CO., LTD. HT7130 Datasheet HTML 2Page - SHENZHEN FUMAN ELECTRONICS CO., LTD. HT7130 Datasheet HTML 3Page - SHENZHEN FUMAN ELECTRONICS CO., LTD. HT7130 Datasheet HTML 4Page - SHENZHEN FUMAN ELECTRONICS CO., LTD.  
Zoom Inzoom in Zoom Outzoom out
 4 / 4 page
background image
深圳市富满电子有限公司
SHENZHEN FUMAN ELECTRONICS CO., LTD.
HT71XX 系列(文件编号:S&CIC0914)
30mA 线性稳压调节器
第 4 页 共 4 页
十、
封装尺寸图
符号
规格(mil)
最小
最大
A
170
200
B
170
200
C
500
—
D
11
20
E
90
110
F
45
55
G
45
65
H
130
160
I
8
18
α
4°
6°



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com