Electronic Components Datasheet Search
  English  ▼

X  

ETA9158 Datasheet(PDF) 1 Page - ETA SOLUTIONS CO. LIMITED

Part # ETA9158
Description  PMU with 3 Channel of 18V, 2A Step-down Converter and I2C Control
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETA [ETA SOLUTIONS CO. LIMITED]
Direct Link  http://www.etasolution.com
Logo ETA - ETA SOLUTIONS CO. LIMITED

ETA9158 Datasheet(HTML) 1 Page - ETA SOLUTIONS CO. LIMITED

  ETA9158 Datasheet HTML 1Page - ETA SOLUTIONS CO. LIMITED  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
ETA9158
www.ETAsolution.com
Outperform with Efficiency
Proprietary Information DO NOT Distribute
1
PMU with 3 Channel of 18V, 2A Step-down Converter and I2C Control
DESCRIPTION
The ETA9158 is a Power Manager Unit (PMU) that consists
of three wide input range, high-efficiency, and high
frequency DC-to-DC step-down switching regulators. Each
regulator is capable of delivering up to 2A of output
current with a fixed switching frequency of 640KHZ. The
three regulators run 120o out of phases, minimizing input
capacitor and input ripple. The output voltages of the three
regulators can be programmed via I2C interface, in 10mV
steps, making this PMU an ideal solution for ARM core
based applications.
ETA9158 is available DFN55-40 Package.
FEATURES
Wide Input Operating Range from 4V to 18V
High Efficiency at 12V In 5V Out: Up to 91%:
High Efficiency PFM mode at light load
I2C Controlled 6-BIT VID Output Votlage
Available in QFN55-40 Package
APPLICATIONS
Next Generation Smart Set Top Box
Next Generation Smart TV
ORDERING INFORMATION
PART #
PACKAGE PIN
TOP MARK
ETA9158Q5N-T
DFN55-40
ETA9185
YW
Date Code
Product Number
PIN CONFIGURATION
1
2
3
4
5
6
7
11
12
13
14
15
16
17
EP
(Exposed pad)
SS1
FB1
EN
SW1
SW1
BST1
8
9
10
NC
NC
NC
18
19
20
40
39
38
37
36
35
34
33
32
31
30
29
28
27
26
25
24
NC
SS3
FB3
PGOOD
SW3
SW3
BST3
23
22
21
NC
NC
NC
NC
QFN55-40
ETA9158


Similar Part No. - ETA9158

ManufacturerPart #DatasheetDescription
logo
ETA SOLUTIONS CO. LIMIT...
ETA9185 ETA-ETA9185 Datasheet
492Kb / 10P
Ultra Low Power 5V Boost Converter, 20V Linear Charger and Fuel Gauge All-in-One Solution for TWS Charge Cradle
ETA9185D3K ETA-ETA9185D3K Datasheet
492Kb / 10P
Ultra Low Power 5V Boost Converter, 20V Linear Charger and Fuel Gauge All-in-One Solution for TWS Charge Cradle
ETA9185E10 ETA-ETA9185E10 Datasheet
492Kb / 10P
Ultra Low Power 5V Boost Converter, 20V Linear Charger and Fuel Gauge All-in-One Solution for TWS Charge Cradle
More results

Similar Description - ETA9158

ManufacturerPart #DatasheetDescription
logo
Richtek Technology Corp...
RT7237B RICHTEK-RT7237B Datasheet
272Kb / 15P
2A, 18V, 1.2MHz Synchronous Step-Down Converter
RT7247B RICHTEK-RT7247B Datasheet
272Kb / 15P
2A, 18V, 1.2MHz Synchronous Step-Down Converter
logo
Active-Semi, Inc
ACT2102 ACTIVE-SEMI-ACT2102 Datasheet
707Kb / 16P
18V/2A Step-Down DC/DC Converter
Rev 2, 23-May-12
ACT4060B ACTIVE-SEMI-ACT4060B Datasheet
705Kb / 16P
18V/2A Step-Down DC/DC Converter
Rev 1, 23-May-12
logo
SHANGHAI BELLING CO., L...
BL8032 BELLING-BL8032 Datasheet
1Mb / 8P
500KHz, 18V, 2A Synchronous Step-Down Converter
BL8032H BELLING-BL8032H Datasheet
986Kb / 8P
1MHz, 18V, 2A Synchronous Step-Down Converter
BL8035 BELLING-BL8035 Datasheet
1Mb / 8P
500KHz, 18V, 2A Synchronous Step-Down Converter
logo
ACE Technology Co., LTD...
ACE726C ACE-ACE726C Datasheet
561Kb / 11P
500KHz, 18V, 2A Synchronous Step-Down Converter
VER 1.1
logo
Guangdong Kexin Industr...
MP1482 KEXIN-MP1482 Datasheet
1Mb / 4P
2A, 18V Synchronous Rectified Step-Down Converter
logo
Shenzhen Huazhimei Semi...
HM1470H HMSEMI-HM1470H Datasheet
1Mb / 8P
1MHz, 18V, 2A Synchronous Step-Down Converter
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com