Electronic Components Datasheet Search
  English  ▼

X  

ETA9635 Datasheet(PDF) 1 Page - ETA SOLUTIONS CO. LIMITED

Part # ETA9635
Description  Power Management Unit for Power Banks
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETA [ETA SOLUTIONS CO. LIMITED]
Direct Link  http://www.etasolution.com
Logo ETA - ETA SOLUTIONS CO. LIMITED

ETA9635 Datasheet(HTML) 1 Page - ETA SOLUTIONS CO. LIMITED

  ETA9635 Datasheet HTML 1Page - ETA SOLUTIONS CO. LIMITED  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
ETA9635
www.ETAsolution.com
Proprietary Information DO NOT Distribute
1
Power Management Unit for Power Banks
DESCRIPTION
The ETA9635 is a fully integrated power management unit
specifically designed for Power Bank, Mobile Charger,
Backup Battery Charger applications. It consists of a high
efficiency synchronous step-up boost converter and a linear
battery charger. The boost can provide up to 1A output
current at 5V of from a Li-Ion battery input voltage, while the
charger can charge up to 1A of current from an AC adapter
input. The boost incorporates circuits that disconnect the
input from output, during shutdown, short-circuit, output
current overloading, or other events when output is higher
than the input. This not only eliminates the need for an
external MOSFET and its control circuitry to disconnect the
input from output, also provides robust output overload
protection. Using a patent pending technique to drive the
charger LED indicator, it eliminates the need for a micro-
controller normally needed in mobile chargers. While saving
the cost of a micro-controller, since the whole units only
consumes less than 50uA of quiescent current during no
load, when considering standby time for one charge, it is a
much superior solution comparing to the traditional solution
that needs a micro-controller which normally consumes up
to 1mA current.
ETA9635 is available in ESOP8 package.
FEATURES
2in 1: A Synchronous boost plus A Charger
Short-circuit Protection
5W Output Power for the Boost
Boost Output to Input Reversed Current Protection
Up to 1A Charging
Up to 96% Efficiency during Boosting
50μA No load IQ
Programmable Charging Current
APPLICATIONS
Power Banks, Mobile back-up Battery Chargers
ORDERING INFORMATION
PART #
PACKAGE PIN TOP MARK
ETA9635E8A
ESOP-8
ETA9635
YWWPL
Date Code
Product Number
TYPICAL APPLICATION
GND
BATT
USB_OUT
VUSB_OUT5V
6.8uH
EN_BST
4.7μF
SW
VBATT 3.6V
2
.2nF
6.3V
22μF x2
4
2
3
1
4
2
3
1
AC_IN
ISET
LED
5
1K
Micro USB


Similar Part No. - ETA9635

ManufacturerPart #DatasheetDescription
logo
ETA SOLUTIONS CO. LIMIT...
ETA9638 ETA-ETA9638 Datasheet
271Kb / 1P
5V/1A Synchronous Boost with 1A Linear Charger for Power Bank
ETA9638E8A ETA-ETA9638E8A Datasheet
271Kb / 1P
5V/1A Synchronous Boost with 1A Linear Charger for Power Bank
ETA9639 ETA-ETA9639 Datasheet
216Kb / 1P
5V/1A Synchronous Boost with 1A Linear Charger for Power Bank
ETA9639E8A ETA-ETA9639E8A Datasheet
216Kb / 1P
5V/1A Synchronous Boost with 1A Linear Charger for Power Bank
More results

Similar Description - ETA9635

ManufacturerPart #DatasheetDescription
logo
ams AG
AS3653 AMSCO-AS3653 Datasheet
140Kb / 2P
Power Management Unit for Mobile Phones
logo
STMicroelectronics
L6382D STMICROELECTRONICS-L6382D Datasheet
256Kb / 14P
Power management unit for microcontrolled ballast
Jan-2005
L6382D STMICROELECTRONICS-L6382D_07 Datasheet
297Kb / 22P
Power management unit for microcontrolled ballast
21-Mar-2007
L6382D5 STMICROELECTRONICS-L6382D5 Datasheet
263Kb / 21P
Power management unit for microcontrolled ballast
22-Mar-2007
logo
National Semiconductor ...
LM26484 NSC-LM26484 Datasheet
1Mb / 18P
Power Management Unit
logo
Texas Instruments
TPS658310 TI1-TPS658310 Datasheet
141Kb / 6P
Power Management Unit
TPS65917-Q1 TI1-TPS65917-Q1 Datasheet
770Kb / 12P
Power Management Unit (PMU) for Processor
TPS65917-Q1 TI1-TPS65917-Q1_17 Datasheet
1Mb / 87P
Power Management Unit (PMU) for Processor
TPS65917-Q1_017 TI1-TPS65917-Q1_017 Datasheet
2Mb / 89P
Power Management Unit (PMU) for Processor
TPS65919-Q1 TI1-TPS65919-Q1_17 Datasheet
2Mb / 87P
Power Management Unit (PMU) for Processor
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com