Electronic Components Datasheet Search
  English  ▼

X  

ETA9640 Datasheet(PDF) 1 Page - ETA SOLUTIONS CO. LIMITED

Part # ETA9640
Description  5V/1A Synchronous Boost with 1A Linear Charger for Power Bank
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETA [ETA SOLUTIONS CO. LIMITED]
Direct Link  http://www.etasolution.com
Logo ETA - ETA SOLUTIONS CO. LIMITED

ETA9640 Datasheet(HTML) 1 Page - ETA SOLUTIONS CO. LIMITED

  ETA9640 Datasheet HTML 1Page - ETA SOLUTIONS CO. LIMITED  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
ETA9640
www.etasolution.com
1
Powering Minds of the Smart
5V/1A Synchronous Boost with 1A Linear Charger for Power Bank
DESCRIPTION
FEATURES
The ETA9640 is a fully integrated power management unit
specifically designed for Power Bank, Mobile Charger, Backup
Battery Charger applications. It consists of a high efficiency
synchronous step-up boost converter and a linear battery
charger. The boost can provide up to 1A output current at 5V
of from a Li-Ion battery input voltage, while the charger can
charge up to 1A of current from an AC adapter input. The boost
incorporates circuits that disconnect the input from output,
during shutdown, short-circuit, output current overloading, or
other events when output is higher than the input. This not only
eliminates the need for an external MOSFET and its control
circuitry to disconnect the input from output, also provides
robust output overload protection. Using a patent pending
technique to drive the charger LED indicator, it eliminates the
need for a micro-controller normally needed in mobile
chargers. While saving the cost of a micro-controller, since
the whole units only consumes less than 100uA of quiescent
current during no load, when considering standby time for one
charge, it is a much superior solution comparing to the
traditional solution that needs a micro-controller which
normally consumes up to 1mA current.
ETA9640 is available in ESOP8 package.
2in 1: A Synchronous boost plus A Charger
Short-circuit Protection
5W Output Power for the Boost
Boost Output to Input Reversed Current Protection
Up to 1A Charging
Up to 96% Efficiency during Boosting
100μA No load IQ
Programmable Charging Current
APPLICATIONS
Portable Power Bank
Portable 3G/4G WiFi Hotspot
Tablet PC
Portable Device power with Li-ion battery and USB output
ORDERING INFORMATION
PART
PACKAGE PIN
TOP MARK
ETA9640E8A
ESOP-8
ETA9640
YWWPL ( Date Code)
TYPICAL APPLICATION
Typical Application Circuit
8
7
6
5
1
2
3
4
ETA9640
18650
锂电池
22uF
10uF
2.2-4.7uH
1nF
47K
10K
10uF
1.2K
Mini USB
USB
V+
D+
D-
V-
120K
36K
100K
放电指示部分,可省略
充电电流(A)
1000/1.2K
电量指示灯
1uF


Similar Part No. - ETA9640

ManufacturerPart #DatasheetDescription
logo
ETA SOLUTIONS CO. LIMIT...
ETA9635 ETA-ETA9635 Datasheet
122Kb / 1P
Power Management Unit for Power Banks
ETA9635E8A ETA-ETA9635E8A Datasheet
122Kb / 1P
Power Management Unit for Power Banks
ETA9638 ETA-ETA9638 Datasheet
271Kb / 1P
5V/1A Synchronous Boost with 1A Linear Charger for Power Bank
ETA9638E8A ETA-ETA9638E8A Datasheet
271Kb / 1P
5V/1A Synchronous Boost with 1A Linear Charger for Power Bank
ETA9639 ETA-ETA9639 Datasheet
216Kb / 1P
5V/1A Synchronous Boost with 1A Linear Charger for Power Bank
More results

Similar Description - ETA9640

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
CS8121 ONSEMI-CS8121 Datasheet
102Kb / 8P
5V, 1A Linear Regulator
December, 2001 - Rev. 7
logo
ETA SOLUTIONS CO. LIMIT...
ETA9638 ETA-ETA9638 Datasheet
271Kb / 1P
5V/1A Synchronous Boost with 1A Linear Charger for Power Bank
ETA9639 ETA-ETA9639 Datasheet
216Kb / 1P
5V/1A Synchronous Boost with 1A Linear Charger for Power Bank
ETA9686 ETA-ETA9686 Datasheet
170Kb / 1P
Power SOC with 5V/2.1A Output and 1A linear Charger
ETA9687 ETA-ETA9687 Datasheet
206Kb / 1P
Power SOC with 5V/2.1A Output and 1A linear Charger
ETA9688 ETA-ETA9688 Datasheet
168Kb / 1P
5V/2.1A Synchronous Boost with 1A linear Charger
ETA9689 ETA-ETA9689 Datasheet
169Kb / 1P
Power SOC with 5V/2.1A Output and 1A linear Charger
logo
Shaanxi Reactor Micro...
RM3256S REACTOR-RM3256S Datasheet
600Kb / 3P
5V/1A charger application
logo
Shenzhen Huazhimei Semi...
HM5904 HMSEMI-HM5904 Datasheet
4Mb / 15P
Power Bank IC with 1A Linear Charger and 30V Boost L ED Driver
HM5902 HMSEMI-HM5902 Datasheet
3Mb / 15P
Power Bank IC with 1A Linear Charger and 1.2A Boost Converter
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com