Electronic Components Datasheet Search
  English  ▼

X  

ETA9688 Datasheet(PDF) 1 Page - ETA SOLUTIONS CO. LIMITED

Part # ETA9688
Description  5V/2.1A Synchronous Boost with 1A linear Charger
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETA [ETA SOLUTIONS CO. LIMITED]
Direct Link  http://www.etasolution.com
Logo ETA - ETA SOLUTIONS CO. LIMITED

ETA9688 Datasheet(HTML) 1 Page - ETA SOLUTIONS CO. LIMITED

  ETA9688 Datasheet HTML 1Page - ETA SOLUTIONS CO. LIMITED  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
ETA9688
www.etasolution.com
1
Powering Minds of the Smart
5V/2.1A Synchronous Boost with 1A linear Charger
DESCRIPTION
FEATURES
ETA9688 is a 5V/2.1A synchronous boost integrated with
1A linear charger. It is capable of delivering 2.1A at the 5V
output and can charge at its input with up to 1A charging
current. A highly integrated synchronous boost
converter that can provide efficiency as high as 97% and
a simple linear charge that provides fast charge current
up to 1A are both integrated in ETA9688. For USB charger
application, ETA9688 is designed a BC1.2 compliant D+/D-
interface for cellphone and tablet PC charging. With all of
these highly integrated features, it makes ETA9688 an
ideal solution for E-cigarette and Power bank or
applications alike.
ETA9688 is available in DFN3x3-12 package.
Up to 97% Energy Converting Efficiency
Up to 2.1A output current at 5V output, 3.3V input
Dedicated Charging Port (DCP) emulator with BC1.2
compliant
True Shut off during shutdown and output short-
circuit protection
Thermal Shutdown
DFN3x3-12
APPLICATIONS
E-cigarette
Power Bank
ORDERING INFORMATION
PART ID
PACKAGE
TOP MARK
ETA9688D3M
DFN3x3-12
ETA9688
YWW2L
TYPICAL APPLICATION
ETA9688
ACIN
BAT
D+/D-
EN
SW
OUT
ISET
LED
GA
GP
SW
OUT
USB Input
10uF
Li-ion
Battery
10uF
2.2uH
22uF x 2
USB 5V output
Output
USB D+/D-
Blue LED
Typical application circuit of ETA9688


Similar Part No. - ETA9688

ManufacturerPart #DatasheetDescription
logo
ETA SOLUTIONS CO. LIMIT...
ETA9686 ETA-ETA9686 Datasheet
170Kb / 1P
Power SOC with 5V/2.1A Output and 1A linear Charger
ETA9686D3M ETA-ETA9686D3M Datasheet
170Kb / 1P
Power SOC with 5V/2.1A Output and 1A linear Charger
ETA9687 ETA-ETA9687 Datasheet
206Kb / 1P
Power SOC with 5V/2.1A Output and 1A linear Charger
ETA9687E8A ETA-ETA9687E8A Datasheet
206Kb / 1P
Power SOC with 5V/2.1A Output and 1A linear Charger
ETA9689 ETA-ETA9689 Datasheet
169Kb / 1P
Power SOC with 5V/2.1A Output and 1A linear Charger
More results

Similar Description - ETA9688

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
BQ24195 TI-BQ24195 Datasheet
2Mb / 41P
I2C Controlled 2.5A / 4.5A Single Cell USB/Adapter Charger With 5.1V at 1A / 5.1V at 2.1A Synchronous Boost Operation
logo
Seaward Electronics Inc...
SE9093 SEAWARD-SE9093 Datasheet
313Kb / 6P
8-Pin PMU with Linear Charger and Synchronous Boost
logo
TECHCODE SEMICONDUCTOR,...
TD8577 TECHCODE-TD8577 Datasheet
949Kb / 19P
5V 2.1A 1.2MHz Synchronous Boost Converter
logo
ETA SOLUTIONS CO. LIMIT...
ETA9638 ETA-ETA9638 Datasheet
271Kb / 1P
5V/1A Synchronous Boost with 1A Linear Charger for Power Bank
ETA9639 ETA-ETA9639 Datasheet
216Kb / 1P
5V/1A Synchronous Boost with 1A Linear Charger for Power Bank
ETA9640 ETA-ETA9640 Datasheet
214Kb / 1P
5V/1A Synchronous Boost with 1A Linear Charger for Power Bank
ETA9686 ETA-ETA9686 Datasheet
170Kb / 1P
Power SOC with 5V/2.1A Output and 1A linear Charger
ETA9687 ETA-ETA9687 Datasheet
206Kb / 1P
Power SOC with 5V/2.1A Output and 1A linear Charger
ETA9689 ETA-ETA9689 Datasheet
169Kb / 1P
Power SOC with 5V/2.1A Output and 1A linear Charger
logo
Shaanxi Reactor Micro...
RM3257S REACTOR-RM3257S Datasheet
346Kb / 3P
5V/2.1A charger application
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com