Electronic Components Datasheet Search
  English  ▼

X  

SC662K Datasheet(PDF) 3 Page - SHENZHEN FUMAN ELECTRONICS CO., LTD.

Part # SC662K
Description  250mA Low Dropout Voltage Regulator IC
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FUMAN [SHENZHEN FUMAN ELECTRONICS CO., LTD.]
Direct Link  http://www.superchip.cn
Logo FUMAN - SHENZHEN FUMAN ELECTRONICS CO., LTD.

SC662K Datasheet(HTML) 3 Page - SHENZHEN FUMAN ELECTRONICS CO., LTD.

  SC662K Datasheet HTML 1Page - SHENZHEN FUMAN ELECTRONICS CO., LTD. SC662K Datasheet HTML 2Page - SHENZHEN FUMAN ELECTRONICS CO., LTD. SC662K Datasheet HTML 3Page - SHENZHEN FUMAN ELECTRONICS CO., LTD.  
Zoom Inzoom in Zoom Outzoom out
 3 / 3 page
background image
深圳市富满电子集团股份有限公司
SHEN ZHEN FINE MAD ELECTRONICS GROUP CO., LTD.
SC662K (文件编号:S&CIC0901)
250mA 低压差电压稳压器 IC
第 3 页 共 3 页
七、 极限参数
参数
符号
极限值
单位
Vin 脚电压
VIN
7.0
V
Vout 脚电流
Iout
500
mA
Vout 脚电压
Vout
Vss-0.3 ~ Vout+0.3
V
允许最大功耗(SOT23-3)
Pd
500
mW
工作温度
Topr
-25 ~ +85
℃
存贮温度
Tstg
-40 ~ +125
℃
八、
典型应用



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com