Electronic Components Datasheet Search
  English  ▼

X  

SC9167 Datasheet(PDF) 3 Page - SHENZHEN FUMAN ELECTRONICS CO., LTD.

Part # SC9167
Description  300mA CMOS LDO
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FUMAN [SHENZHEN FUMAN ELECTRONICS CO., LTD.]
Direct Link  http://www.superchip.cn
Logo FUMAN - SHENZHEN FUMAN ELECTRONICS CO., LTD.

SC9167 Datasheet(HTML) 3 Page - SHENZHEN FUMAN ELECTRONICS CO., LTD.

  SC9167 Datasheet HTML 1Page - SHENZHEN FUMAN ELECTRONICS CO., LTD. SC9167 Datasheet HTML 2Page - SHENZHEN FUMAN ELECTRONICS CO., LTD. SC9167 Datasheet HTML 3Page - SHENZHEN FUMAN ELECTRONICS CO., LTD. SC9167 Datasheet HTML 4Page - SHENZHEN FUMAN ELECTRONICS CO., LTD. SC9167 Datasheet HTML 5Page - SHENZHEN FUMAN ELECTRONICS CO., LTD. SC9167 Datasheet HTML 6Page - SHENZHEN FUMAN ELECTRONICS CO., LTD.  
Zoom Inzoom in Zoom Outzoom out
 3 / 6 page
background image
深圳市富满电子有限公司
SHENZHEN FUMAN ELECTRONICS CO., LTD.
SC9167 (文件编号:S&CIC0661)
300mA CMOS LDO
第 3 页 共 6 页
Thermal Information
Parameter
Package
Die Attach
Symbol
Max
Unit
Thermal resistance
(Junction to case)
*SOT-25
Conductive Epoxy
θ
JC
81
℃/W
Thermal resistance
(Junction to ambient)
SOT-25
Conductive Epoxy
θ
JA
260
Internal power
Dissipation
SOT-25
Conductive Epoxy
PD
400
mW
Maximum junction temperature
150
℃
Solder lron (10Sec)**
350
℃
* MeasureθJC on center of molding compound if IC has no tab.
** MIL-STD-202G 210F
Electrical Specifications (TA=25℃ unless otherwise noted)
parameter
Symbol
Test Condition
Min
Typ
Max
Units
Input voltage
VIN
--
Note 1
--
6.5
V
Output voltage
accuracy
Vo
Io=1mA
-1.5
--
1.5
%
Io=300mA
-2.5
--
2.5
Dropout voltage
VDROPOUT
Io=300mA
Vo=Vo(NOM)
-2.0%
1.2V≤Vo(NOM)≤2.0V
--
--
1300
mV
2.0V<Vo(NOM)≤2.8V
--
--
400
2.8<Vo(NOM)
--
--
300
Output current
Io
Vo>1.2V
300
--
--
mA
Current limit
ILIM
Vo>1.2V
300
450
--
mA
Short circuit current,
Note2
Isc
Vo<0.8V
--
150
300
mA
Quiescent current
IQ
Io=0mA
--
30
50
uA
Ground pin current
IGND
Io=1mA to 300mA
--
35
--
uA
Line regulation
REGLINE
Io=1mA
VIN=Vo+1 to
Vo+2
1.2V≤Vo≤1.4V
-0.2
--
0.2
%
1.4V<Vo≤2.0V
-0.15
--
0.15
2.0V<Vo<4.0V
-0.1
0.02
0.1
4.0V<Vo
-0.4
0.2
0.4
Load regulation
REGLOAD
Io=1mA to 300mA
-1
0.2
1
%
Over temperature shutdown
OTS
--
150
--
℃
Over temperature hysterics
OTH
--
30
--
℃
Vo temperature coefficient
TC
--
30
--
ppm/℃
Power supply rejection
PSRR
Io=100mA
Co=2.2uF
f=100Hz
--
60
--
dB
f=1KHz
--
50
--
dB
f=10KHz
--
20
--
dB
Output voltage noise
eN
f=10Hz to
100KHz
Io=10mA
Co=2.2uF
--
30
--
uVrms



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com